Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF5300PCBA-41X Datasheet(PDF) 8 Page - RF Micro Devices

Part # RF5300PCBA-41X
Description  3V, 5GHz LINEAR POWER AMPLIFIER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5300PCBA-41X Datasheet(HTML) 8 Page - RF Micro Devices

Back Button RF5300PCBA-41X Datasheet HTML 2Page - RF Micro Devices RF5300PCBA-41X Datasheet HTML 3Page - RF Micro Devices RF5300PCBA-41X Datasheet HTML 4Page - RF Micro Devices RF5300PCBA-41X Datasheet HTML 5Page - RF Micro Devices RF5300PCBA-41X Datasheet HTML 6Page - RF Micro Devices RF5300PCBA-41X Datasheet HTML 7Page - RF Micro Devices RF5300PCBA-41X Datasheet HTML 8Page - RF Micro Devices RF5300PCBA-41X Datasheet HTML 9Page - RF Micro Devices RF5300PCBA-41X Datasheet HTML 10Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8 of 10
RF5300
Rev A9 DS070820
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Typical Gain versus POUT
VCC=3.3V, VREG=2.8V @ 25°C and @ 50% Duty Cycle
20.0
22.0
24.0
26.0
28.0
30.0
32.0
34.0
36.0
38.0
40.0
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
20.0
22.0
POUT (dBm)
Gain Vs Pout @ 4900MHz"
Gain Vs Pout @ 5500MHz
Gain Vs Pout @ 5850MHz
Typical EVM versus POUT
VCC=3.3V, VREG=2.8V @ 25°C and @ 50% Duty Cycle
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
20.0
22.0
POUT (dBm)
EVM Vs Pout @ 4900MHz"
EVM Vs Pout @ 5500MHz
EVM Vs Pout @ 5850MHz
Typical ICC versus POUT
VCC=3.3V, VREG=2.8V @ 25°C and @ 50% Duty Cycle
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
0.00
2.00
4.00
6.00
8.00 10.00 12.00 14.00 16.00 18.00 20.00 22.00
POUT (dBm)
ICC Vs Pout @ 4900MHz"
ICC Vs Pout @ 5500MHz
ICC Vs Pout @ 5850MHz
Typical IREG versus POUT
VCC=3.3V, VREG=2.8V @ 25°C and @ 50% Duty Cycle
0.000
0.002
0.004
0.006
0.008
0.010
0.012
0.014
0.016
0.018
0.020
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
20.0
22.0
POUT (dBm)
Ireg Vs Pout @ 4900MHz"
Ireg Vs Pout @ 5500MHz
Ireg Vs Pout @ 5850MHz
Typical PDET versus POUT
VCC=3.3V, VREG=2.8V @ 25°C and @ 50% Duty Cycle
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
20.0
22.0
POUT (dBm)
Pdet Vs Pout @ 4900MHz"
Pdet Vs Pout @ 5500MHz
Pdet Vs Pout @ 5850MHz


Similar Part No. - RF5300PCBA-41X

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5300PCBA-41X RFMD-RF5300PCBA-41X Datasheet
112Kb / 6P
   3V, 5GHz LINEAR POWER AMPLIFIER
More results

Similar Description - RF5300PCBA-41X

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5300 RFMD-RF5300 Datasheet
112Kb / 6P
   3V, 5GHz LINEAR POWER AMPLIFIER
RF5355 RFMD-RF5355 Datasheet
1Mb / 11P
   3.3V, 5GHz LINEAR POWER AMPLIFIER
SZM-5066Z RFMD-SZM-5066Z Datasheet
1Mb / 14P
   5.0V, 5GHz HIGH POWER LINEAR POWER AMPLIFIER
logo
Qorvo, Inc
SZM-5066Z QORVO-SZM-5066Z Datasheet
1Mb / 14P
   5.0V, 5GHz HIGH POWER LINEAR POWER AMPLIFIER
logo
RF Micro Devices
RF2189 RFMD-RF2189 Datasheet
102Kb / 6P
   3V, 2.5GHZ LINEAR POWER AMPLIFIER
RF2196 RFMD-RF2196 Datasheet
180Kb / 8P
   3V PCS LINEAR POWER AMPLIFIER
RF5189 RFMD-RF5189_06 Datasheet
203Kb / 10P
   3V, 2.45GHz LINEAR POWER AMPLIFIER
RF2129 RFMD-RF2129 Datasheet
83Kb / 6P
   3V, 2.5GHZ LINEAR POWER AMPLIFIER
RF2163 RFMD-RF2163 Datasheet
96Kb / 6P
   3V, 2.5GHZ LINEAR POWER AMPLIFIER
RF5189 RFMD-RF5189_1 Datasheet
254Kb / 12P
   3V, 2.45GHz LINEAR POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com