Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L3845 Datasheet(PDF) 6 Page - STMicroelectronics

Part # L3845
Description  TRUNK INTERFACE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3845 Datasheet(HTML) 6 Page - STMicroelectronics

  L3845 Datasheet HTML 1Page - STMicroelectronics L3845 Datasheet HTML 2Page - STMicroelectronics L3845 Datasheet HTML 3Page - STMicroelectronics L3845 Datasheet HTML 4Page - STMicroelectronics L3845 Datasheet HTML 5Page - STMicroelectronics L3845 Datasheet HTML 6Page - STMicroelectronics L3845 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
SO8 PACKAGE MECHANICAL DATA
DIM
mm
inch
Min.
Typ.
Max.
Min.
Typ.
Max.
A
1.75
0.069
a1
0.1
0.25
0.004
0.010
a2
1.65
0.065
a3
0.65
0.85
0.026
0.033
b
0.35
0.48
0.014
0.019
b1
0.19
0.25
0.007
0.010
C
0.25
0.5
0.010
0.020
c1
45
o (typ.)
D
4.8
5.0
0.189
0.197
E
5.8
6.2
0.228
0.244
e
1.27
0.050
e3
3.81
0.150
F
3.8
4.0
0.150
0.157
L
0.4
1.27
0.016
0.050
M
0.6
0.024
S8
o (max.)
L3845
6/7


Similar Part No. - L3845

ManufacturerPart #DatasheetDescription
logo
International Rectifier
L3803S IRF-L3803S Datasheet
664Kb / 11P
   Logic-Level Gate Drive
logo
STMicroelectronics
L387 STMICROELECTRONICS-L387 Datasheet
81Kb / 6P
   VERY LOW DROP 5V REGULATOR WITH RESET
L387A STMICROELECTRONICS-L387A Datasheet
81Kb / 6P
   VERY LOW DROP 5V REGULATOR WITH RESET
L387A STMICROELECTRONICS-L387A Datasheet
245Kb / 6P
   VERY LOW DROP 5V REGULATOR WITH RESET
L387A STMICROELECTRONICS-L387A Datasheet
262Kb / 6P
   VERY LOW DROP 5V REGULATOR WITH RESET
More results

Similar Description - L3845

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE570 PHILIPS-NE570 Datasheet
107Kb / 12P
   Telephone trunk comandor
2003 Apr 03
logo
Mitel Networks Corporat...
MT9042 MITEL-MT9042 Datasheet
122Kb / 16P
   Global Digital Trunk Synchronizer
MT9041 MITEL-MT9041 Datasheet
101Kb / 14P
   Multiple Output Trunk PLL
logo
List of Unclassifed Man...
AG2410 ETC2-AG2410 Datasheet
571Kb / 11P
   HIGH PERFORMANCE QUAD TRUNK
logo
Mitel Networks Corporat...
MT8940AC MITEL-MT8940AC Datasheet
204Kb / 16P
   T1/CEPT Digital Trunk PLL
logo
Zarlink Semiconductor I...
MT8941 ZARLINK-MT8941 Datasheet
491Kb / 27P
   Advanced T1/CEPT Digital Trunk PLL
logo
Hirose Electric
GT3-16DP-2.5DSA HIROSE-GT3-16DP-2.5DSA Datasheet
207Kb / 6P
   Antenna, Sensor, and Communications Trunk Line Connections
logo
MRV Communications, Inc...
TM-GM8XFP MRV-TM-GM8XFP Datasheet
248Kb / 2P
   LambdaDriver짰 8x1GE Muxponder Module with XFP trunk
logo
Hirose Electric
GT8-2428SCF HIROSE-GT8-2428SCF Datasheet
94Kb / 4P
   Antenna, Sensor, and Communications Trunk Line Connections
GT17-2022SCF HIROSE-GT17-2022SCF Datasheet
1Mb / 10P
   Antenna, Sensor, and Communications Trunk Line Connections
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com