Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ERA22-08 Datasheet(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

Part # ERA22-08
Description  FAST RECOVERY RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

ERA22-08 Datasheet(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  ERA22-08 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited ERA22-08 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
.2
TJ=25
f=1MHz
1
.1
2
4
.4
1.0 2
14
10
12
16
10
4
10 20
40
100
75
25
50
S ingle P hase
Ha lf W a v e 6 0 H Z
R e sistiv e or
Induc tiv e Load
100
125
175
150
0.1
0.5
0.6
0.4
0.3
0.2
0
0.6
TJ=25
Pulse Width=300
µS
0.4
0.01
0.02
0.06
0.04
0.1
0.2
1.0
2
4
100
10
0.8
1.0
1.2
1.4
2.0
1.6
1.8
1
2
4
10
82
0
4
0 60 80 100
0
TJ=125
8.3ms Single Half
Sine-Wave
5
10
15
20
PULSE
GENERATOR
(NOTE2)
D.U.T.
1
N.1.
50
N.1.
OSCILLOSCOPE
(NOTE 1)
(+)
50VDC
(APPROX)
(-)
10
N.1.
(- )
(+ )
-1.0A
-0.25A
0
+0.5A
trr
1cm
ERA22-02---ERA22-10
SETTIMEBASEFOR50/100 ns /cm
NUMBER OF CYCLES AT60 Hz
RATINGS AND CHARACTERISTIC CURVES
AMBIENT TEMPERATURE,
NOTES:1.RISETIME=7ns MAX. INPUTIMPEDANCE=1M .22pF
FIG.1 -- REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
FIG.4 -- CURRENT DERATING CURVE
FIG.5---TYPECAL JUNCTION CAPACITANCE
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
INSTANEOUS FORWARD VOLTAGE,VOLTS
2.RISETIME=10ns MAX. SOURCEIMPEDANCE=5O
FIG.2-- PEAK FORWARD SURGE CURRENT
FIG.3-- FORWARD DERATING CURVE
BLGALAXY ELECTRICAL
www.galaxycn.com
Document Number 0261053
2.


Similar Part No. - ERA22-08

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
ERA22-08 LUGUANG-ERA22-08 Datasheet
179Kb / 2P
   Fast Recovery Rectifiers
More results

Similar Description - ERA22-08

ManufacturerPart #DatasheetDescription
logo
Diotech Company.
FR301 DIOTECH-FR301 Datasheet
679Kb / 2P
   FAST RECOVERY RECTIFIER
logo
Shenzhen Ping Sheng Ele...
1F1 PFS-1F1 Datasheet
161Kb / 2P
   FAST RECOVERY RECTIFIER
logo
EIC discrete Semiconduc...
RGP15A EIC-RGP15A Datasheet
115Kb / 2P
   FAST RECOVERY RECTIFIER
logo
Microsemi Corporation
1N3879 MICROSEMI-1N3879_07 Datasheet
119Kb / 2P
   Fast Recovery Rectifier
1N3890A MICROSEMI-1N3890A_07 Datasheet
121Kb / 2P
   Fast Recovery Rectifier
logo
TRANSYS Electronics Lim...
16FL5S02 TEL-16FL5S02 Datasheet
170Kb / 1P
   Fast Recovery Rectifier
logo
Galaxy Semi-Conductor H...
FR101 BILIN-FR101 Datasheet
65Kb / 2P
   FAST RECOVERY RECTIFIER
RGP10A BILIN-RGP10A Datasheet
63Kb / 2P
   FAST RECOVERY RECTIFIER
PG101 BILIN-PG101 Datasheet
62Kb / 2P
   FAST RECOVERY RECTIFIER
PR1001 BILIN-PR1001 Datasheet
54Kb / 2P
   FAST RECOVERY RECTIFIER
3JH45 BILIN-3JH45 Datasheet
57Kb / 2P
   FAST RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com