Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC532 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC532
Description  High Speed 2:1 Analog Multiplexer
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC532 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button CLC532 Datasheet HTML 6Page - National Semiconductor (TI) CLC532 Datasheet HTML 7Page - National Semiconductor (TI) CLC532 Datasheet HTML 8Page - National Semiconductor (TI) CLC532 Datasheet HTML 9Page - National Semiconductor (TI) CLC532 Datasheet HTML 10Page - National Semiconductor (TI) CLC532 Datasheet HTML 11Page - National Semiconductor (TI) CLC532 Datasheet HTML 12Page - National Semiconductor (TI) CLC532 Datasheet HTML 13Page - National Semiconductor (TI) CLC532 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Application Information (Continued)
Figure 4 below describes the basic relationship between
settling time (T
S) and RS for various values of load capaci-
tance, C
L, where CCOMP = 10pF
Figure 5 shows the resulting changes in bandwidth and slew
rate for increasing values of C
COMP. The RMS noise at the
CLC532 output can be approximated as:
where.... n
V = input spot noise voltage;
BW
−3dB = Bandwidth is from Figure 5.
Power Supplies and Grounding
Proper power supply bypassing and grounding is essential
to the CLC532’s operation. 0.1µF to .1µF ceramic chip ca-
pacitor should be located very close to the individual power
supply pins. Larger +6.8µF tantalum capacitors should be
used within a few inches of the CLC532. The ground con-
nections for these larger by-pass capacitors should be sym-
metrically located relative the CLC532 output load ground
connection. Harmonic distortion can be heavily influenced by
non-symmetric decoupling capacitor grounding. The smaller
chip capacitors located directly at the power supply pins are
not particularly susceptible to this effect.
Separation of analog and digital ground planes is not recom-
mended. In most cases, a single low impedance ground
plane will provide the best performance. In those special
cases requiring separate ground planes, the following table
indicates the signal and supply ground connections.
Pin
Functions
Ground Return
1,3
Shield/Supply Returns
Supplies and
Inputs
5D
REF Ground
D
REF Currents
only
Input Shielding
The CLC532 has been designated for use in high speed
wide dynamic range systems. Guarding traces and the use
of the ground pins separating the analog inputs are recom-
mended to maintain high isolation (
Figure 6). Likely sources
of noise and interference that may couple onto the inputs,
are the logic signals and power supplies to the CLC532.
Other types if clock and signal traces should not be over-
looked, however.
The general rule in maintaining isolation has two facets,
minimize the primary return ground current path impedances
back to the respective signal sources, while maximizing the
impedance associated with common or secondary ground
current return paths. Success or failure to optimize input
signal isolation can be measured directly as the isolation
between the input channels with the CLC532 removed from
circuit. The channel-to -channel isolation of the CLC532 can
never be better than the isolation level present at its inputs.
Special attention must be paid to input termination resistors.
Minimizing the return current path that is common to both of
the input termination resistors is essential. In the event that a
ground return current from one input termination resistor is
able to find a secondary path back to its signal source (which
also happens to be common with either the primary or sec-
ondary return path for the second input termination resistor),
a small voltage can appear across the second input termi-
nation resistor. The small voltage seen across the second
input termination resistor will be highly correlated with the
signal generating the initial return currents. This situation will
severely degrade channel-to-channel isolation at the input of
the CLC532, even if the CLC532 were removed from circuit.
Poor isolation at the input will be transmitted directly to the
output.
Use of “small” value input termination resistors will also
improve channel-to-channel isolation. However, extremely
low values (<25
Ω) tend to stress the driving source’s ability
to provide a high-quality input signal to the CLC532. Higher
values tend to aggravate any layout dependent crosstalk.
75
Ω to 50Ω is a reasonable target, but the lower the better.
DS012716-39
FIGURE 4. Settling Time and R
S vs. CL
DS012716-41
FIGURE 5. C
COMP for Maximally Flat Frequency
Response
Channel A
Connector
Channel B
Connector
Chip Resistors
Pin 1
DS012716-42
FIGURE 6. Alternate Layout Using Guard Ring
www.national.com
10


Similar Part No. - CLC532

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC532 NSC-CLC532 Datasheet
277Kb / 12P
   High-Speed 2:1 Analog Multiplexer
CLC532A8B NSC-CLC532A8B Datasheet
277Kb / 12P
   High-Speed 2:1 Analog Multiplexer
CLC532A8L-2A NSC-CLC532A8L-2A Datasheet
277Kb / 12P
   High-Speed 2:1 Analog Multiplexer
CLC532AJE NSC-CLC532AJE Datasheet
277Kb / 12P
   High-Speed 2:1 Analog Multiplexer
CLC532AJP NSC-CLC532AJP Datasheet
277Kb / 12P
   High-Speed 2:1 Analog Multiplexer
More results

Similar Description - CLC532

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC532 NSC-CLC532 Datasheet
277Kb / 12P
   High-Speed 2:1 Analog Multiplexer
CLC533 NSC-CLC533 Datasheet
1Mb / 9P
   High-Speed 4:1 Analog Multiplexer
LMH6570 NSC-LMH6570 Datasheet
831Kb / 14P
   2:1 High Speed Video Multiplexer
logo
Burr-Brown (TI)
OPA3875 BURR-BROWN-OPA3875 Datasheet
614Kb / 22P
   Triple 2:1 High-Speed Video Multiplexer
logo
National Semiconductor ...
LMH6572 NSC-LMH6572_05 Datasheet
792Kb / 12P
   Triple 2:1 High Speed Video Multiplexer
logo
Burr-Brown (TI)
OPA875 BURR-BROWN-OPA875 Datasheet
688Kb / 21P
   Single 2:1 High-Speed Video Multiplexer
logo
Texas Instruments
LMH6570 TI1-LMH6570 Datasheet
1Mb / 26P
[Old version datasheet]   LMH6570 2:1 High Speed Video Multiplexer
logo
National Semiconductor ...
LMH6572 NSC-LMH6572 Datasheet
409Kb / 12P
   Triple 2:1 High Speed Video Multiplexer
logo
Texas Instruments
OPA875 TI-OPA875 Datasheet
659Kb / 18P
[Old version datasheet]   Single 2:1 High-Speed Video Multiplexer
logo
Burr-Brown (TI)
MPC801 BURR-BROWN-MPC801 Datasheet
82Kb / 8P
   High Speed CMOS ANALOG MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com