Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLX90215 Datasheet(PDF) 3 Page - Melexis Microelectronic Systems

Part # MLX90215
Description  Precision Programmable Linear Hall Effect Sensor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90215 Datasheet(HTML) 3 Page - Melexis Microelectronic Systems

  MLX90215 Datasheet HTML 1Page - Melexis Microelectronic Systems MLX90215 Datasheet HTML 2Page - Melexis Microelectronic Systems MLX90215 Datasheet HTML 3Page - Melexis Microelectronic Systems MLX90215 Datasheet HTML 4Page - Melexis Microelectronic Systems MLX90215 Datasheet HTML 5Page - Melexis Microelectronic Systems MLX90215 Datasheet HTML 6Page - Melexis Microelectronic Systems MLX90215 Datasheet HTML 7Page - Melexis Microelectronic Systems MLX90215 Datasheet HTML 8Page - Melexis Microelectronic Systems MLX90215 Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
MLX90215
Precision Programmable
Linear Hall Effect Sensor
3901090215
Page 3
9/09/03
Rev 007
HowdoesitWork?
The MLX90215 programming is done through the
output pin, by changing supply voltage levels. Please
note that the VDD is raised to approximately 13V and
18V during programming. Any connected components
must also tolerate this voltage excursion. When the
supply voltage is at 4.5V to 5.5V, the output behaves
normally. If the supply voltage is raised to 13V, the
output then behaves as an input, or LOAD mode,
allowing the 37-bit word to be clocked in. All data is
loaded through a single line, with no dedicated clock
signal. Clock and data are integrated into one signal
which is initiated with the beginning of the LOAD
sequence, then clocked with the positive edge of each
bit. Variables are changed with the PC software and
loaded into the temporary register of the device (RAM)
via the timings of the programmer’s microcontroller.
Data can be loaded as many times as desired while in
LOAD mode. Once a word is loaded, results are
checked by observing the output voltage. This can be
done with an external Voltmeter attached directly to pin
4 of the device, or with the internal ADC of the
programmer. Once the desired program is loaded, the
word can be “Zapped” permanently into ROM.
This is done when the supply voltage rises above 18V,
or ZAP mode, creating enough current to “Zap” 31
zener diodes which correspond to the temporary
register. The ZAP function is a one-time function and
cannot be erased.
The above description is only for reference. The voltage
levels and data transfer rates are completely controlled
by the ASIC programmer. For more information on the
programmer hardware, contact Melexis and request a
datasheet for the SDAP programmer.
Programming The Quiescent Offset Voltage (VOQ)10
bits, 1024 steps of resolution, are allotted to adjust the
Quiescent Offset Voltage (VOQ). By utilizing the
HALFVDD function, the VOQ can be set to one of two
ranges. With the HALFVDD function disabled, the VOQ
can be programmed within a range of 10% to 90% VDD
with
about
5mV
per
step
resolution.
With
the
HALFVDD function enabled, the device may be
programmed within a 2V to 3V window with less than
1mV per step resolution
Programming the Sensitivity (Gain)
The sensitivity is programmed with a ROUGHGAIN
and a FINEGAIN adjustment. The ROUGHGAIN is
adjusted by utilizing three bits, or 8 increments. The
FINEGAIN is programmed with 10 bits or 1024
increments. The sensitivity can be programmed within a
range of 5mV/mT to 140mV/mT. Another 1-bit function
allows the direction of the sensitivity to be reversed.
The INVERTSLOPE function, when activated, will
cause the Voltage output of the MLX90215 to decrease
in the presence of a South magnetic field, and to
increase in the presence of a North magnetic field. Table
2 expresses examples of sensitivity resulting from
programming ROUGH GAIN and FINE GAIN codes,
with the INVERT SLOPE function turned off.
Note: Tables 1 and 2 are examples how various codes affect the device.
Output voltage will vary slightly from device to device. Use these tables
for reference only.
Units
HalfVDD
OffsetDAC
Output
0
0
0
1
1
1
0
512
1023
0
512
1023
4.97
2.47
0.03
3.07
2.45
1.83
V
V
V
V
V
V
Table 1 - Programming Offset Voltage (V
OQ)
RoughGain
FineGain
Output
Units
0
0
1
1
2
2
0
1023
1023
0
4.1
9.4
6.2
14.6
9.5
22.4
mV/mT
Table 2 - Programming Sensitivity
mV/mT
mV/mT
mV/mT
mV/mT
mV/mT
3
3
4
4
5
5
0
1023
1023
0
14.2
33.1
21.5
50.4
31.3
72.5
mV/mT
mV/mT
mV/mT
mV/mT
mV/mT
mV/mT
6
6
46.2
107
mV/mT
mV/mT
7
7
68.9
140
mV/mT
mV/mT
0
1023
0
1023
0
1023
0
1023


Similar Part No. - MLX90215

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MLX90215 ETC2-MLX90215 Datasheet
301Kb / 9P
   Precision Programmable Linear Hall Effect Sensor
logo
Melexis Microelectronic...
MLX90215 MELEXIS-MLX90215 Datasheet
945Kb / 14P
   Position Programmable Linear Hall Effect Sensor
MLX90215 MELEXIS-MLX90215 Datasheet
1Mb / 15P
   Precision Programmable Linear Hall Effect Sensor
logo
List of Unclassifed Man...
MLX90215EVA ETC2-MLX90215EVA Datasheet
301Kb / 9P
   Precision Programmable Linear Hall Effect Sensor
logo
Melexis Microelectronic...
MLX90215EVAAAA-106BU MELEXIS-MLX90215EVAAAA-106BU Datasheet
945Kb / 14P
   Position Programmable Linear Hall Effect Sensor
More results

Similar Description - MLX90215

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MLX90215 ETC2-MLX90215 Datasheet
301Kb / 9P
   Precision Programmable Linear Hall Effect Sensor
logo
Melexis Microelectronic...
MLX90215 MELEXIS-MLX90215_17 Datasheet
1Mb / 15P
   Precision Programmable Linear Hall Effect Sensor
logo
Micronas
HAL82X MICRONAS-HAL82X Datasheet
1Mb / 32P
   High-Precision Programmable Linear Hall-Effect Sensor Family
HAL805 MICRONAS-HAL805 Datasheet
373Kb / 24P
   Programmable Linear Hall Effect Sensor
HAL817 MICRONAS-HAL817 Datasheet
839Kb / 30P
   Programmable Linear Hall-Effect Sensor
logo
Melexis Microelectronic...
MLX90251 MELEXIS-MLX90251 Datasheet
472Kb / 22P
   Programmable Linear Hall Effect Sensor
logo
Micronas
HAL805-1 MICRONAS-HAL805-1 Datasheet
916Kb / 30P
   Programmable Linear Hall-Effect Sensor
HAL810 MICRONAS-HAL810 Datasheet
1Mb / 30P
   Programmable Linear Hall-Effect Sensor
HAL815 MICRONAS-HAL815_1 Datasheet
912Kb / 30P
   Programmable Linear Hall-Effect Sensor
HAL880 MICRONAS-HAL880_1 Datasheet
131Kb / 2P
   Programmable Linear Hall-Effect Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com