Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FR503 Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part # FR503
Description  FAST RECOVERY RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

FR503 Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  FR503 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited FR503 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Low cost
Diffused junction
Low leakage
Low forward voltage drop
High current capability
and similar solvents
MECHANICAL DATA
Case:JEDEC DO-27,molded plastic
Terminals: Axial lead ,solderable per
MIL- STD-202,Method 208
Polarity: Color band denotes cathode
Weight:0.041 unces,1.15 grams
Mounting position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
ambient temperature unless otherwise specified.
Single phase,half wave,60 Hz,resistive or inductive load. For capacitive load,derate by 20%.
FR
503
FR
504
FR
505
FR
506
FR
507
UNITS
Maximum recurrent peak reverse voltage
VRRM
200
400
600
800
1000
V
Maximum RMS voltage
VRMS
140
280
420
560
700
V
Maximum DC blocking voltage
VDC
200
400
600
800
1000
V
Maximum average forw ard rectified current
9.5mm lead length,
@T
A=75
Peak forw ard surge current
8.3ms single half-sine-w ave
superimposed on rated load
@T
J=125
Maximum instantaneous forw ard voltage
@ 5.0 A
VF
V
Maximum reverse current
@T
A=25
at rated DC blocking voltage
@T
A=100
Maximum reverse recovery time (Note1)
trr
250
ns
Typical junction capacitance
(Note2)
CJ
pF
Typical thermal resistance
(Note3)
RθJA
/W
Operating junction temperature range
TJ
Storage temperature range
TSTG
NOTE:1. Measured with I
F=0.5A, IR=1A, Irr=0.25A.
500
VOLTAGE RANGE: 50 --- 1000 V
CURRENT: 5.0 A
100
FR
502
5.0
A
FAST RECOVERY RECTIFIER
IF(AV)
The plastic material carries U/L recognition 94V-0
IR
200.0
10.0
200.0
1.3
70
A
IFSM
3. Thermal resistance f rom junction to ambient.
A
2. Measured at 1.0MHz and applied rev erse v oltage of 4.0V DC.
- 55---- +150
- 55---- + 150
22
150
28
FR501---FR507
GALAXY ELECTRICAL
DO - 27
50
35
50
FR
501
Easily cleaned with Freon,Alcohol,Isopropanol
100
www.galaxycn.com
BL
BLGALAXY ELECTRICAL
Document Number 0261073
1.


Similar Part No. - FR503

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
FR503 EIC-FR503 Datasheet
65Kb / 2P
   FAST RECOVERY RECTIFIER DIODES
logo
SEMTECH ELECTRONICS LTD...
FR503 SEMTECH_ELEC-FR503 Datasheet
335Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
SynSemi, Inc.
FR503 SYNSEMI-FR503 Datasheet
39Kb / 2P
   FAST RECOVERY RECTIFIER DIODES
logo
Shanghai Lunsure Electr...
FR503 CHENYI-FR503 Datasheet
48Kb / 3P
   5 Amp fast recovery rectifier 50 to 1000 volts
logo
EIC discrete Semiconduc...
FR503 EIC-FR503 Datasheet
56Kb / 2P
   FAST RECOVERY
More results

Similar Description - FR503

ManufacturerPart #DatasheetDescription
logo
Diotech Company.
FR301 DIOTECH-FR301 Datasheet
679Kb / 2P
   FAST RECOVERY RECTIFIER
logo
Shenzhen Ping Sheng Ele...
1F1 PFS-1F1 Datasheet
161Kb / 2P
   FAST RECOVERY RECTIFIER
logo
EIC discrete Semiconduc...
RGP15A EIC-RGP15A Datasheet
115Kb / 2P
   FAST RECOVERY RECTIFIER
logo
Microsemi Corporation
1N3879 MICROSEMI-1N3879_07 Datasheet
119Kb / 2P
   Fast Recovery Rectifier
1N3890A MICROSEMI-1N3890A_07 Datasheet
121Kb / 2P
   Fast Recovery Rectifier
logo
TRANSYS Electronics Lim...
16FL5S02 TEL-16FL5S02 Datasheet
170Kb / 1P
   Fast Recovery Rectifier
logo
Galaxy Semi-Conductor H...
FR101 BILIN-FR101 Datasheet
65Kb / 2P
   FAST RECOVERY RECTIFIER
RGP10A BILIN-RGP10A Datasheet
63Kb / 2P
   FAST RECOVERY RECTIFIER
PG101 BILIN-PG101 Datasheet
62Kb / 2P
   FAST RECOVERY RECTIFIER
PR1001 BILIN-PR1001 Datasheet
54Kb / 2P
   FAST RECOVERY RECTIFIER
3JH45 BILIN-3JH45 Datasheet
57Kb / 2P
   FAST RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com