Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RN1Z Datasheet(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

Part # RN1Z
Description  HIGH EFFICIENCY RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

RN1Z Datasheet(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  RN1Z Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited RN1Z Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.galaxycn.com
Document Number 0262011
2.
FIG.5--PEAK FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
RN1Z(Z)
RATINGS AND CHARACTERISTIC CURVES
FIG.1 -- TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISTIC
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
FIG.4 --TYPICAL JUNCTION CAPACITANCE
SET TIME BASE FOR 10/20 ns/cm
NOTES:1.RISE TIME = 7ns MAX.INPUT IMPEDANCE =1M . 22pF.
JJJJ 2.RISE TIME =10ns MAX.SOURCE IMPEDANCE=50
.
REVERSE VOLTAGE,VOLTS
FIG.2 -- TYPICAL FORWARD CHARACTERISTIC
FIG.3 --FORWARD DERATING CURVE
AMBIENT TEMPERATURE,
trr
-1.0A
-0.25A
0
+0.5A
1cm
PULSE
GENERATOR
(NOTE2)
D.U.T.
1
NONIN-
DUCTIVE
50
N 1.
10
N1.
OSCILLOSCOPE
(NOTE1)
(+)
25VDC
(approx)
(-)
0
0.01
0.04
0.1
1.0
10
100
TJ=25
Pulse Width=300
µS
0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 2
0
25
50
75
100
125
0
5.0
1.0
1.5
150
Single Phase
Half W ave 60Hz
Resistive or
Inductive Load
0.1
     TJ=25
0.2
0.4
1
2
100
4
10
40
20
10
20
50
100
200
120
30
1
10
0
20
40
50
70
60
80
20
TJ=125
8.3ms Single Half
Sine-Wave
24
10
8
100
40
60 80
BLGALAXYELECTRICAL


Similar Part No. - RN1Z

ManufacturerPart #DatasheetDescription
logo
Sanken electric
RN1Z SANKEN-RN1Z Datasheet
28Kb / 1P
   Ultra-Fast-Recovery Rectifier Diodes
RN1Z SANKEN-RN1Z Datasheet
109Kb / 3P
   Ultra-Fast-Recovery Rectifier Diode
logo
Shenzhen Luguang Electr...
RN1Z LUGUANG-RN1Z Datasheet
1Mb / 2P
   High Efficiency Rectifiers
logo
Diode Semiconductor Kor...
RN1ZZ DSK-RN1ZZ Datasheet
318Kb / 2P
   HIGH EFFICIENCY RECTIFIERS
More results

Similar Description - RN1Z

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
HER1001 GOOD-ARK-HER1001 Datasheet
145Kb / 2P
   HIGH EFFICIENCY RECTIFIER
HER101 GOOD-ARK-HER101 Datasheet
61Kb / 2P
   HIGH EFFICIENCY RECTIFIER
HER301 GOOD-ARK-HER301 Datasheet
64Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
Shenzhen Luguang Electr...
ERA38-04 LUGUANG-ERA38-04 Datasheet
202Kb / 2P
   High Efficiency Rectifier
logo
Diode Semiconductor Kor...
RN3ZZ DSK-RN3ZZ Datasheet
279Kb / 2P
   HIGH EFFICIENCY RECTIFIER
RU20AZ DSK-RU20AZ Datasheet
237Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
Chenmko Enterprise Co. ...
MUR105PT CHENMKO-MUR105PT Datasheet
118Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
Galaxy Semi-Conductor H...
RP1H BILIN-RP1H Datasheet
57Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
Shenzhen Ping Sheng Ele...
HER501 PFS-HER501 Datasheet
169Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
SHENZHEN YONGERJIA INDU...
HER601-607 WINNERJOIN-HER601-607 Datasheet
99Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
Jinan Jing Heng Electro...
HER201 JINGHENG-HER201 Datasheet
62Kb / 2P
   HIGH EFFICIENCY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com