Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ERA38-05 Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part # ERA38-05
Description  HIGH EFFICIENCY RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

ERA38-05 Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  ERA38-05 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited ERA38-05 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Low cos t
Diffus ed junction
Low leakage
Low forward voltage drop
High current capability
MECHANICAL DATA
Cas e:JEDEC DO--41,m olded plas tic
Term inals : Axial lead ,s olderable per
MIL- STD-202,Method 208
Polarity: Color band denotes cathode
Weight: 0.012 ounces ,0.34 gram s
Mounting pos ition: Any
Ratings at 25
am bient tem perature unles s otherwis e s pecified.
Single phas e,half wave,60 Hz,res is tive or inductive load. For capacitive load,derate by 20%.
UNITS
Maximum recurrent peak reverse voltage
VRRM
V
Maximum RMS voltage
VRMS
V
Maximum DC blocking voltage
VDC
V
Maximum average f orw ard rectif ied current
9.5mm lead length,
@T
A=75
Peak f orw ard surge current
8.3ms single half -sine-w ave
superimposed on rated load
@T
J=125
Maximum instantaneous f orw ard voltage
@ 0.5A
VF
V
Maximum reverse current
@T
A=25
at rated DC blocking voltage @T
A=100
Maximum reverse recovery time
(Note1)
trr
ns
Typical junction capacitance
(Note2)
CJ
pF
Typical thermal resistance
(Note3)
RθJA
/W
Operating junction temperature range
TJ
Storage temperature range
TSTG
ERA38-04 --- ERA38-06
ERA38 - 04
ERA38 - 05
ERA38 - 06
HIGH EFFICIENCY RECT IFIER
VOLTAGE RANGE: 400 --- 600 V
CURRENT: 0.5 A
DO - 41
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
GALAXY ELECTRICAL
3. Thermal resistance f rom junction to ambient.
10.0
IR
IFSM
NOTE: 1. Measured with I
F=0.5A, I R=1A, I rr=0. 25A.
2. Measured at 1.0MH
Z and applied rev ers e v oltage of 4. 0V D C .
- 55 ----- + 150
- 55 ----- + 150
20
Eas ily cleaned with alcohol,Is opropanol
and s im ilar s olvents
IF(AV)
0.5
The plas tic m aterial carries U/L recognition 94V-0
400
500
600
350
500
420
A
5.0
50.0
A
2.50
15
60
280
400
50
600
www.galaxycn.com
BL
BLGALAXY ELECTRICAL
Document Number 0262015
1.


Similar Part No. - ERA38-05

ManufacturerPart #DatasheetDescription
logo
Shenzhen Taychipst Elec...
ERA38-05 TAYCHIPST-ERA38-05 Datasheet
3Mb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
Shenzhen Luguang Electr...
ERA38-05 LUGUANG-ERA38-05 Datasheet
202Kb / 2P
   High Efficiency Rectifier
logo
Diode Semiconductor Kor...
ERA38-05 DSK-ERA38-05 Datasheet
313Kb / 2P
   HIGH EFFICIENCY RECTIFIER
More results

Similar Description - ERA38-05

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
HER1001 GOOD-ARK-HER1001 Datasheet
145Kb / 2P
   HIGH EFFICIENCY RECTIFIER
HER101 GOOD-ARK-HER101 Datasheet
61Kb / 2P
   HIGH EFFICIENCY RECTIFIER
HER301 GOOD-ARK-HER301 Datasheet
64Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
Shenzhen Luguang Electr...
ERA38-04 LUGUANG-ERA38-04 Datasheet
202Kb / 2P
   High Efficiency Rectifier
logo
Diode Semiconductor Kor...
RN3ZZ DSK-RN3ZZ Datasheet
279Kb / 2P
   HIGH EFFICIENCY RECTIFIER
RU20AZ DSK-RU20AZ Datasheet
237Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
Chenmko Enterprise Co. ...
MUR105PT CHENMKO-MUR105PT Datasheet
118Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
Galaxy Semi-Conductor H...
RP1H BILIN-RP1H Datasheet
57Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
Shenzhen Ping Sheng Ele...
HER501 PFS-HER501 Datasheet
169Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
SHENZHEN YONGERJIA INDU...
HER601-607 WINNERJOIN-HER601-607 Datasheet
99Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
Jinan Jing Heng Electro...
HER201 JINGHENG-HER201 Datasheet
62Kb / 2P
   HIGH EFFICIENCY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com