Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5626BRMZ Datasheet(PDF) 10 Page - Analog Devices

Part # AD5626BRMZ
Description  5V,12-Bit nanoDAC, Serial Interface in MSOP and LFCSP Packages
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5626BRMZ Datasheet(HTML) 10 Page - Analog Devices

Back Button AD5626BRMZ Datasheet HTML 6Page - Analog Devices AD5626BRMZ Datasheet HTML 7Page - Analog Devices AD5626BRMZ Datasheet HTML 8Page - Analog Devices AD5626BRMZ Datasheet HTML 9Page - Analog Devices AD5626BRMZ Datasheet HTML 10Page - Analog Devices AD5626BRMZ Datasheet HTML 11Page - Analog Devices AD5626BRMZ Datasheet HTML 12Page - Analog Devices AD5626BRMZ Datasheet HTML 13Page - Analog Devices AD5626BRMZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
AD5626
Rev. 0 | Page 10 of 20
THEORY OF OPERATION
The AD5626 is a complete, ready-to-use, 12-bit digital-to-analog
converter (DAC). It contains a voltage-switched, 12-bit, laser-
trimmed DAC, a curvature-corrected band gap reference, a
rail-to-rail output op amp, a DAC register, and a serial data
input register. The serial data interface consists of an SCLK,
serial data in (SDIN), and a load strobe (LDAC). This basic
3-wire interface offers maximum flexibility for interface to the
widest variety of serial data input loading requirements. In
addition, a CS select is provided for multiple packaging loading
and a power-on-reset CLR pin to simplify start or periodic resets.
DAC SECTION
The DAC is a 12-bit voltage mode device with an output that
swings from the GND potential to the 2.5 V internal band gap
voltage. It uses a laser trimmed, rail-to-rail ladder which is
switched by N-channel MOSFETs. The output voltage of the
DAC has a constant resistance independent of digital input
code. The DAC output internally connects to the rail-to-rail
output op amp.
AMPLIFIER SECTION
A low power consumption, precision amplifier buffers the DAC
output. This amplifier contains a differential PNP pair input
stage that provides low offset voltage and low noise, as well as
the ability to amplify the zero-scale DAC output voltages.
The rail-to-rail amplifier is configured with a gain of 1.6384
(= 4.095 V/2.5 V) to set the 4.095 V full-scale output (1 mV/LSB).
See Figure 23 for an equivalent circuit schematic of the analog
section.
2R
2R
2R
R2
R
2R
2R
R
R1
VOUT
BUFFER
BAND GAP
REFERENCE
2.5V
SPDT
N-CHANNEL FET
SWITCHES
RAIL-TO-RAIL
OUTPUT
AMPLIFIER
AV = 1.638
(= 4.095V/2.5V)
VOLTAGE SWITCHED 12-BIT
RAIL-TO-RAIL CONVERTER
Figure 23. Equivalent AD5626 Schematic of Analog Section
The op amp has a 16 μs typical settling time to 0.01%. There are
slight differences in settling time for negative slewing signals vs.
positive slewing signals. See the oscilloscope photos in the
Typical Performance Characteristics section of this data sheet.
OUTPUT SECTION
The rail-to-rail output stage of this amplifier is designed to
provide precision performance when operating near either
power supply.
P-CH
VDD
VOUT
AGND
N-CH
Figure 24. Equivalent Analog Output Circuit
Figure 24 shows an equivalent output schematic of the rail-to-
rail amplifier with its N-channel pull-down FETs that pull an
output load directly to GND. The output sourcing current is
provided by a P-channel pull-up device that can supply GND
terminated loads, especially at the low supply tolerance values
of 4.75 V. Figure 5 and Figure 6 provide information on output
swing performance near ground and full-scale as a function of
load. In addition to resistive load driving capability, the amplifier
has also been carefully designed and characterized for up to
500 pF capacitive load driving capability.
POWER SUPPLY
The very low power consumption of the AD5626 is a direct
result of a circuit design optimizing use of the CBCMOS process.
By using the low power characteristics of the CMOS for the
logic, and the low noise, tight matching of the complementary
bipolar transistors, good analog accuracy is achieved.
For power consumption sensitive applications, it is important
to note that the internal power consumption of the AD5626
is strongly dependent on the actual logic input voltage levels
present on the SDIN, CS, LDAC, and CLR pins. Because these
inputs are standard CMOS logic structures, they contribute
static power dissipation dependent on the actual driving
Logic VOH and Logic VOL voltage levels. The graph in
shows the effect on total AD5626 supply current as a function
of the actual value of input logic voltage. Consequently, use of
CMOS logic vs. TTL minimizes power dissipation in the static
state. A VIL = 0 V on the SDIN,
Figure 9
CS, and CLR pins provides the
lowest standby power dissipation of 2.5 mW (500 μA × 5 V).
As with any analog system, it is recommended that the AD5626
power supply be bypassed on the same PC card that contains
the chip. Figure 10 shows the power supply rejection vs. frequency
performance. This should be taken into account when using higher
frequency, switched mode power supplies with ripple frequencies
of 100 kHz and higher.
One advantage of the rail-to-rail output amplifier used in the
AD5626 is the wide range of usable supply voltage. The part is
fully specified and tested over temperature for operation from
4.75 V to 5.25 V. If reduced linearity and source current capa-
bility near full scale can be tolerated, operation of the AD5626
is possible down to 4.3 V. The minimum operating supply


Similar Part No. - AD5626BRMZ

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
AD562 MOTOROLA-AD562 Datasheet
157Kb / 5P
   LASER TRIMMED HIGH-SPEED 12-BIT CONVERTER
logo
Analog Devices
AD5620 AD-AD5620 Datasheet
558Kb / 24P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
REV. A
AD5620ARJ-1500RL7 AD-AD5620ARJ-1500RL7 Datasheet
558Kb / 24P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
REV. A
AD5620ARJ-1500RL7 AD-AD5620ARJ-1500RL7 Datasheet
538Kb / 28P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/째C On-Chip Reference in SOT-23
Rev. F
AD5620ARJ-1REEL7 AD-AD5620ARJ-1REEL7 Datasheet
558Kb / 24P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
REV. A
More results

Similar Description - AD5626BRMZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7946 AD-AD7946_17 Datasheet
597Kb / 25P
   PulSAR ADC in MSOP and LFCSP
AD7091R AD-AD7091R Datasheet
454Kb / 20P
   1 MSPS, Ultralow Power, 12-Bit ADC in 10-Lead LFCSP and MSOP
REV. 0
AD7091RBRMZ AD-AD7091RBRMZ Datasheet
454Kb / 20P
   1 MSPS, Ultralow Power, 12-Bit ADC in 10-Lead LFCSP and MSOP
REV. 0
AD7946 AD-AD7946_15 Datasheet
538Kb / 24P
   14-Bit, 500 kSPS, PulSAR ADC in MSOP and LFCSP
REV. B
AD5611 AD-AD5611_15 Datasheet
466Kb / 24P
   2.7 V to 5.5 V, 100 A, 8-/10-/12-Bit nanoDAC, SPI Interface in LFCSP and SC70
Rev. G
AD5621 AD-AD5621_15 Datasheet
466Kb / 24P
   2.7 V to 5.5 V, 100 A, 8-/10-/12-Bit nanoDAC, SPI Interface in LFCSP and SC70
Rev. G
AD5601 AD-AD5601_15 Datasheet
466Kb / 24P
   2.7 V to 5.5 V, 100 A, 8-/10-/12-Bit nanoDAC, SPI Interface in LFCSP and SC70
Rev. G
AD7989-1 AD-AD7989-1_17 Datasheet
595Kb / 24P
   PulSAR ADCs in MSOP/LFCSP
AD7693 AD-AD7693_15 Datasheet
665Kb / 24P
   Differential ADC in MSOP/LFCSP
REV. B
AD5601 AD-AD5601_13 Datasheet
466Kb / 24P
   2.7 V to 5.5 V, <100 關A, 8-/10-/12-Bit nanoDAC, SPI Interface in LFCSP and SC70
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com