Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BYT56M Datasheet(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

Part # BYT56M
Description  HIGH EFFICIENCY ECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

BYT56M Datasheet(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  BYT56M Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited BYT56M Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES
BYT56A(Z)--- BYT56M(Z)
AMBIENT TEMPERATURE( )
NUMBER OF CYCLES AT 60Hz
REVERSE VOLTAGE,VOLTS
FIG.4 -- TYPICAL FORWARD CURRENT
DERATING CURVE
FIG.5--TYPICAL FORWARD CHARACTERISTIC
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
FIG.1 --TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISTIC
SETTIMEBASEFOR20/30 ns/cm
NOTES:1.RISETIME=7ns MAX.INPUTIMPEDANCE=1MΩ.22pF
2.RISETIME=10ns MAX.source IMPEDANCE=50Ω.
FIG.2 -- TYPICAL JUNCTION CAPACTTANCE
FIG.3 --PEAK FORWARD SURGE CURRENT
www.galaxycn.com
Document Number 026025
2.
BLGALAXYELECTRICAL
10
.1
1
.4
.2
1 .0
2
4
20
40
100
B Y T 56J - B Y T 56M
200
10
100
T J =25
70
50
B Y T 56A - B Y T 56G
0.4
0.01
0.1
0.6
1.6
1.2
1.4
1.8
1
10
100
TJ=25
Pulse Width=300 s
0
4
6
2
3
5
25
50
75
10 0
12 5
15 0 17 5
S ig le ph ase ha lf
wa v e 6 0 Hz
R e s is tive or
Indu ctiv e lo a d
0
150
200
100
1000
1
10
T J=25
8.3 m s S ingle half sine w ave
50
100
(+)
PULSE
GENERATOR
(NOTE2)
(-)
D.U.T.
1
NONIN-
DUCTIVE
50
N 1.
10
N1.
OSCILLOSCOPE
(NOTE1)
(+)
25VDC
(approx)
(-)
-1.0A
-0.25A
0
+0.5A
trr
1c m


Similar Part No. - BYT56M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYT56M VISHAY-BYT56M Datasheet
42Kb / 4P
   Fast Silicon Mesa Rectifiers
Rev. 2, 24-Jun-98
BYT56M VISHAY-BYT56M Datasheet
124Kb / 5P
   Fast Avalanche Sinterglass Diode
Rev. 1.6, 13-Apr-05
logo
Gulf Semiconductor
BYT56M GULFSEMI-BYT56M Datasheet
153Kb / 2P
   SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE竊?000V CURRENT: 3.0A
logo
EIC discrete Semiconduc...
BYT56M EIC-BYT56M Datasheet
44Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Vishay Siliconix
BYT56M VISHAY-BYT56M Datasheet
103Kb / 4P
   Fast Avalanche Sinterglass Diode
Rev. 1.7, 30-Jul-10
More results

Similar Description - BYT56M

ManufacturerPart #DatasheetDescription
logo
Diode Semiconductor Kor...
BYT56A DSK-BYT56A Datasheet
311Kb / 2P
   HIGH EFFICIENCY ECTIFIERS
logo
Galaxy Semi-Conductor H...
RU4Y BILIN-RU4Y Datasheet
91Kb / 2P
   HIGH EFFICIENCY ECTIFIERS
logo
SAMYANG ELECTRONICS CO....
LL4001G SAMYANG-LL4001G Datasheet
1Mb / 2P
   PLASTIC SILICON R ECTIFIERS
logo
Leshan Radio Company
1F7 LRC-1F7_15 Datasheet
225Kb / 7P
   Fast Recovery ectifiers
logo
SAMYANG ELECTRONICS CO....
ABS202 SAMYANG-ABS202 Datasheet
1Mb / 2P
   SILICON B RIDGE R ECTIFIERS
ABS1502 SAMYANG-ABS1502 Datasheet
1Mb / 2P
   SILICON B RIDGE R ECTIFIERS
ABS1 SAMYANG-ABS1 Datasheet
1Mb / 2P
   SILICON B RIDGE R ECTIFIERS
logo
Emerson Network Power
ALQ15-DUAL EMERSON-NETWORKPOWER-ALQ15-DUAL Datasheet
408Kb / 2P
   High Efficiency
logo
GeneSiC Semiconductor, ...
KBPC3510TW GENESIC-KBPC3510TW Datasheet
314Kb / 3P
   High efficiency
KBPC1504TW GENESIC-KBPC1504TW Datasheet
333Kb / 3P
   High efficiency
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com