Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ERB35-02 Datasheet(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

Part # ERB35-02
Description  HIGH EFFICIENCY RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

ERB35-02 Datasheet(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  ERB35-02 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited ERB35-02 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.galaxycn.com
Document Number 0262028
2.
2.RISETIME=10ns MAX.SOURCEIMPEDANCE=50Ω.
NUMBER OF CYCLES AT 60Hz
INSTANTANEOUS FORWARD VOLTAGE VOLTS
RATINGS AND CHARACTERISTIC CURVES
ERB35-- 02
FIG.1--TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISTIC
FIG.3--TYPICAL JUNCTION CAPACITANCE
SET TIMEBASEFOR20/30 ns/cm
FIG.2 --FORWARD DERATING CURVE
BLGALAXYELECTRICAL
NOTES:1.RISETIME=7ns MAX.INPUT IMPEDANCE=1MΩ.22pF
REVERSE VOLTAGE,VOLTS
FIG.5 -- TYPICAL FORWARD CHARACTERISTIC
FIG.4--PEAK FORWARD SURGE CURRENT
AMBIENT TEMPERATURE.
TJ=25
Pulse W idth=300
µS
0.2
0
0.01
0.04
0.1
1.0
10
100
0.4 0.6 0.8
1 1.2
1.8
1.4 1.6
2
0
40
20
60
0
0.2
80
100
120
140
0.4
0.6
0.8
1.0
1.2
1.4
Single Phase
Half Wave 60hz
Resistive or
Inductive Load
150
.2
TJ=25
f=1MHz
1
.1
2
4
.4
1.0 2
40
10
20
60
100
4
10
20 40
100
5
30
10
10
20
30
100
3
50
T J = 2 5
8.3m s S in gle H alf
S in e -W a v e
(+)
PULSE
GENERATOR
(NOTE2)
(-)
D.U.T.
1
NONIN-
DUCTIVE
50
N 1.
10
N1.
OSCILLOSCOPE
(NOTE1)
(+)
25VDC
(approx)
(-)
t rr
-1.0A
-0.25A
0
+0.5A
1c m


Similar Part No. - ERB35-02

ManufacturerPart #DatasheetDescription
logo
NEC
ERB35-P1212-F NEC-ERB35-P1212-F Datasheet
6Mb / 71P
   Ferrite Cores
More results

Similar Description - ERB35-02

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
HER1001 GOOD-ARK-HER1001 Datasheet
145Kb / 2P
   HIGH EFFICIENCY RECTIFIER
HER101 GOOD-ARK-HER101 Datasheet
61Kb / 2P
   HIGH EFFICIENCY RECTIFIER
HER301 GOOD-ARK-HER301 Datasheet
64Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
Shenzhen Luguang Electr...
ERA38-04 LUGUANG-ERA38-04 Datasheet
202Kb / 2P
   High Efficiency Rectifier
logo
Diode Semiconductor Kor...
RN3ZZ DSK-RN3ZZ Datasheet
279Kb / 2P
   HIGH EFFICIENCY RECTIFIER
RU20AZ DSK-RU20AZ Datasheet
237Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
Chenmko Enterprise Co. ...
MUR105PT CHENMKO-MUR105PT Datasheet
118Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
Galaxy Semi-Conductor H...
RP1H BILIN-RP1H Datasheet
57Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
Shenzhen Ping Sheng Ele...
HER501 PFS-HER501 Datasheet
169Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
SHENZHEN YONGERJIA INDU...
HER601-607 WINNERJOIN-HER601-607 Datasheet
99Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
Jinan Jing Heng Electro...
HER201 JINGHENG-HER201 Datasheet
62Kb / 2P
   HIGH EFFICIENCY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com