Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9785 Datasheet(PDF) 7 Page - Analog Devices

Part # AD9785
Description  Dual 12-/14-/16-Bit 800 MSPS DAC with Low Power 32-Bit Complex NCO
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9785 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9785 Datasheet HTML 3Page - Analog Devices AD9785 Datasheet HTML 4Page - Analog Devices AD9785 Datasheet HTML 5Page - Analog Devices AD9785 Datasheet HTML 6Page - Analog Devices AD9785 Datasheet HTML 7Page - Analog Devices AD9785 Datasheet HTML 8Page - Analog Devices AD9785 Datasheet HTML 9Page - Analog Devices AD9785 Datasheet HTML 10Page - Analog Devices AD9785 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 64 page
background image
AD9785/AD9787/AD9788
Rev. 0 | Page 7 of 64
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
74
VREF
73
IPTAT
72
AGND
69
SPI_CSB
70
RESET
71
IRQ
75
I120
68
SCLK
67
SPI_SDIO
66
SPI_SDO
64
DGND
63
SYNC_O+
62
SYNC_O–
61
DVDD33
60
DVDD18
59
NC
58
NC
57
NC
56
NC
55
P2D[0]
54
DGND
53
DVDD18
52
P2D[1]
51
P2D[2]
65
PLL_LOCK
PIN 1 INDICATOR
100 99 98 97 96 95 94 93 92 91 90 89 88 87 86 85 84 83 82 81 80 79 78 77 76
26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50
2
CVDD18
3
CGND
4
CGND
7
CGND
6
REFCLK–
5
REFCLK+
1
CVDD18
8
CGND
9
CVDD18
10
CVDD18
12
AGND
13
SYNC_I+
14
SYNC_I–
15
DGND
16
DVDD18
17
P1D[11]
18
P1D[10]
19
P1D[9]
20
P1D[8]
21
P1D[7]
22
DGND
23
DVDD18
24
P1D[6]
25
P1D[5]
11
CGND
AD9785
TOP VIEW
(Not to Scale)
ANALOG DOMAIN
DIGITAL DOMAIN
NC = NO CONNECT
Figure 2. AD9785 Pin Configuration
Table 6. AD9785 Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 2, 9, 10
CVDD18
1.8 V Clock Supply.
3, 4, 7, 8, 11
CGND
Clock Common.
5
REFCLK+
Differential Clock Input, Positive.
6
REFCLK−
Differential Clock Input, Negative.
12, 72, 77, 79, 81, 82, 85,
88, 91, 94, 95, 97, 99
AGND
Analog Common.
13
SYNC_I+
Differential Synchronization Input, Positive.
14
SYNC_I−
Differential Synchronization Input, Negative.
15, 22, 32, 44, 54, 64
DGND
Digital Common.
16, 23, 33, 43, 53, 60
DVDD18
1.8 V Digital Supply.
17
P1D[11]
Port 1, Data Input D11 (MSB).
18
P1D[10]
Port 1, Data Input D10.
19
P1D[9]
Port 1, Data Input D9.
20
P1D[8]
Port 1, Data Input D8.
21
P1D[7]
Port 1, Data Input D7.
24
P1D[6]
Port 1, Data Input D6.
25
P1D[5]
Port 1, Data Input D5.
26
P1D[4]
Port 1, Data Input D4.
27
P1D[3]
Port 1, Data Input D3.
28
P1D[2]
Port 1, Data Input D2.


Similar Part No. - AD9785

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9785 AD-AD9785 Datasheet
1Mb / 62P
   Low Power 32-Bit Complex NCO
AD9785-DPG2-EBZ AD-AD9785-DPG2-EBZ Datasheet
1Mb / 62P
   Low Power 32-Bit Complex NCO
AD9785BSVZ AD-AD9785BSVZ Datasheet
1Mb / 62P
   Low Power 32-Bit Complex NCO
AD9785BSVZRL AD-AD9785BSVZRL Datasheet
1Mb / 62P
   Low Power 32-Bit Complex NCO
AD9785 AD-AD9785_18 Datasheet
1Mb / 62P
   Low Power 32-Bit Complex NCO
More results

Similar Description - AD9785

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9785 AD-AD9785_18 Datasheet
1Mb / 62P
   Low Power 32-Bit Complex NCO
logo
Texas Instruments
DAC3283 TI-DAC3283 Datasheet
1Mb / 50P
[Old version datasheet]   Dual-Channel, 16-Bit, 800 MSPS, Digital-to-Analog Converter (DAC)
DAC3283 TI1-DAC3283_14 Datasheet
1Mb / 63P
[Old version datasheet]   Dual-Channel, 16-Bit, 800 MSPS, Digital-to-Analog Converter (DAC)
logo
Renesas Technology Corp
DAC1401D125 RENESAS-DAC1401D125 Datasheet
461Kb / 25P
   Dual 14-bit DAC, up to 125 Msps
2 July 2012
logo
Analog Devices
AD9776 AD-AD9776_15 Datasheet
1Mb / 56P
   Dual 12-/14-/16-Bit
REV. A
logo
NXP Semiconductors
DAC1401D125 NXP-DAC1401D125 Datasheet
359Kb / 25P
   Dual 14-bit DAC, up to 125 Msps
Rev. 01-13 November 2008
logo
Integrated Device Techn...
DAC1401D125HL-C1 IDT-DAC1401D125HL-C1 Datasheet
457Kb / 25P
   Dual 14-bit DAC, up to 125 Msps
DAC1401D125 IDT-DAC1401D125 Datasheet
457Kb / 25P
   Dual 14-bit DAC, up to 125 Msps
logo
Texas Instruments
DAC3283 TI-DAC3283_15 Datasheet
1Mb / 67P
[Old version datasheet]   DAC3283 Dual-Channel, 16-Bit, 800 MSPS, Digital-to-Analog Converter (DAC)
logo
Analog Devices
AD9780 AD-AD9780 Datasheet
1Mb / 36P
   Dual 12-/14-/16-Bit, LVDS Interface, 500 MSPS DACs
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com