Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADIS16130AMLZ Datasheet(PDF) 10 Page - Analog Devices

Part # ADIS16130AMLZ
Description  Digital Output, High-Precision Angular Rate Sensor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16130AMLZ Datasheet(HTML) 10 Page - Analog Devices

Back Button ADIS16130AMLZ Datasheet HTML 6Page - Analog Devices ADIS16130AMLZ Datasheet HTML 7Page - Analog Devices ADIS16130AMLZ Datasheet HTML 8Page - Analog Devices ADIS16130AMLZ Datasheet HTML 9Page - Analog Devices ADIS16130AMLZ Datasheet HTML 10Page - Analog Devices ADIS16130AMLZ Datasheet HTML 11Page - Analog Devices ADIS16130AMLZ Datasheet HTML 12Page - Analog Devices ADIS16130AMLZ Datasheet HTML 13Page - Analog Devices ADIS16130AMLZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ADIS16130
Rev. 0 | Page 10 of 16
CONFIGURATION OPTIONS
Synchronization Input
The SYNC pin can be used to synchronize the ADIS16130 with
other devices in the system. When the SYNC bit in the I/O port
register (IOP) is set and the SYNC pin is low, the ADIS16130
does not process any conversions. Instead, it waits until the
SYNC pin goes high, and then starts the operation. This allows
the conversion to start from a known point in time (for example,
the rising edge of the SYNC pin).
Self-Test Function
The self-test function enables system-level diagnostic checks for the
entire ADIS16130 sensor/signal conditioning circuit. To activate
the self-test function, there must be a logic high signal on all
ST pins (see Table 5). When activated, the self-test function results
in a rate measurement shift. By comparing the observed shift
with the limits specified in this data sheet, users can determine
the pass/fail criteria for system-level diagnostic routines.
For normal gyroscope operation, place a logic low input on
all ST pins. For systems that do not require this feature, tie all
ST pins to GND.
Analog Bandwidth
The typical −3 dB cutoff frequency for the ADIS16130 is
300 Hz, which is the combined response of two single-pole
filters, as shown in Figure 14. Pin ROA1 and Pin ROA2 provide
the opportunity for further bandwidth reduction in the first
filter stage, as shown in the following relationship:
()
ext
dB
C
C
R
f
+
×
×
π
×
=
2
1
3
where:
R = 25 kΩ.
C = 6800 pF.
Cext is as defined in Figure 15 and Table 7.
The relationship between the −3 dB cutoff frequency and the
external capacitance of the ADIS16130 is shown in Table 7 and
Figure 15.
327Hz
1kHz
ADC
Figure 14. Frequency Response Block Diagram
1
10
100
1k
10k
FREQUENCY (Hz)
0
–1
–2
–3
–4
–5
–6
–7
–8
–9
–10
Cext = 0.15µF
Cext = 0µF
Figure 15. Frequency Response: Cext = 0 μF vs. Cext = 0.15 μF
Table 7. Nominal Bandwidth for Standard Capacitor Values
Cext (pF)
BW (Hz)
Cext (pF)
BW (Hz)
Cext (pF)
BW (Hz)
1000
276.8
10,000
198.9
100,000
52.2
1200
274.4
12,000
187.2
120,000
44.8
1500
270.9
15,000
172.1
150,000
37.0
1800
267.5
18,000
159.2
180,000
31.5
2200
263.1
22,000
144.7
220,000
26.3
2700
257.7
27,000
129.9
270,000
21.8
3300
251.6
33,000
115.7
330,000
18.1
3900
245.8
39,000
104.4
390,000
15.5
4300
242.1
43,000
97.9
430,000
14.1
4700
238.4
47,000
92.3
470,000
12.9
5100
234.9
51,000
87.2
510,000
12.0
5600
230.7
56,000
81.6
560,000
10.9
6200
225.8
62,000
75.8
620,000
9.9
7500
215.8
75,000
65.6
750,000
8.2
8200
210.8
82,000
61.2
820,000
7.6
9100
204.7
91,000
56.3
910,000
6.8


Similar Part No. - ADIS16130AMLZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16133 AD-ADIS16133 Datasheet
415Kb / 20P
   짹1200째/sec Precision Angular Rate Sensor
REV. 0
ADIS16133/PCBZ AD-ADIS16133/PCBZ Datasheet
415Kb / 20P
   짹1200째/sec Precision Angular Rate Sensor
REV. 0
ADIS16133BMLZ AD-ADIS16133BMLZ Datasheet
415Kb / 20P
   짹1200째/sec Precision Angular Rate Sensor
REV. 0
ADIS16133BMLZ AD-ADIS16133BMLZ Datasheet
1Mb / 12P
   Evaluation Board User Guide
REV. B
ADIS16133 AD-ADIS16133_15 Datasheet
504Kb / 20P
   Precision Angular Rate Sensor
REV. D
More results

Similar Description - ADIS16130AMLZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16135 AD-ADIS16135 Datasheet
430Kb / 20P
   Precision Angular Rate Sensor
REV. 0
ADIS16133 AD-ADIS16133_15 Datasheet
504Kb / 20P
   Precision Angular Rate Sensor
REV. D
ADXRS800WBEYZ AD-ADXRS800WBEYZ Datasheet
88Kb / 2P
   High Performance, SPI Digital Output, Angular Rate Sensor
Rev. SpB
ADXRS810 AD-ADXRS810 Datasheet
616Kb / 28P
   High Performance, SPI Digital Output, Angular Rate Sensor
ADXRS800 AD-ADXRS800 Datasheet
71Kb / 2P
   High Performance, SPI Digital Output, Angular Rate Sensor
Rev. Sp0
ADXRS800WBRGZ AD-ADXRS800WBRGZ Datasheet
88Kb / 2P
   High Performance, SPI Digital Output Angular Rate Sensor
Rev. SpB
ADIS16133 AD-ADIS16133 Datasheet
415Kb / 20P
   짹1200째/sec Precision Angular Rate Sensor
REV. 0
ADIS16137 AD-ADIS16137 Datasheet
452Kb / 20P
   짹1000째/Sec Precision Angular Rate Sensor
ADIS16136 AD-ADIS16136 Datasheet
446Kb / 20P
   짹450째/Sec Precision Angular Rate Sensor
REV. A
logo
List of Unclassifed Man...
SDG1000 ETC2-SDG1000 Datasheet
223Kb / 2P
   MEMS Angular Rate Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com