Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADUM1420 Datasheet(PDF) 10 Page - Analog Devices

Part # ADUM1420
Description  Quad Isolated Precision Gate Driver, 0.1 A Output
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUM1420 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADUM1420 Datasheet HTML 4Page - Analog Devices ADUM1420 Datasheet HTML 5Page - Analog Devices ADUM1420 Datasheet HTML 6Page - Analog Devices ADUM1420 Datasheet HTML 7Page - Analog Devices ADUM1420 Datasheet HTML 8Page - Analog Devices ADUM1420 Datasheet HTML 9Page - Analog Devices ADUM1420 Datasheet HTML 10Page - Analog Devices ADUM1420 Datasheet HTML 11Page - Analog Devices ADUM1420 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
ADuM1420
Rev. A | Page 10 of 12
POWER-UP/POWER-DOWN CONSIDERATIONS
Given that the ADuM1420 has separate supplies on either side
of the isolation barrier for each channel, the power-up/power-
down characteristics relative to each supply voltage need to be
considered individually.
As shown in Table 7, when VDD1 input power is off, the ADuM1420
outputs take on a default low logic state. As the VDD1 supply is
increased/decreased, the output of each channel transitions
from/to a logic low to/from the state matching its respective
input (see Figure 13 and Figure 14).
OUTPUT
DATA
2.5
(TYP)
VDD1
Figure 13. VDD1 Power-Up/Power-Down Characteristics, Input Data = High
OUTPUT DATA
VDD1
Figure 14. VDD1 Power-Up/Power-Down Characteristics, Input Data = Low
When VDD1 crosses the threshold for activating the refresh
function (approximately 2.5 V), there can be a delay of up to
2 μs before the output is updated to the correct state, depending
on the timing of the next refresh pulse. When VDD1 is reduced
from an on state to below the 2.0 V threshold, there can be a
delay of up to 5 μs before the output takes on its default low state.
In addition, during power-up/power-down, there is a range of
VDD1 values within which erroneous outputs can occur if the
input data either is a logic high or is in transition between logic
states. This range is between 2.5 V and 2.7 V. The recommended
practice is to set all the input logic levels to low during power-up/
power-down.


Similar Part No. - ADUM1420

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM142D AD-ADUM142D Datasheet
693Kb / 27P
   3.0 kV RMS/3.75 kV RMS Quad Digital Isolators
ADUM142D AD-ADUM142D Datasheet
2Mb / 75P
   Single-Channel, 16-Bit, Current/Voltage Output DAC, Functional Safety Approved for Unipolar Current Output
Rev. 0
ADUM142D0BRWZ AD-ADUM142D0BRWZ Datasheet
693Kb / 27P
   3.0 kV RMS/3.75 kV RMS Quad Digital Isolators
ADUM142D0BRWZ-RL AD-ADUM142D0BRWZ-RL Datasheet
693Kb / 27P
   3.0 kV RMS/3.75 kV RMS Quad Digital Isolators
ADUM142D0BRZ AD-ADUM142D0BRZ Datasheet
693Kb / 27P
   3.0 kV RMS/3.75 kV RMS Quad Digital Isolators
More results

Similar Description - ADUM1420

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM1233 AD-ADUM1233 Datasheet
283Kb / 12P
   Isolated, Precision Half-Bridge Driver, 0.1 A Output
Rev. A
ADUM1234 AD-ADUM1234 Datasheet
273Kb / 12P
   Isolated, Precision Half-Bridge Driver, 0.1 A Output
REV. 0
ADUM1234 AD-ADUM1234_15 Datasheet
262Kb / 12P
   Isolated, Precision Half-Bridge Driver, 0.1 A Output
Rev. A
ADUM1233 AD-ADUM1233_V01 Datasheet
216Kb / 12P
   Isolated, Precision Half-Bridge Driver, 0.1 A Output
Rev. C
ADUM3123 AD-ADUM3123 Datasheet
488Kb / 15P
   Isolated Precision Gate Driver, 4.0 A Output
ADUM1230 AD-ADUM1230 Datasheet
259Kb / 12P
   Isolated Half-Bridge Driver, 0.1 A Amp Output
REV. A
ADUM4120 AD-ADUM4120 Datasheet
308Kb / 17P
   Isolated, Precision Gate Drivers with 2 A Output
ADUM7234 AD-ADUM7234 Datasheet
273Kb / 12P
   Isolated Precision Half-Bridge Driver, 4 A Output
Rev. A
ADUM7234 AD-ADUM7234_V01 Datasheet
217Kb / 12P
   Isolated, Precision Half-Bridge Driver, 4 A Output
Rev. B
ADUM3223 AD-ADUM3223_V01 Datasheet
533Kb / 20P
   Isolated Precision Half-Bridge Driver, 4 A Output
Rev. J
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com