Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV3003ACPZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADV3003ACPZ-R7
Description  HDMI/DVI TMDS Equalizer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV3003ACPZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADV3003ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADV3003ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADV3003ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADV3003ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADV3003ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADV3003ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADV3003ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADV3003ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADV3003ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ADV3003
Rev. 0 | Page 4 of 16
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
AVCC to AVEE
3.7 V
VTTI
AVCC + 0.6 V
VTTO
AVCC + 0.6 V
Internal Power Dissipation
2.0 W
High Speed Input Voltage
AVCC − 1.4 V < VIN <
AVCC + 0.6 V
High Speed Differential Input Voltage
2.0 V
Parallel Interface (TX_EN, PE_EN)
AVEE − 0.3 V < VIN <
AVCC + 0.6 V
Storage Temperature Range
−65°C to +125°C
Operating Temperature Range
−40°C to +85°C
Junction Temperature
150°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, a device
soldered in a 4-layer JEDEC circuit board for surface-mount
packages. JC is specified for the exposed pad soldered to the
circuit board with no airflow.
Table 3.
Package Type
θJA
θJC
Unit
40-Lead LFCSP
31.9
2.6
°C/W
MAXIMUM POWER DISSIPATION
The maximum power that can be safely dissipated by the ADV3003
is limited by the associated rise in junction temperature. The
maximum safe junction temperature for plastic encapsulated
devices is determined by the glass transition temperature of the
plastic, approximately 150°C. Temporarily exceeding this limit
may cause a shift in parametric performance due to a change
in the stresses exerted on the die by the package. Exceeding a
junction temperature of 175°C for an extended period can result
in device failure. To ensure proper operation, it is necessary to
observe the maximum power derating as determined by the
thermal resistance coefficients.
ESD CAUTION


Similar Part No. - ADV3003ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV3003ACPZ-R7 AD-ADV3003ACPZ-R7 Datasheet
766Kb / 16P
   HDMI/DVI TMDS Equalizer
More results

Similar Description - ADV3003ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV3003 AD-ADV3003_17 Datasheet
766Kb / 16P
   HDMI/DVI TMDS Equalizer
logo
Maxim Integrated Produc...
MAX3815A MAXIM-MAX3815A Datasheet
1Mb / 11P
   TMDS Digital Video Equalizer for HDMI/DVI Cables
Rev 0; 7/09
MAX3815 MAXIM-MAX3815 Datasheet
322Kb / 11P
   TMDS Digital Video Equalizer for DVI/HDMI Cables
Rev 2; 2/08
MAX3814_0709 MAXIM-MAX3814_0709 Datasheet
451Kb / 13P
   DVI/HDMI TMDS FR-4 and Cable Equalizer/Driver
Rev 1; 9/07
MAX3814 MAXIM-MAX3814 Datasheet
571Kb / 15P
   DVI/HDMI TMDS FR-4 and Cable Equalizer/Driver
Rev 0; 5/07
logo
STMicroelectronics
STDVE003A STMICROELECTRONICS-STDVE003A Datasheet
91Kb / 3P
   3:1 TMDS / HDMI signal equalizer
STDVE001A STMICROELECTRONICS-STDVE001A Datasheet
789Kb / 49P
   Adaptive single 3.4 Gbps TMDS/HDMI signal equalizer
STDVE003A STMICROELECTRONICS-STDVE003A_08 Datasheet
702Kb / 41P
   Adaptive 3.4 Gbps 3:1 TMDS/HDMI signal equalizer
STDVE103A STMICROELECTRONICS-STDVE103A Datasheet
685Kb / 43P
   Adaptive 3.4 Gbps 3:1 TMDS/HDMI signal equalizer
logo
National Semiconductor ...
DS16EV5110_0706 NSC-DS16EV5110_0706 Datasheet
1Mb / 18P
   Video Equalizer for DVI, HDMI, and Cat5 Cables
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com