Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF3283 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF3283
Description  DUAL-BAND GSM900/DCS1800 TRANSMIT MODULE
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3283 Datasheet(HTML) 4 Page - RF Micro Devices

  RF3283 Datasheet HTML 1Page - RF Micro Devices RF3283 Datasheet HTML 2Page - RF Micro Devices RF3283 Datasheet HTML 3Page - RF Micro Devices RF3283 Datasheet HTML 4Page - RF Micro Devices RF3283 Datasheet HTML 5Page - RF Micro Devices RF3283 Datasheet HTML 6Page - RF Micro Devices RF3283 Datasheet HTML 7Page - RF Micro Devices RF3283 Datasheet HTML 8Page - RF Micro Devices RF3283 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4 of 16
RF3283
Rev A1 DS071010
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
DCS1800 Mode
Temp=+25°C, V
BATT =3.5 V,
VRAMP MAX, PIN=0dBm,
25% Duty Cycle, Pulse Width=1154
μs
Operating Frequency Range
1710
1785
MHz
Maximum Output Power
32.0
32.5
dBm
Temp=+25°C, V
BATT =3.5 V,
VRAMP=1.6V
30.4
dBm
Temp=+85°C, V
BATT =3.2 V,
VRAMP=1.6V
Total Efficiency
24.0
32.0
%
P
OUT =31.4dBm, VBATT =3.5 V
Input Power Range
-3.0
0
+3.0
dBm
Maximum output power guaranteed at mini-
mum drive level
Output Noise Power
-84.0
-79.0
dBm
1805MHz to 1880MHz, RBW=100kHz,
P
OUT > 0dBm
Forward Isolation 1
-67.0
-52.0
dBm
B1,B2,B3=High, TX_EN=Low,
PIN=-20dBm, VRAMP=0.13V
Forward Isolation 2
-49.0
-40.0
dBm
TX_EN, B1,B2,B3=High,
PIN=-20dBm, VRAMP=0.13V
All Harmonics up to 12.75GHz
-41.0
-36.0
dBm
Over all power levels (0dBm to 30dBm)
All Non-Harmonic Spurious
-28.0
dBm
Over all power levels (0dBm to 30dBm)
Input VSWR
3.5:1
Over all power levels (0dBm to 30dBm)
Output Load VSWR Stability
15:1
Spurious<-36dBm, set VRAMP where
POUT<30.0dBm into 50Ω load
Output Load VSWR Ruggedness
20:1
Set VRAMP where POUT<30.0dBm into 50Ω
load. No damage or permanent degradation to
part.
Input and Output Impedance
50.0
Ω
Delivered POUT Range
28.65
30.9
Set VCC=3.5V to 4.0V
VRAMP where POUT=30.9dBm@
Load impedance=50
Ω
f=1710MHz to 1785MHz
Change Load VSWR=3:1 all phases
Measure delivered POUT with PIN=-2dBm to
+2dBm


Similar Part No. - RF3283

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
RF320-12 TELEDYNE-RF320-12 Datasheet
123Kb / 5P
   HIGH REPEATABILITY ULTRAMINIATURE T0-5, RF BYPASS RELAY DC TO 3 GHz
RF320-5 TELEDYNE-RF320-5 Datasheet
123Kb / 5P
   HIGH REPEATABILITY ULTRAMINIATURE T0-5, RF BYPASS RELAY DC TO 3 GHz
logo
RF Monolithics, Inc
RF3210 RFM-RF3210 Datasheet
220Kb / 2P
   303.825 MHz SAW Filter
logo
Murata Manufacturing Co...
RF3210 MURATA-RF3210 Datasheet
220Kb / 2P
   303.825 MHz SAW Filter
logo
RF Monolithics, Inc
RF3210D RFM-RF3210D Datasheet
574Kb / 2P
   303.825 MHz SAW Filter
More results

Similar Description - RF3283

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF4180 RFMD-RF4180 Datasheet
124Kb / 2P
   DUAL-BAND GSM900/DCS1800 TRANSMIT MODULE
logo
Skyworks Solutions Inc.
RM009 SKYWORKS-RM009 Datasheet
296Kb / 17P
   Power Amplifier Module for Dual-band GSM900 DCS1800
logo
TriQuint Semiconductor
TQM6M4028E TRIQUINT-TQM6M4028E Datasheet
208Kb / 1P
   3V Dual-Band GSM900/DCS Transmit Module
logo
Skyworks Solutions Inc.
RM008 SKYWORKS-RM008 Datasheet
507Kb / 12P
   PA Module for Dual-band GSM900 and DCS1800 Applications
logo
TriQuint Semiconductor
TQM6M4022E TRIQUINT-TQM6M4022E Datasheet
286Kb / 1P
   3V Quad-Band GSM900 DCS Transmit Module
logo
Sony Corporation
CXG1047FN SONY-CXG1047FN Datasheet
104Kb / 9P
   Dual-Band 3V Power Amplifier for GSM900/DCS1800 Applications
logo
RF Micro Devices
RF7115 RFMD-RF7115_1 Datasheet
754Kb / 22P
   QUAD-BAND GSM850/GSM900/DCS/PCS TRANSMIT MODULE
logo
National Semiconductor ...
LMX2604 NSC-LMX2604 Datasheet
268Kb / 14P
   Triple-band VCO for GSM900/DCS1800/PCS1900
logo
Maxim Integrated Produc...
MAX2651 MAXIM-MAX2651 Datasheet
466Kb / 16P
   GSM900 and DCS1800/PCS1900 Dual-Band, Low-Noise Amplifiers
19-1506; Rev 1; 10/99
logo
RF Micro Devices
RF7115 RFMD-RF7115 Datasheet
572Kb / 22P
   QUAD-BAND GSM850/GSM900/DCS/PCS TRANSMIT MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com