Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L4923 Datasheet(PDF) 2 Page - STMicroelectronics

Part # L4923
Description  WITH RESET AND INHIBIT 5V.1A VERY LOW DROP REGULATOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4923 Datasheet(HTML) 2 Page - STMicroelectronics

  L4923 Datasheet HTML 1Page - STMicroelectronics L4923 Datasheet HTML 2Page - STMicroelectronics L4923 Datasheet HTML 3Page - STMicroelectronics L4923 Datasheet HTML 4Page - STMicroelectronics L4923 Datasheet HTML 5Page - STMicroelectronics L4923 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PIN CONNECTION
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
Vi
DC Input Voltage
35
V
Vr
DC Reverse Voltage
– 18
V
VD
Positive Load Dump Protection (t = 300ms)
60
V
TJ
Junction Temperature range
– 40 to 150
°C
Top
Operating Temperature Range
– 40 to 125
°C
Tstg
Storage Temperature Range
– 55 to 150
°C
THERMAL DATA
Symbol
Parameter
Value
Unit
Rth j-case
Thermal Resistance Junction Case
4
°C/W
Figure 1 : Application Circuit.
(*) RECOMMENDED VALUE : C0 =47
µF, ESR < 10 Ω,(Iout > 10 mA) OVER FULL Trange.
Note: The circuit is ESD protected according to MIL-STD-883C
L4923
2/6


Similar Part No. - L4923

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4920 STMICROELECTRONICS-L4920 Datasheet
64Kb / 7P
   VERY LOWDROP ADJUSTABLE REGULATORS
L4921 STMICROELECTRONICS-L4921 Datasheet
64Kb / 7P
   VERY LOWDROP ADJUSTABLE REGULATORS
L4922 STMICROELECTRONICS-L4922 Datasheet
50Kb / 6P
   VERY LOW DROP REGULATOR WITH RESET
L4925 STMICROELECTRONICS-L4925 Datasheet
69Kb / 8P
   VERY LOW DROP VOLTAGE REGULATOR
L4925PD STMICROELECTRONICS-L4925PD Datasheet
69Kb / 8P
   VERY LOW DROP VOLTAGE REGULATOR
More results

Similar Description - L4923

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L387A STMICROELECTRONICS-L387A_03 Datasheet
245Kb / 6P
   VERY LOW DROP 5V REGULATOR WITH RESET
L387AH STMICROELECTRONICS-L387AH Datasheet
262Kb / 6P
   VERY LOW DROP 5V REGULATOR WITH RESET
L387A STMICROELECTRONICS-L387A Datasheet
81Kb / 6P
   VERY LOW DROP 5V REGULATOR WITH RESET
L4947 STMICROELECTRONICS-L4947 Datasheet
57Kb / 6P
   5V-0.5A VERY LOW DROP REGULATOR WITH RESET
L4947PD STMICROELECTRONICS-L4947PD Datasheet
53Kb / 6P
   5V-0.5A VERY LOW DROP REGULATOR WITH RESET
logo
List of Unclassifed Man...
L487 ETC2-L487 Datasheet
56Kb / 3P
   VERY LOW DROP 5V VOLTAGE REGULATOR WITH RESET
logo
STMicroelectronics
L4922 STMICROELECTRONICS-L4922 Datasheet
50Kb / 6P
   VERY LOW DROP REGULATOR WITH RESET
L4941 STMICROELECTRONICS-L4941 Datasheet
948Kb / 14P
   VERY LOW DROP 1A REGULATOR
L4941 STMICROELECTRONICS-L4941_06 Datasheet
952Kb / 17P
   Very low drop 1A regulator
LF00 STMICROELECTRONICS-LF00 Datasheet
649Kb / 34P
   VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com