Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF3164PCBA-41X Datasheet(PDF) 5 Page - RF Micro Devices

Part # RF3164PCBA-41X
Description  3V 1900MHz LINEAR POWER AMPLIFIER MODULE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3164PCBA-41X Datasheet(HTML) 5 Page - RF Micro Devices

  RF3164PCBA-41X Datasheet HTML 1Page - RF Micro Devices RF3164PCBA-41X Datasheet HTML 2Page - RF Micro Devices RF3164PCBA-41X Datasheet HTML 3Page - RF Micro Devices RF3164PCBA-41X Datasheet HTML 4Page - RF Micro Devices RF3164PCBA-41X Datasheet HTML 5Page - RF Micro Devices RF3164PCBA-41X Datasheet HTML 6Page - RF Micro Devices RF3164PCBA-41X Datasheet HTML 7Page - RF Micro Devices RF3164PCBA-41X Datasheet HTML 8Page - RF Micro Devices RF3164PCBA-41X Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5 of 10
RF3164
Rev A6 DS060504
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Application Schematic
Output Power Requirements of 28dBm
Application Schematic
Output Power Requirements of 28.5dBm
16
15
14
13
1
2
3
4
8
7
6
5
9
10
11
12
Bias
1 nF
VREG
VMODE
1 nF
1 nF
10
μF
L1
L2
VCC
10 nF
RF IN
RF OUT
Place these components
next to RF3164 with
minimal trace length
between components.
L1 = 1.5nH is recommended, but any value between 1.2nH to 2.2nH may be used.
L2 = 6.8nH is recommended, but any value between 4.7nH to 8.2nH may be used.
L2 may not be needed if Pin 16 is not routed directly to Pins 10, 11, and 12.
16
15
14
13
1
2
3
4
8
7
6
5
9
10
11
12
Bias
1 nF
VREG
VMODE
1 nF
1 nF
10
μF
L1
L2
VCC
10 nF
RF IN
RF OUT
Place these components
next to RF3164 with
minimal trace length
between components.
L1 = 3.3nH is recommended, but any value between 2.2nH to 3.9nH may be used.
L2 = 6.8nH is recommended, but any value between 4.7nH to 8.2nH may be used.
L2 may not be needed if Pin 16 is not routed directly to Pins 10, 11, and 12.


Similar Part No. - RF3164PCBA-41X

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3164PCBA-41X RFMD-RF3164PCBA-41X Datasheet
91Kb / 10P
   3V 1900MHz LINEAR POWER AMPLIFIER MODULE
More results

Similar Description - RF3164PCBA-41X

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3164 RFMD-RF3164 Datasheet
98Kb / 10P
   3V 1900MHz LINEAR POWER AMPLIFIER MODULE
RF6100-4 RFMD-RF6100-4_06 Datasheet
59Kb / 6P
   3V 1900MHZ LINEAR POWER AMPLIFIER MODULE
RF3164 RFMD-RF3164_06 Datasheet
91Kb / 10P
   3V 1900MHz LINEAR POWER AMPLIFIER MODULE
RF6100-4 RFMD-RF6100-4_1 Datasheet
167Kb / 8P
   3V 1900MHZ LINEAR POWER AMPLIFIER MODULE
RF3100-3 RFMD-RF3100-3 Datasheet
117Kb / 6P
   3V 1900MHZ LINEAR AMPLIFIER MODULE
RF3118 RFMD-RF3118 Datasheet
116Kb / 6P
   3V 1900MHZ LINEAR AMPLIFIER MODULE
RF3300-3 RFMD-RF3300-3 Datasheet
74Kb / 6P
   3V 1900MHz LINEAR AMPLIFIER MODULE
RF6100-4 RFMD-RF6100-4 Datasheet
67Kb / 6P
   3V 1900MHZ LINEAR POWER AMPLIFIER
RF2161 RFMD-RF2161 Datasheet
150Kb / 8P
   3V W-CDMA POWER 1900MHZ 3V LINEAR POWER AMPLIFIER
RF2186 RFMD-RF2186 Datasheet
155Kb / 6P
   3V W-CDMA POWER 1900MHZ/ 3V LINEAR POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com