Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RL431CN Datasheet(PDF) 6 Page - Orister Corporation

Part # RL431CN
Description  Adjustable Shunt Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORISTER [Orister Corporation]
Direct Link  http://www.orister.com
Logo ORISTER - Orister Corporation

RL431CN Datasheet(HTML) 6 Page - Orister Corporation

  RL431CN Datasheet HTML 1Page - Orister Corporation RL431CN Datasheet HTML 2Page - Orister Corporation RL431CN Datasheet HTML 3Page - Orister Corporation RL431CN Datasheet HTML 4Page - Orister Corporation RL431CN Datasheet HTML 5Page - Orister Corporation RL431CN Datasheet HTML 6Page - Orister Corporation RL431CN Datasheet HTML 7Page - Orister Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Page No. : 6/6
DS-RS431L-01 October, 2006
www.Orister.com
Soldering Methods for Orister’s Products
1. Storage environment: Temperature=10
oC~35oC Humidity=65%±15%
2. Reflow soldering of surface-mount devices
Profile Feature
Sn-Pb Eutectic Assembly
Pb-Free Assembly
Average ramp-up rate (TL to TP)
<3
oC/sec
<3
oC/sec
Preheat
- Temperature Min (Tsmin)
- Temperature Max (Tsmax)
- Time (min to max) (ts)
100
oC
150
oC
60~120 sec
150
oC
200
oC
60~180 sec
Tsmax to TL
- Ramp-up Rate
<3
oC/sec
<3
oC/sec
Time maintained above:
- Temperature (TL)
- Time (tL)
183
oC
60~150 sec
217
oC
60~150 sec
Peak Temperature (TP)
240
oC +0/-5oC
260
oC +0/-5oC
Time within 5
oC of actual Peak
Temperature (tP)
10~30 sec
20~40 sec
Ramp-down Rate
<6
oC/sec
<6
oC/sec
Time 25
oC to Peak Temperature
<6 minutes
<8 minutes
3. Flow (wave) soldering (solder dipping)
Products
Peak temperature
Dipping time
Pb devices.
245
oC ±5oC
5sec
±1sec
Pb-Free devices.
260
oC +0/-5oC
5sec
±1sec
Figure 1: Temperature profile
tP
tL
Ramp-down
Ramp-up
Tsmax
Tsmin
Critical Zone
TL to TP
tS
Preheat
TL
TP
25
t 25oC to Peak
Time


Similar Part No. - RL431CN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RL4-560 ETC2-RL4-560 Datasheet
33Kb / 1P
   MOLDED RECTANGULAR LED MOUNT
RL4-580 ETC2-RL4-580 Datasheet
33Kb / 1P
   MOLDED RECTANGULAR LED MOUNT
RL4-600 ETC2-RL4-600 Datasheet
33Kb / 1P
   MOLDED RECTANGULAR LED MOUNT
RL4-620 ETC2-RL4-620 Datasheet
33Kb / 1P
   MOLDED RECTANGULAR LED MOUNT
RL4-640 ETC2-RL4-640 Datasheet
33Kb / 1P
   MOLDED RECTANGULAR LED MOUNT
More results

Similar Description - RL431CN

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
PL432XA3 CYSTEKEC-PL432XA3 Datasheet
204Kb / 9P
   Adjustable shunt regulator
logo
Semtech Corporation
SC431 SEMTECH-SC431_05 Datasheet
225Kb / 9P
   Adjustable Shunt Regulator
logo
Cystech Electonics Corp...
TL432N3 CYSTEKEC-TL432N3 Datasheet
355Kb / 15P
   Adjustable shunt regulator
logo
List of Unclassifed Man...
B3431 ETC-B3431 Datasheet
125Kb / 9P
   Adjustable Shunt Regulator
logo
Cystech Electonics Corp...
LM432XA3 CYSTEKEC-LM432XA3 Datasheet
229Kb / 9P
   Adjustable shunt regulator
logo
SHANGHAI BELLING CO., L...
BL431 BELLING-BL431 Datasheet
908Kb / 12P
   Adjustable shunt regulator
logo
List of Unclassifed Man...
AX432 ETC-AX432 Datasheet
176Kb / 7P
   Adjustable Shunt Regulator
GM432 ETC2-GM432 Datasheet
317Kb / 5P
   Adjustable Shunt Regulator
logo
Samtec, Inc
SC431CSK-1TRT SAMTEC-SC431CSK-1TRT Datasheet
229Kb / 9P
   Adjustable Shunt Regulator
logo
Hi-Sincerity Mocroelect...
H432 HSMC-H432 Datasheet
129Kb / 6P
   Adjustable Shunt Regulator
H432 HSMC-H432 Datasheet
76Kb / 6P
   ADJUSTABLE SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com