Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HWF1686RA Datasheet(PDF) 1 Page - Hexawave, Inc

Part # HWF1686RA
Description  L-Band GaAs Power FET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HW [Hexawave, Inc]
Direct Link  http://www.hw.com.tw
Logo HW - Hexawave, Inc

HWF1686RA Datasheet(HTML) 1 Page - Hexawave, Inc

  HWF1686RA Datasheet HTML 1Page - Hexawave, Inc HWF1686RA Datasheet HTML 2Page - Hexawave, Inc HWF1686RA Datasheet HTML 3Page - Hexawave, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
HWF1686RA
L-Band GaAs Power FET
June 2005
V3
Hexawave Inc.
2 Prosperity Road II, Science-Based Industrial Park, Hsinchu, Taiwan.
TEL 886-3-578-5100 FAX 886-3-577-0512
http://www.hw.com.tw
All specifications are subject to change without notice.
Features
Output Power: P1dB=30 dBm (typ.)
High Gain: GL=16 Db (typ.)
High Efficiency: PAE =45% (typ.)
High Linearity: IP3=45 dBm (typ.)
Low Cost
Description
The HWF1686RA is a medium power GaAs
MESFET designed for various RF and Microwave
applications.
It is presently offered in a low cost,
surface-mountable ceramic package.
Absolute Maximum Ratings
VDS
[1]
Drain to Source Voltage
+15V
VGS
Gate to Source Voltage
-5V
ID
Drain Current
IDSS
IG
Gate Current
2 mA
TCH
Channel Temperature
175°C
TSTG
Storage Temperature
-65 to +175°C
PT
[2]
Power Dissipation
3.5 W
[1]
Hexawave recommends that the quiescent
drain-source operating voltage (VDS) should not
exceed 10 Volts.
[2]Mounted on an infinite heat sink.
Outline Dimensions
Electrical Specification at 25°°°°C
Symbol
Parameters
Conditions
Units
Min.
Typ.
Max.
IDSS
Saturated Drain Current
VDS=3V, VGS=0V
mA
300
400
600
VP
Pinch-off Voltage
VDS=3V, IDS=20 mA
V
-3.5
-2.0
-1.5
gm
Transconductance
VDS=3V, IDS=200 mA
mS
-
200
-
Rth
Thermal Resistance
Channel to Case
°C/W
-
30
40
P1dB
Output Power @1dB Gain
dBm
29.0
30.0
-
GL
Linear Power Gain
dB
15
16
-
PAE
Power-added Efficiency (Pout = P1dB)
VDS=10V
IDS=0.5IDSS
%
-
45
-
IP3
Third-order Intercept Point
[3]
f=2.4 GHz
dBm
-
45
-
[3] Single carrier level 15dBm, 1 MHz apart between 2 tones, current adjusted for best IP3
RA Package (Ceramic)


Similar Part No. - HWF1686RA

ManufacturerPart #DatasheetDescription
logo
Hexawave, Inc
HWF1686RA_V3 HW-HWF1686RA_V3_15 Datasheet
114Kb / 3P
   L-Band GaAs Power FET
More results

Similar Description - HWF1686RA

ManufacturerPart #DatasheetDescription
logo
Hexawave, Inc
HWF1681RA HW-HWF1681RA Datasheet
145Kb / 3P
   L-Band GaAs Power FET
HWF1682RA HW-HWF1682RA Datasheet
103Kb / 3P
   L-Band GaAs Power FET
HWL23NPB HW-HWL23NPB Datasheet
109Kb / 7P
   L-Band GaAS Power FET
HWL26NPA HW-HWL26NPA Datasheet
72Kb / 2P
   L-Band GaAs POWER FET
HWL36YRF HW-HWL36YRF Datasheet
91Kb / 3P
   L-Band GaAs Power FET
HWL27NPB_V1 HW-HWL27NPB_V1_15 Datasheet
101Kb / 4P
   L-Band GaAs Power FET
HWF1686RA_V3 HW-HWF1686RA_V3_15 Datasheet
114Kb / 3P
   L-Band GaAs Power FET
HWL34YRA HW-HWL34YRA Datasheet
94Kb / 4P
   L-Band GaAs Power FET
HWF1681RA_V3 HW-HWF1681RA_V3_15 Datasheet
158Kb / 3P
   L-Band GaAs Power FET
HWL34YRF_V1 HW-HWL34YRF_V1_15 Datasheet
100Kb / 3P
   L-Band GaAs Power FET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com