Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HWL23NPB Datasheet(PDF) 5 Page - Hexawave, Inc

Part # HWL23NPB
Description  L-Band GaAS Power FET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HW [Hexawave, Inc]
Direct Link  http://www.hw.com.tw
Logo HW - Hexawave, Inc

HWL23NPB Datasheet(HTML) 5 Page - Hexawave, Inc

  HWL23NPB Datasheet HTML 1Page - Hexawave, Inc HWL23NPB Datasheet HTML 2Page - Hexawave, Inc HWL23NPB Datasheet HTML 3Page - Hexawave, Inc HWL23NPB Datasheet HTML 4Page - Hexawave, Inc HWL23NPB Datasheet HTML 5Page - Hexawave, Inc HWL23NPB Datasheet HTML 6Page - Hexawave, Inc HWL23NPB Datasheet HTML 7Page - Hexawave, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
HWL23NPB
L-Band GaAS Power FET
Autumn 2002 V1
Hexawave Inc.
2 Prosperity Road II, Science Park, Hsinchu, Taiwan, R.O.C..
TEL 886-3-578-5100 FAX 886-3-577-0512
http://www.hw.com.tw
Email: sales@hw.com.tw All specifications are subject to change without notice.
Output Power & Efficiency & Gain vs Frequency
@ Vds=3V, Ids=55mA
5
10
15
20
25
0.7
0.8
0.9
1.0
1.1
f (GHz)
Po (dBm)
0
10
20
30
40
50
60
Gain
PAE (%)
Po
Gain
PAE
Output Power & Efficiency & Gain vs Frequency
@ Vds=5V, Ids=55mA
5
10
15
20
25
1.6
1.7
1.8
1.9
2.0
2.1
f (GHz)
Po (dBm)
0
10
20
30
40
50
60
Gain
PAE (%)
Po
Gain
PAE


Similar Part No. - HWL23NPB

ManufacturerPart #DatasheetDescription
logo
Hexawave, Inc
HWL23NPB_V1 HW-HWL23NPB_V1_15 Datasheet
116Kb / 7P
   L-Band GaAs Power FET
More results

Similar Description - HWL23NPB

ManufacturerPart #DatasheetDescription
logo
Hexawave, Inc
HWF1681RA HW-HWF1681RA Datasheet
145Kb / 3P
   L-Band GaAs Power FET
HWF1682RA HW-HWF1682RA Datasheet
103Kb / 3P
   L-Band GaAs Power FET
HWL26NPA HW-HWL26NPA Datasheet
72Kb / 2P
   L-Band GaAs POWER FET
HWL36YRF HW-HWL36YRF Datasheet
91Kb / 3P
   L-Band GaAs Power FET
HWL27NPB_V1 HW-HWL27NPB_V1_15 Datasheet
101Kb / 4P
   L-Band GaAs Power FET
HWF1686RA_V3 HW-HWF1686RA_V3_15 Datasheet
114Kb / 3P
   L-Band GaAs Power FET
HWL34YRA HW-HWL34YRA Datasheet
94Kb / 4P
   L-Band GaAs Power FET
HWF1686RA HW-HWF1686RA Datasheet
106Kb / 3P
   L-Band GaAs Power FET
HWF1681RA_V3 HW-HWF1681RA_V3_15 Datasheet
158Kb / 3P
   L-Band GaAs Power FET
HWL34YRF_V1 HW-HWL34YRF_V1_15 Datasheet
100Kb / 3P
   L-Band GaAs Power FET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com