Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S10040220GT Datasheet(PDF) 1 Page - PREMIER DEVICES, INC.

Part # S10040220GT
Description  GaAs Push Pull Hybrid 40 - 1000MHz 23.0dB min. Gain @ 1GHz 240mA max. @ 24VDC
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PDI [PREMIER DEVICES, INC.]
Direct Link  http://www.premierdevicesinc.com/
Logo PDI - PREMIER DEVICES, INC.

S10040220GT Datasheet(HTML) 1 Page - PREMIER DEVICES, INC.

  S10040220GT Datasheet HTML 1Page - PREMIER DEVICES, INC. S10040220GT Datasheet HTML 2Page - PREMIER DEVICES, INC. S10040220GT Datasheet HTML 3Page - PREMIER DEVICES, INC. S10040220GT Datasheet HTML 4Page - PREMIER DEVICES, INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Product Specification
S10040220GT
GaAs Push Pull, 40 – 1000MHz, 23.0dB min. Gain @ 1GHz, 240mA max. @ 24VDC
Page 1 of 4
2004 Jun 01
Document Revision Level A
FEATURES
Excellent linearity
Superior return loss performance
Extremely low distortion
Optimal reliability
Low noise
Unconditionally stable under all terminations
APPLICATION
40 to 1000 MHz CATV amplifier systems
DESCRIPTION
Hybrid Push Pull amplifier module
employing GaAs dice
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134)
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
Vi
RF input voltage (single tone)
-
75
dBmV
Vov
DC supply over-voltage (5 minutes)
-
30
V
Tstg
storage temperature
- 40
+ 100
°C
Tmb
operating mounting base temperature
- 30
+ 100
°C
CHARACTERISTICS
Table 1: S-Parameter, Noise Figure, DC Current; VB = 24V; Tmb = 30°C; ZS = ZL = 75 Ω
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
f = 50 MHz
21.7
22.0
22.3
dB
Gp
power gain
f = 1000 MHz
23
23.5
24.0
dB
SL
slope
1)
f = 40 to 1000 MHz
1.0
1.5
2.0
dB
FL
flatness of frequency
response
f = 40 to 1000 MHz
(Peak to Valley)
-
1.0
dB
f = 40 to 160 MHz
20.0
-
dB
S11
input return loss
f = 160 to 1000 MHz
18.0
-
dB
f = 40 to 320 MHz
18.0
-
dB
S22
output return loss
f = 320 to 1000 MHz
16.0
-
dB
F
noise figure
f = 50 to 1000 MHz
-
4.6
6.2
dB
Itot
total current
consumption (DC)
230.0
240.0
mA
Notes:
1) The slope is defined as the difference between the gain at the start frequency and the gain at the stop frequency.
S10040220GT
GaAs Push Pull Hybrid
40 – 1000MHz
23.0dB min. Gain @ 1GHz
240mA max. @ 24VDC


Similar Part No. - S10040220GT

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
S10040220GT RFMD-S10040220GT Datasheet
264Kb / 3P
   GaAs Push Pull Hybrid 40MHz to 1000MHz
logo
Qorvo, Inc
S10040220GT QORVO-S10040220GT Datasheet
264Kb / 3P
   GaAs Push Pull Hybrid 40MHz to 1000MHz
More results

Similar Description - S10040220GT

ManufacturerPart #DatasheetDescription
logo
PREMIER DEVICES, INC.
S10040230GT PDI-S10040230GT Datasheet
87Kb / 4P
   GaAs Push Pull Hybrid 40 - 1000MHz 23.5dB min. Gain @ 1GHz 250mA max. @ 24VDC
S10040280GT PDI-S10040280GT Datasheet
88Kb / 4P
   GaAs Push Pull Hybrid 40 - 1000MHz 28.0dB min. Gain @ 1000MHz 260mA max. @ 24VDC
S10040220P PDI-S10040220P Datasheet
154Kb / 4P
   GaAs Push Pull Hybrid 40 - 1000MHz 22dB min. Gain @ 1000MHz 270mA max. @ 24VDC
S10040240P PDI-S10040240P Datasheet
155Kb / 4P
   GaAs Push Pull Hybrid 40 - 1000MHz 24.0dB min. Gain @ 1000MHz 255mA max. @ 24VDC
S10040200P PDI-S10040200P Datasheet
160Kb / 4P
   GaAs Push Pull Hybrid 40 - 1000MHz 20dB min. Gain @ 1000MHz 260mA max. @ 24VDC
S8740180GT PDI-S8740180GT Datasheet
62Kb / 4P
   GaAs Push Pull Hybrid 40 - 870MHz 18.7dB min. Gain @ 870MHz 240mA max. @ 24VDC
S8740240GT PDI-S8740240GT Datasheet
62Kb / 4P
   GaAs Push Pull Hybrid 40 - 870MHz 24.2dB min. Gain @ 870MHz 240mA max. @ 24VDC
S8740220GT PDI-S8740220GT Datasheet
62Kb / 4P
   GaAs Push Pull Hybrid 40 - 870MHz 22.7dB min. Gain @ 870MHz 240mA max. @ 24VDC
S8740260GT PDI-S8740260GT Datasheet
76Kb / 4P
   GaAs Push Pull Hybrid 40 - 870MHz 26.0dB min. Gain @ 870MHz 240mA max. @ 24VDC
S8740190 PDI-S8740190 Datasheet
67Kb / 4P
   Si Push Pull Hybrid 40 - 870MHz 18.5dB min. Gain @ 870MHz 240mA max. @ 24VDC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com