Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RU4AMZ Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part # RU4AMZ
Description  HIGH EFFICIENCY RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

RU4AMZ Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  RU4AMZ Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited RU4AMZ Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Low cos t
Diffus ed junction
The plas tic m aterial carries U/L recognition 94V-0
MECHANICAL DATA
Cas e: JEDEC DO-27, m olded plas tic
MIL-STD-202,Method 208
Mounting: Any
Ratings at 25
am bient tem perature unles s otherwis e s pecified.
Single phas e,half wave,60 Hz,res is tive or inductive load. For capacitive load,derate by 20%.
Maximum peak repetitive reverse voltage
VRRM
V
Maximum RMS voltage
VRMS
V
Maximum DC blocking voltage
VDC
V
Maximum average f orw ard rectif ied current
9.5mm lead length,
@T
A =75
Peak f orw ard surge current
10ms single half -sine-w ave
superimplsed on rated load
@T
J =125
Maximum instantaneous f orw ard voltage
@ 3.5A
VF
V
Maximum reverse current
@T
A=25
at rated DC blocking voltage
@T
A =100
Maximum reverse recovery time
(Note1)
trr
ns
Typical junction capacitance
(Note2)
CJ
pF
Typical thermal resistance
(Note3)
RθJL
/W
Operating junction temperature range
TJ
Storage temperature range
TSTG
2. Measured at 1.0MH
Z and applied rev ers e v olt age of 4. 0V D C .
GALAXY ELECTRICAL
70.0
s im ilar s olvents
IR
10.0
300.0
1.3
RU4M
400
600
Term inals : Axial leads ,s olderable per
IF(AV)
RU4AM
400
600
3.5
A
A
420
280
RU4M(Z) --- RU4AM(Z)
- 55 ----- + 150
HIGH EFFICIENCY RECT IFIER
VOLTAGE RANGE: 400 --- 600 V
CURRENT: 3.5 A
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
DO - 27
Low leakage
Low forward voltage drop
Eas ily cleaned with freon, alcohol, ls opropand and
A
3. Thermal resistance junction to am bient.
High current capability
Polarity: Color band denotes cathode
Weight: 0.041ounces ,1.15 gram s
IFSM
8
100
UNITS
70
50
- 55 ----- + 150
N OTE: 1. Measured with I
F=0.5A, I R=1A, I rr=0. 25A.
www.galaxycn.com
BLGALAXY ELECTRICAL
BL
Document Number 0262047
1.


Similar Part No. - RU4AMZ

ManufacturerPart #DatasheetDescription
logo
Sanken electric
RU4AM SANKEN-RU4AM Datasheet
18Kb / 1P
   Fast-Recovery Rectifier Diodes
RU4AM SANKEN-RU4AM Datasheet
78Kb / 2P
   Fast-Recovery Rectifier Diodes
logo
Gulf Semiconductor
RU4AM GULFSEMI-RU4AM Datasheet
88Kb / 2P
   GLASS PASSIVATED FAST RECOVERY RECTIFIER VOLTAGE: 800V CURRENT:3.0A
logo
EIC discrete Semiconduc...
RU4AM EIC-RU4AM Datasheet
49Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Rugao Dachang Electroni...
RU4AM DACHANG-RU4AM Datasheet
119Kb / 2P
   Plastic Fast Recover Rectifier Reverse Voltage 200 to 600V Forward Current 3.5A
More results

Similar Description - RU4AMZ

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
HER1001 GOOD-ARK-HER1001 Datasheet
145Kb / 2P
   HIGH EFFICIENCY RECTIFIER
HER101 GOOD-ARK-HER101 Datasheet
61Kb / 2P
   HIGH EFFICIENCY RECTIFIER
HER301 GOOD-ARK-HER301 Datasheet
64Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
Shenzhen Luguang Electr...
ERA38-04 LUGUANG-ERA38-04 Datasheet
202Kb / 2P
   High Efficiency Rectifier
logo
Diode Semiconductor Kor...
RN3ZZ DSK-RN3ZZ Datasheet
279Kb / 2P
   HIGH EFFICIENCY RECTIFIER
RU20AZ DSK-RU20AZ Datasheet
237Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
Chenmko Enterprise Co. ...
MUR105PT CHENMKO-MUR105PT Datasheet
118Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
Galaxy Semi-Conductor H...
RP1H BILIN-RP1H Datasheet
57Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
Shenzhen Ping Sheng Ele...
HER501 PFS-HER501 Datasheet
169Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
SHENZHEN YONGERJIA INDU...
HER601-607 WINNERJOIN-HER601-607 Datasheet
99Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
Jinan Jing Heng Electro...
HER201 JINGHENG-HER201 Datasheet
62Kb / 2P
   HIGH EFFICIENCY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com