Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RU4BZ Datasheet(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

Part # RU4BZ
Description  HIGH EFFICIENCY ECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

RU4BZ Datasheet(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  RU4BZ Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited RU4BZ Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.galaxycn.com
Document Number 0262048
2.
BLGALAXY ELECTRICAL
AMBIENT TEMPERATURE,
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
NUMBER OF CYCLES AT 60Hz
REVERSE VOLTAGE,VOLTS
RATINGS AND CHARACTERISTIC CURVES
RU4Y(Z)---RU4YX(Z)
FIG.1 -- TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISTIC
SET TIMEBASEFOR 10/20 ns/cm
FIG.2 -- TYPICAL FORWARD CHARACTERISTIC
FIG.3 -- FORWARD DERATING CURVE
NOTES:1.RISE TIME = 7ns MAX.INPUT IMPEDANCE =1M . 22pF. JJJJ
2.RISE TIME =10ns MAX.SOURCE IMPEDANCE=50
.
FIG.4 -- PEAK FORWARD SURGE CURRENT
FIG.5--TYPICAL JUNCTION CAPACITANCE
PULSE
GENERATOR
(NOTE2)
D.U.T.
1
NONIN-
DUCTIVE
50
N 1.
10
N1.
OSCILLOSCOPE
(NOTE 1)
(+)
25VDC
(approx)
(-)
(-)
(-)
-1 .0A
1c m
-0.25A
0
t rr
+0.5A
SinglePhase
Half Wave60Hz
Resistiveor
InductiveLoad
RU4,RU4A,RU4B
0
1.0
2.0
25
0
50
3.0
4.0
RU4Y,RU4Z
75
100
150
125
RU4C
RU4YX
0
0.01
0.04
0.1
1.0
10
100
0.2
0.4 0.6 0.8
1
1.2
1.4
1.6
1.8 2
TJ=25
Pulse W idth=300
µS
RU4YX
RU4C
RU4B
RU4,RU4A
RU4Y,RU4Z
1
5
10
0
50
80
20
10
100
30
40
50
60
70
90
RU4YX
RU4,RU4A,
RU4B,RU4C
RU4Y,RU4Z
TJ=25
8.3ms Single Half
Sine-Wave
     TJ=25
10
20
100
200
0.1 0.2
0.4
1
2
4
10
40
100
20
50
70
RU4A,RU4B,
RU4C,RU4YX
RU4Y,RU4Z,RU4


Similar Part No. - RU4BZ

ManufacturerPart #DatasheetDescription
logo
Sanken electric
RU4B SANKEN-RU4B Datasheet
21Kb / 1P
   Fast-Recovery Rectifier Diodes
logo
EIC discrete Semiconduc...
RU4B EIC-RU4B Datasheet
49Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Shenzhen Luguang Electr...
RU4B LUGUANG-RU4B Datasheet
200Kb / 2P
   High Efficiency Rectifiers
logo
SUNMATE electronic Co.,...
RU4B SUNMATE-RU4B Datasheet
277Kb / 2P
   FAST RECOVER Y RECTIFIER DIODES
logo
Diode Semiconductor Kor...
RU4B DSK-RU4B Datasheet
306Kb / 2P
   HIGH EFFICIENCY RECTIFIERS
More results

Similar Description - RU4BZ

ManufacturerPart #DatasheetDescription
logo
Diode Semiconductor Kor...
BYT56A DSK-BYT56A Datasheet
311Kb / 2P
   HIGH EFFICIENCY ECTIFIERS
logo
Galaxy Semi-Conductor H...
BYT56A BILIN-BYT56A Datasheet
92Kb / 2P
   HIGH EFFICIENCY ECTIFIERS
logo
SAMYANG ELECTRONICS CO....
LL4001G SAMYANG-LL4001G Datasheet
1Mb / 2P
   PLASTIC SILICON R ECTIFIERS
logo
Leshan Radio Company
1F7 LRC-1F7_15 Datasheet
225Kb / 7P
   Fast Recovery ectifiers
logo
SAMYANG ELECTRONICS CO....
ABS202 SAMYANG-ABS202 Datasheet
1Mb / 2P
   SILICON B RIDGE R ECTIFIERS
ABS1502 SAMYANG-ABS1502 Datasheet
1Mb / 2P
   SILICON B RIDGE R ECTIFIERS
ABS1 SAMYANG-ABS1 Datasheet
1Mb / 2P
   SILICON B RIDGE R ECTIFIERS
logo
Emerson Network Power
ALQ15-DUAL EMERSON-NETWORKPOWER-ALQ15-DUAL Datasheet
408Kb / 2P
   High Efficiency
logo
GeneSiC Semiconductor, ...
KBPC3510TW GENESIC-KBPC3510TW Datasheet
314Kb / 3P
   High efficiency
KBPC1504TW GENESIC-KBPC1504TW Datasheet
333Kb / 3P
   High efficiency
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com