Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HWL32NPA Datasheet(PDF) 4 Page - Hexawave, Inc

Part # HWL32NPA
Description  L-Band GaAs Power FET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HW [Hexawave, Inc]
Direct Link  http://www.hw.com.tw
Logo HW - Hexawave, Inc

HWL32NPA Datasheet(HTML) 4 Page - Hexawave, Inc

  HWL32NPA Datasheet HTML 1Page - Hexawave, Inc HWL32NPA Datasheet HTML 2Page - Hexawave, Inc HWL32NPA Datasheet HTML 3Page - Hexawave, Inc HWL32NPA Datasheet HTML 4Page - Hexawave, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
HWL32NPA
L-Band GaAs Power FET
Autumn 2002 V1
Hexawave Inc.
2 Prosperity Road II, Science Park, Hsinchu, Taiwan, R.O.C..
TEL 886-3-578-5100 FAX 886-3-577-0512
http://www.hw.com.tw
Email: sales@hw.com.tw All specifications are subject to change without notice.
Small Signal Common Source Scattering Parameters
S-MAGN AND ANGLES
VDS=3V, IDS=0.5IDSS
(GHz)
lS11l
ANG
lS21l
ANG
lS12l
ANG
lS22l
ANG
0.5
0.847
-128.306
4.442
111.231
0.028
48.401
0.766
176.247
0.6
0.844
-136.718
4.000
106.224
0.031
48.174
0.766
174.387
0.7
0.856
-143.154
3.522
100.835
0.032
47.325
0.770
172.215
0.8
0.856
-148.276
3.172
98.118
0.035
47.638
0.777
171.483
0.9
0.862
-152.368
2.872
94.301
0.037
47.811
0.772
169.310
1.0
0.862
-155.481
2.616
90.899
0.039
48.019
0.767
167.360
1.1
0.868
-158.908
2.412
88.220
0.042
48.290
0.777
165.642
1.2
0.868
-161.365
2.245
85.420
0.043
47.880
0.773
163.921
1.3
0.866
-163.564
2.088
83.210
0.046
48.040
0.768
163.205
1.4
0.872
-165.570
1.978
80.247
0.049
47.287
0.765
159.987
1.5
0.872
-167.487
1.863
78.438
0.052
47.738
0.775
159.792
1.6
0.871
-169.164
1.760
75.740
0.053
47.700
0.765
156.918
1.7
0.869
-171.012
1.678
73.872
0.056
47.632
0.766
156.303
1.8
0.874
-172.509
1.611
71.361
0.059
47.201
0.761
153.655
1.9
0.879
-173.858
1.536
69.077
0.062
46.497
0.773
151.523
2.0
0.879
-175.460
1.479
67.352
0.065
45.982
0.765
150.998
2.1
0.872
-176.624
1.414
64.792
0.067
45.512
0.763
147.956
2.2
0.865
-178.177
1.362
63.247
0.068
45.127
0.765
147.832
2.3
0.876
-179.226
1.321
61.095
0.072
44.685
0.764
145.725
2.4
0.873
179.431
1.290
59.408
0.075
44.208
0.756
145.341
2.5
0.874
178.752
1.246
57.332
0.078
43.382
0.756
142.567
2.6
0.869
177.380
1.213
55.693
0.081
43.133
0.748
142.490
2.7
0.862
176.088
1.186
53.633
0.084
42.183
0.747
140.086
2.8
0.861
175.077
1.160
51.576
0.088
40.816
0.745
138.293
2.9
0.862
173.963
1.134
49.861
0.092
40.051
0.738
137.355
3.0
0.852
172.530
1.121
47.820
0.095
39.070
0.731
136.238
3.1
0.850
171.050
1.092
45.231
0.099
37.071
0.734
133.062
3.2
0.844
169.222
1.069
43.334
0.103
36.394
0.736
133.546
3.3
0.834
168.241
1.064
41.513
0.108
34.173
0.720
131.820
3.4
0.832
166.589
1.037
39.114
0.110
31.864
0.723
129.938
3.5
0.828
165.210
1.021
37.141
0.110
30.261
0.719
129.069
3.6
0.821
163.173
1.002
35.435
0.111
29.245
0.727
127.882
3.7
0.820
161.436
1.002
33.449
0.116
28.819
0.713
126.743
3.8
0.808
159.505
0.988
31.697
0.119
28.357
0.714
125.311
3.9
0.803
157.624
0.987
29.197
0.124
26.807
0.704
122.809
4.0
0.797
155.678
0.982
27.141
0.128
25.641
0.693
121.255


Similar Part No. - HWL32NPA

ManufacturerPart #DatasheetDescription
logo
Hexawave, Inc
HWL32NPA_V1 HW-HWL32NPA_V1_15 Datasheet
107Kb / 4P
   L-Band GaAs Power FET
More results

Similar Description - HWL32NPA

ManufacturerPart #DatasheetDescription
logo
Hexawave, Inc
HWF1681RA HW-HWF1681RA Datasheet
145Kb / 3P
   L-Band GaAs Power FET
HWF1682RA HW-HWF1682RA Datasheet
103Kb / 3P
   L-Band GaAs Power FET
HWL23NPB HW-HWL23NPB Datasheet
109Kb / 7P
   L-Band GaAS Power FET
HWL26NPA HW-HWL26NPA Datasheet
72Kb / 2P
   L-Band GaAs POWER FET
HWL36YRF HW-HWL36YRF Datasheet
91Kb / 3P
   L-Band GaAs Power FET
HWL27NPB_V1 HW-HWL27NPB_V1_15 Datasheet
101Kb / 4P
   L-Band GaAs Power FET
HWF1686RA_V3 HW-HWF1686RA_V3_15 Datasheet
114Kb / 3P
   L-Band GaAs Power FET
HWL34YRA HW-HWL34YRA Datasheet
94Kb / 4P
   L-Band GaAs Power FET
HWF1686RA HW-HWF1686RA Datasheet
106Kb / 3P
   L-Band GaAs Power FET
HWF1681RA_V3 HW-HWF1681RA_V3_15 Datasheet
158Kb / 3P
   L-Band GaAs Power FET
HWL34YRF_V1 HW-HWL34YRF_V1_15 Datasheet
100Kb / 3P
   L-Band GaAs Power FET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com