Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MUR130 Datasheet(PDF) 3 Page - Galaxy Semi-Conductor Holdings Limited

Part # MUR130
Description  SUPER FAST RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

MUR130 Datasheet(HTML) 3 Page - Galaxy Semi-Conductor Holdings Limited

  MUR130 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited MUR130 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited MUR130 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
NOTES:1.RISE TIME = 7ns MAX.INPUT IMPEDANCE = 1M .22pF.
JJJJJ2.RISE TIME =10ns MAX.SOURCE IMPEDANCE=50
.
MUR105 --- MUR160
PERCENT OF RATED PEAK REVERSE VOLTAGE, %
NUMBER OF CYCLES AT 60Hz
FIG.6 -- TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISTIC
FIG.4 -- TYPICAL REVERSE CHARACTERISTICS
FIG.5 -- PEAK FORWARD SURGE CURRENT
SET TIME BASE FOR 10/20 ns/cm
RATINGS AND CHARACTERISTIC CURVES
www.galaxycn.com
Document Number 0264011
3.
20
40
.01
.02
60
80
100 120
.04
.1
TA=100℃
.2
.4
1
2
10
4
40
20
100
140
TA=25℃
TA=150℃
1
2
0
10
30
4
10
20
40
50
60
20
40
100
8.3msSingleHalf
Sine-Wave
-1.0A
-0.25A
0
+0.5A
trr
1cm
10
N 1.
1
NONIN-
DUCTIVE
50
N 1.
(+)
25VDC
(approx)
(-)
D.U.T.
PULSE
GENERATOR
(NOTE2)
OSCILLOSCOPE
(NOTE 1)
BLGALAXY ELECTRICAL


Similar Part No. - MUR130

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
MUR130 JGD-MUR130 Datasheet
148Kb / 2P
   1.0 AMPS. ULTRA FAST RECTIFIERS
logo
Shenzhen Luguang Electr...
MUR130 LUGUANG-MUR130 Datasheet
1,017Kb / 3P
   Super Fast Rectifiers
logo
ON Semiconductor
MUR130 ONSEMI-MUR130 Datasheet
79Kb / 6P
   SWITCHMODE Power Rectifiers
December, 2004 ??Rev. 8
logo
SUNMATE electronic Co.,...
MUR130 SUNMATE-MUR130 Datasheet
111Kb / 2P
   1.0A Axial Leaded Super Fast Rectifier
logo
ON Semiconductor
MUR130 ONSEMI-MUR130 Datasheet
68Kb / 7P
   SWITCHMODE Power Rectifiers
July, 2006 ??Rev. 10
More results

Similar Description - MUR130

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
SF11 YANGJIE-SF11 Datasheet
145Kb / 2P
   Super Fast Rectifier
logo
Galaxy Semi-Conductor H...
SF11 BILIN-SF11 Datasheet
52Kb / 2P
   SUPER FAST RECTIFIER
SF31 BILIN-SF31 Datasheet
102Kb / 2P
   SUPER FAST RECTIFIER
SF51 BILIN-SF51 Datasheet
54Kb / 2P
   SUPER FAST RECTIFIER
BYM26A BILIN-BYM26A Datasheet
49Kb / 2P
   SUPER FAST RECTIFIER
SF17 BILIN-SF17 Datasheet
144Kb / 2P
   SUPER FAST RECTIFIER
logo
Jinan Jingheng (Group) ...
SF101 JINANJINGHENG-SF101 Datasheet
88Kb / 2P
   SUPER FAST RECTIFIER
SF201 JINANJINGHENG-SF201 Datasheet
89Kb / 2P
   SUPER FAST RECTIFIER
logo
CHENG-YI ELECTRONIC CO....
SF31 CHENG-YI-SF31 Datasheet
109Kb / 2P
   SUPER FAST RECTIFIER
SF51 CHENG-YI-SF51 Datasheet
109Kb / 2P
   SUPER FAST RECTIFIER
logo
Galaxy Semi-Conductor H...
BYV27-50 BILIN-BYV27-50 Datasheet
124Kb / 2P
   SUPER FAST RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com