Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RS1117M-A Datasheet(PDF) 7 Page - Orister Corporation

Part # RS1117M-A
Description  1.0A Low Dropout Positive Voltage Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORISTER [Orister Corporation]
Direct Link  http://www.orister.com
Logo ORISTER - Orister Corporation

RS1117M-A Datasheet(HTML) 7 Page - Orister Corporation

Back Button RS1117M-A Datasheet HTML 2Page - Orister Corporation RS1117M-A Datasheet HTML 3Page - Orister Corporation RS1117M-A Datasheet HTML 4Page - Orister Corporation RS1117M-A Datasheet HTML 5Page - Orister Corporation RS1117M-A Datasheet HTML 6Page - Orister Corporation RS1117M-A Datasheet HTML 7Page - Orister Corporation RS1117M-A Datasheet HTML 8Page - Orister Corporation RS1117M-A Datasheet HTML 9Page - Orister Corporation RS1117M-A Datasheet HTML 10Page - Orister Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Page No. : 7/7
DS-RS1117-04
Dec, 2007
www.Orister.com
TO-252 Dimension
TO-220AB Dimension
A
B
E
G
I
K
M
O
P
3
2
1
C
N
H
D
Tab
F
J
L
B
A
C
E
H
I
J
K
3
2
1
D
F
G
L
Marking:
Control Code
Date Code
RJ
11 1 7
Product Series
ADJ(A),1.8(B),2.5(C)
3.3(D),5(E)
Pb Free Mark
Pb-Free: ". " (Note)
Normal: None
S
Control Code
Date Code
RJ
11 1 7
Product Series
ADJ(A),1.8(B),2.5(C)
3.3(D),5(E)
Pb Free Mark
Pb-Free: ". " (Note)
Normal: None
S
Note: Green label is used for Pb-free packing
Pin Style: 1.ADJ/GND 2.VOUT 3.VIN
Material:
• Lead solder plating: Sn60/Pb40 (Normal),
Sn/3.0Ag/0.5Cu or Pure-Tin (Pb-free)
• Mold Compound: Epoxy resin family,
flammability solid burning class: UL94V-0
DIM
Min.
Max.
A
0.45
0.55
B
1.70
1.90
C
0.90
1.50
D
0.45
0.60
E
6.40
6.80
F
5.40
5.80
G
2.20
2.80
H
-
*2.30
I
0.70
0.90
J
-
0.90
K
5.20
5.50
L
1.40
1.60
*: Typical, Unit: mm
DIM
Min.
Max.
A
5.58
7.49
B
8.38
8.90
C
4.40
4.70
D
1.15
1.39
E
0.35
0.60
F
2.03
2.92
G
9.66
10.28
H
-
*16.25
I
-
*3.83
J
3.00
4.00
K
0.75
0.95
L
2.54
3.42
M
1.14
1.40
N
-
*2.54
O
12.70
14.27
P
14.48
15.87
*: Typical, Unit: mm
Marking:
Control Code
Date Code
RE
11 17
Pb Free Mark
Pb-Free: ". " (Note)
Normal: None
Product Series
ADJ(A),1.8(B),2.5(C)
3.3(D),5(E)
S
Control Code
Date Code
RE
11 17
Pb Free Mark
Pb-Free: ". " (Note)
Normal: None
Product Series
ADJ(A),1.8(B),2.5(C)
3.3(D),5(E)
S
Note: Green label is used for Pb-free packing
Pin Style: 1.ADJ/GND 2(Tab).VOUT 3.VIN
Material:
• Lead solder plating: Sn60/Pb40 (Normal),
Sn/3.0Ag/0.5Cu or Pure-Tin (Pb-free)
• Mold Compound: Epoxy resin family,
flammability solid burning class: UL94V-0
3-Lead TO-220AB
Plastic Package
Package Code: E
3-Lead TO-252 Plastic
Surface Mount Package
Package Code: J


Similar Part No. - RS1117M-A

ManufacturerPart #DatasheetDescription
logo
Orister Corporation
RS1117A ORISTER-RS1117A Datasheet
867Kb / 13P
   1.0A Low Dropout Positive Voltage Regulator
logo
Princeton Technology Co...
RS1117A PTC-RS1117A Datasheet
229Kb / 3P
   1.0A Low Dropout Positive Voltage Regulator
logo
Orister Corporation
RS1117A-12EG ORISTER-RS1117A-12EG Datasheet
867Kb / 13P
   1.0A Low Dropout Positive Voltage Regulator
RS1117A-12EP ORISTER-RS1117A-12EP Datasheet
867Kb / 13P
   1.0A Low Dropout Positive Voltage Regulator
RS1117A-12JG ORISTER-RS1117A-12JG Datasheet
867Kb / 13P
   1.0A Low Dropout Positive Voltage Regulator
More results

Similar Description - RS1117M-A

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK1117-1.25 KODENSHI-KK1117-1.25 Datasheet
196Kb / 4P
   1.0A Low Dropout Positive Voltage Regulator
logo
Orister Corporation
RS7805AJ ORISTER-RS7805AJ Datasheet
794Kb / 12P
   1.0A Low Dropout Positive Voltage Regulator
RS1117A ORISTER-RS1117A Datasheet
867Kb / 13P
   1.0A Low Dropout Positive Voltage Regulator
logo
IK Semicon Co., Ltd
IL1117-X IKSEMICON-IL1117-X Datasheet
237Kb / 6P
   1.0A Low Dropout Positive Voltage Regulator
IL1117-XX IKSEMICON-IL1117-XX Datasheet
1,017Kb / 10P
   1.0A Low Dropout Positive Voltage Regulator
IL2940CT-XX IKSEMICON-IL2940CT-XX Datasheet
270Kb / 9P
   1.0A Low Dropout Positive Voltage Regulator
logo
Princeton Technology Co...
RS7805 PTC-RS7805 Datasheet
113Kb / 2P
   1.0A Low Dropout Positive Voltage Regulator
RS1117A PTC-RS1117A Datasheet
229Kb / 3P
   1.0A Low Dropout Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS39100 TSC-TS39100 Datasheet
180Kb / 10P
   1.0A Ultra Low Dropout Positive Voltage Regulator
TS29100 TSC-TS29100 Datasheet
179Kb / 8P
   1.0A Ultra Low Dropout Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com