Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BYV27-600Z Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part # BYV27-600Z
Description  SUPER FAST RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

BYV27-600Z Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  BYV27-600Z Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited BYV27-600Z Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BL
Document Number 0264014
1.
FEATURES
Low cos t
Diffus ed junction
Low leakage
Low forward voltage drop
High current capability
MECHANICAL DATA
Cas e: JEDEC DO-15L,m olded plas tic
Term inals : Axial lead ,s olderable per
MIL- STD-202,Method 208
Polarity: Color band denotes cathode
Weight: 0.017 ounces,0.48 gram s
Mounting pos ition: Any
Ratings at 25
am bient tem perature unles s otherwis e s pecified.
Single phas e,half wave,50 Hz,res is tive or inductive load. For capacitive load,derate by 20%.
BYV27
-50
BYV27
-150
BYV27
-200
BYV27
-300
BYV27
-400
BYV27
-600
UNITS
Maximum recurrent peak reverse voltage
VRRM
50
150
200
300
400
600
V
Maximum RMS voltage
VRMS
35
105
140
210
280
420
V
Maximum DC blocking voltage
VDC
50
150
200
300
400
600
V
Maximum average forw ard rectif ied current
9.5mm lead length,
@T
A=75
Peak forw ard surge current
10ms single half -sine-w ave
superimposed on rated load
@T
J =125
Maximum instantaneous forw ard voltage
@ I
F=IF(AV)
VF
1.25
V
Maximum reverse current
@T
A=25
at rated DC blocking voltage
@T
A=100
Maximum reverse recovery time
(Note1)
trr
ns
Typical junction capacitance
(Note2)
CJ
pF
Typical thermal resistance
(Note3)
RθJA
/
W
Operating junction temperature range
TJ
Storage temperature range
TSTG
3. Thermal resistance f rom junction to ambient.
A
IR
IFSM
NOTE: 1. Measured with I
F=0.5A, IR=1A, I rr=0.25A.
100.0
A
0.98
2. Measured at 1.0MHz and applied rev erse v oltage of 4.1V DC.
1.05
- 55 ----- + 150
- 55 ----- + 150
IF(AV)
25
50
70
40.0
62
100
A
BYV27
-100
100
1.6
2.0
1.9
5.0
50.0
DO - 15L
100
BYV27-50(Z)---BYV27-600(Z)
SUPER FAST RECTIFIER
VOLTAGE RANGE: 50 --- 600 V
CURRENT: 2.0, 1.9,1.6 A
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Eas ily cleaned with alcohol,Is opropanol
and s im ilar s olvents
GALAXY ELECTRICAL
www.galaxycn.com
BLGALAXY ELECTRICAL


Similar Part No. - BYV27-600Z

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYV27-600 PHILIPS-BYV27-600 Datasheet
110Kb / 16P
   Ultra fast low-loss controlled avalanche rectifiers
1997 Nov 24
logo
Gulf Semiconductor
BYV27-600 GULFSEMI-BYV27-600 Datasheet
86Kb / 2P
   SINTERED GLASS JUNCTION ULTRAFAST AVALANCHE RECTIFIER VOLTAGE竊?00V CURRENT: 1.6A
logo
Vishay Siliconix
BYV27-600 VISHAY-BYV27-600 Datasheet
115Kb / 4P
   Ultra Fast Avalanche Sinterglass Diode
Rev. 1.6, 04-Aug-10
logo
Digitron Semiconductors
BYV27-600 DIGITRON-BYV27-600 Datasheet
93Kb / 3P
   ULTRA FAST AVALANCHE SINTERGLASS DIODE
logo
Diode Semiconductor Kor...
BYV27-600 DSK-BYV27-600 Datasheet
323Kb / 2P
   SUPER FAST RECTIFIERS
More results

Similar Description - BYV27-600Z

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
SF11 YANGJIE-SF11 Datasheet
145Kb / 2P
   Super Fast Rectifier
logo
Galaxy Semi-Conductor H...
SF11 BILIN-SF11 Datasheet
52Kb / 2P
   SUPER FAST RECTIFIER
SF31 BILIN-SF31 Datasheet
102Kb / 2P
   SUPER FAST RECTIFIER
SF51 BILIN-SF51 Datasheet
54Kb / 2P
   SUPER FAST RECTIFIER
BYM26A BILIN-BYM26A Datasheet
49Kb / 2P
   SUPER FAST RECTIFIER
SF17 BILIN-SF17 Datasheet
144Kb / 2P
   SUPER FAST RECTIFIER
logo
Jinan Jingheng (Group) ...
SF101 JINANJINGHENG-SF101 Datasheet
88Kb / 2P
   SUPER FAST RECTIFIER
SF201 JINANJINGHENG-SF201 Datasheet
89Kb / 2P
   SUPER FAST RECTIFIER
logo
CHENG-YI ELECTRONIC CO....
SF31 CHENG-YI-SF31 Datasheet
109Kb / 2P
   SUPER FAST RECTIFIER
SF51 CHENG-YI-SF51 Datasheet
109Kb / 2P
   SUPER FAST RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com