Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RS1509-5.0 Datasheet(PDF) 3 Page - Orister Corporation

Part # RS1509-5.0
Description  150KHz, 2A PWM Buck DC/DC Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORISTER [Orister Corporation]
Direct Link  http://www.orister.com
Logo ORISTER - Orister Corporation

RS1509-5.0 Datasheet(HTML) 3 Page - Orister Corporation

  RS1509-5.0 Datasheet HTML 1Page - Orister Corporation RS1509-5.0 Datasheet HTML 2Page - Orister Corporation RS1509-5.0 Datasheet HTML 3Page - Orister Corporation RS1509-5.0 Datasheet HTML 4Page - Orister Corporation RS1509-5.0 Datasheet HTML 5Page - Orister Corporation RS1509-5.0 Datasheet HTML 6Page - Orister Corporation RS1509-5.0 Datasheet HTML 7Page - Orister Corporation RS1509-5.0 Datasheet HTML 8Page - Orister Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Page No. : 3/3
DS-RS1509-04 Oct, 2007
www.Orister.com
All Output Voltage Versions Electrical Characteristics
Specifications with boldface type apply over for full operating temperature range, the other type are for TJ=25
oC
(Unless otherwise specified, VIN=12V for the 3.3V, 5V, and adjustable version and VIN=18V for the 12V version, ILOAD=500mA)
Parameter
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Device Parameters
Feedback Bias Current
Ib
Adjustable Version Only, VFB=1.3V
-
-10
-50
-100
nA
Oscillator Frequency
fO
(Note 5)
120
110
150
173
173
KHz
Saturation Voltage
VSAT
IOUT=2A
(Note 6,7)
-
1.3
1.4
1.5
V
Max. Duty Cycle (ON)
Min. Duty Cycle (OFF)
DC
(Note 7)
(Note 8)
-
100
0
-
%
Current Limit
ICL
Peak Current
(Note 6,7)
2.1
2.5
-
A
Output Leakage Current
IL
Output=0V
(Note 6,8)
-
-
-50
uA
Quiescent Current
IQ
(Note 8)
-
5
10
mA
Standby Quiescent Current
ISTBY
ON/OFF pin=5V
(Note 9)
-
150
250
300
uA
DIP-8
-
14
-
θJC
SOP-8
Junction to
Case
-
15
-
oC/W
DIP-8
-
80
-
Thermal Resistance
θJA(Note 10)
SOP-8
Junction to
ambient
-
70
-
oC/W
ON/OFF Control
VIH
Low (Regulator ON)
-
0.6
ON/OFF Pin Logic Input Threshold
Voltage
VIL
High (Regulator OFF)
2.0
1.3
-
V
IIH
VLOGIC=2.5V (Regulator OFF)
-
-5
-15
ON/OFF Pin Input Current
IIL
VLOGIC=0.5V (Regulator ON)
-
-0.02
-5
uA
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which
the device is intended to be functional, but do not guarantee specific performance limits. For guaranteed specifications and test conditions,
see the Electrical Characteristics.
Note 2: External components such as the catch diode, inductor, input and output capacitors, and voltage programming resistors can affect
switching regulator system performance.
Note 3: Typical numbers are at 25
oC and represent the most likely norm.
Note 4: All limits guaranteed at room temperature (standard type face) and at temperature extremes (bold type face). All room temperature limits
are 100% production tested. All limits at temperature extremes are guaranteed via correlation using standard Statistical Quality Control
(SQC) methods. All limits are used to calculate Average Outgoing Quality Level (AOQL).
Note 5: The switching frequency is reduced when the second stage current limit is activated.
Note 6: No diode, inductor or capacitor connected to output pin.
Note 7: Feedback pin removed from output and connected to 0V to force the output transistor switch ON.
Note 8: Feedback pin removed from output and connected to 12V for the 3.3V, 5V, ADJ. version, and 15V for the 12V version, to force the output
transistor switch OFF.
Note 9: VIN=40V.
Note 10: Junction to ambient thermal resistance. (With copper area of approximately 3in
2)


Similar Part No. - RS1509-5.0

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
RS150 ASTRODYNE-RS150 Datasheet
299Kb / 4P
   150W Single Output Switching Power Supply
logo
Schneider Electric
RS150 SCHNEIDER-RS150 Datasheet
3Mb / 64P
   Manual Motor Starters, Controllers, and Protectors Type GV2, GV3, and GV7
10/02
logo
Astrodyne Corporation
RS150-12 ASTRODYNE-RS150-12 Datasheet
299Kb / 4P
   150W Single Output Switching Power Supply
RS150-15 ASTRODYNE-RS150-15 Datasheet
299Kb / 4P
   150W Single Output Switching Power Supply
RS150-24 ASTRODYNE-RS150-24 Datasheet
299Kb / 4P
   150W Single Output Switching Power Supply
More results

Similar Description - RS1509-5.0

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1509 DIODES-AP1509_10 Datasheet
213Kb / 13P
   150KHz, 2A PWM BUCK DC/DC CONVERTER
DS31016 Rev. 4 - 2
logo
HTC Korea TAEJIN Techno...
TJ1509A HTC-TJ1509A Datasheet
795Kb / 8P
   150kHz, 2A PWM Buck DC/DC Converter
logo
List of Unclassifed Man...
AX1509 ETC2-AX1509 Datasheet
223Kb / 8P
   150KHz, 2A PWM Buck DC/DC Converter
logo
Anachip Corp
AP1509 ANACHIP-AP1509 Datasheet
150Kb / 8P
   150KHz, 2A PWM Buck DC/DC Converter
logo
Advanced Power Electron...
APE1701 A-POWER-APE1701 Datasheet
150Kb / 9P
   150KHz, 2A PWM BUCK DC/DC CONVERTER
logo
TECHCODE SEMICONDUCTOR,...
TD1509 TECHCODE-TD1509 Datasheet
806Kb / 17P
   2A 150KHz PWM Buck DC/DC Converter
logo
First Silicon Co., Ltd
FAC1509 FS-FAC1509 Datasheet
368Kb / 13P
   2A 150KHZ PWM Buck DC/DC Converter
logo
Diodes Incorporated
AP1509 DIODES-AP1509 Datasheet
196Kb / 12P
   150KHz, 2A PWM BUCK DC/DC CONVERTER
AP1509 Rev. 1
logo
E-CMOS Corporation
EC9309 E-CMOS-EC9309 Datasheet
1Mb / 15P
   2A 150KHz PWM Buck DC/DC Converter
logo
Shanghai Shunye Electro...
AP1509 SY-AP1509_18 Datasheet
3Mb / 6P
   150KHz 2A PWM Buck DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com