Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RS2201 Datasheet(PDF) 11 Page - Orister Corporation

Part # RS2201
Description  Switching Power Supply Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORISTER [Orister Corporation]
Direct Link  http://www.orister.com
Logo ORISTER - Orister Corporation

RS2201 Datasheet(HTML) 11 Page - Orister Corporation

Back Button RS2201 Datasheet HTML 4Page - Orister Corporation RS2201 Datasheet HTML 5Page - Orister Corporation RS2201 Datasheet HTML 6Page - Orister Corporation RS2201 Datasheet HTML 7Page - Orister Corporation RS2201 Datasheet HTML 8Page - Orister Corporation RS2201 Datasheet HTML 9Page - Orister Corporation RS2201 Datasheet HTML 10Page - Orister Corporation RS2201 Datasheet HTML 11Page - Orister Corporation RS2201 Datasheet HTML 12Page - Orister Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Page No. : 11/11
DS-RS2201-01
Nov, 2007
www.Orister.com
Soldering Methods for Orister’s Products
1. Storage environment: Temperature=10
oC~35oC Humidity=65%±15%
2. Reflow soldering of surface-mount devices
Profile Feature
Sn-Pb Eutectic Assembly
Pb-Free Assembly
Average ramp-up rate (TL to TP)
<3
oC/sec
<3
oC/sec
Preheat
- Temperature Min (Tsmin)
- Temperature Max (Tsmax)
- Time (min to max) (ts)
100
oC
150
oC
60~120 sec
150
oC
200
oC
60~180 sec
Tsmax to TL
- Ramp-up Rate
<3
oC/sec
<3
oC/sec
Time maintained above:
- Temperature (TL)
- Time (tL)
183
oC
60~150 sec
217
oC
60~150 sec
Peak Temperature (TP)
240
oC +0/-5oC
260
oC +0/-5oC
Time within 5
oC of actual Peak
Temperature (tP)
10~30 sec
20~40 sec
Ramp-down Rate
<6
oC/sec
<6
oC/sec
Time 25
oC to Peak Temperature
<6 minutes
<8 minutes
3. Flow (wave) soldering (solder dipping)
Products
Peak temperature
Dipping time
Pb devices.
245
oC ±5oC
5sec
±1sec
Pb-Free devices.
260
oC +0/-5oC
5sec
±1sec
Figure 1: Temperature profile
tP
tL
Ramp-down
Ramp-up
Tsmax
Tsmin
Critical Zone
TL to TP
tS
Preheat
TL
TP
25
t 25oC to Peak
Time


Similar Part No. - RS2201

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
RS220 SCHNEIDER-RS220 Datasheet
3Mb / 64P
   Manual Motor Starters, Controllers, and Protectors Type GV2, GV3, and GV7
10/02
More results

Similar Description - RS2201

ManufacturerPart #DatasheetDescription
logo
POWER-RAIL
CR6203 POWER-RAIL-CR6203 Datasheet
335Kb / 14P
   Switching Power Supply Controller ICs
Aug.2008 V2.0
logo
Suzhou Huaxin Micro-ele...
HS8110 HUAXIN-HS8110 Datasheet
145Kb / 9P
   Computer switching power supply controller
Ver 1.0
logo
POWER-RAIL
CR6202T POWER-RAIL-CR6202T Datasheet
308Kb / 14P
   Switching Power Supply Controller ICs
Aug.2008 V2.0
logo
SHENZHEN FUMAN ELECTRON...
TC12 FUMAN-TC12 Datasheet
250Kb / 6P
   Low power switching power supply controller
TC22 FUMAN-TC22 Datasheet
312Kb / 6P
   Low power switching power supply controller
logo
Hitachi Semiconductor
HA16341NT HITACHI-HA16341NT Datasheet
230Kb / 21P
   Redundant Secondary Switching Power Supply Controller
logo
Shenzhen Winsemi Microe...
WS2293B WINSEMI-WS2293B Datasheet
381Kb / 9P
   Switching Mode Power Supply PWM Controller
logo
Shenzhen Titan Micro El...
TM5102 TITAN-TM5102 Datasheet
745Kb / 10P
   Green low power switching power supply controller
logo
Renesas Technology Corp
HA16341NT RENESAS-HA16341NT Datasheet
414Kb / 20P
   Redundant Secondary Switching Power Supply Controller
logo
Shenzhen Titan Micro El...
TM5101 TITAN-TM5101 Datasheet
792Kb / 11P
   Green low power switching power supply controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com