Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L4943 Datasheet(PDF) 2 Page - STMicroelectronics

Part # L4943
Description  MULTIFUNCTION VOLTAGE REGULATOR FOR CAR RADIO
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4943 Datasheet(HTML) 2 Page - STMicroelectronics

  L4943 Datasheet HTML 1Page - STMicroelectronics L4943 Datasheet HTML 2Page - STMicroelectronics L4943 Datasheet HTML 3Page - STMicroelectronics L4943 Datasheet HTML 4Page - STMicroelectronics L4943 Datasheet HTML 5Page - STMicroelectronics L4943 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VS
DC Operating Supply Voltage
-0.6 to 30
V
Transient Supply Overvoltage (50ms)
50
V
IO
Voltage Regulator Output Current
Internally limited
Vin
Input Voltage (EN1, EN2)
0 to 6
V
RESR
Output Capacitor Series Eq. Resistance
0.2 to 10
Ptot
Power Dissipation (Tcase = 85°C)
33
W
Top
Operating Temperature Range
-40 to 85
°C
Tstg
Storage Temperature Ranges
-55 to 150
°C
THERMAL DATA
Symbol
Parameter
Value
Unit
RTh j-case
Thermal Resistance Junction to Case
2
°C/W
1
2
3
4
5
6
7
9
10
11
8
TAB
P-GND
HSD
EN2
EN1
TAB CONNECTED TO PIN 8
13
14
15
12
FILTER CAP
V1 feed
ST CAP
VMEM
D97AU674A
VMEM_feed
V2
V1
VS
S-GND
V2 feed
PIN CONNECTION (t.b.d.)
L4943
2/6


Similar Part No. - L4943

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4940 STMICROELECTRONICS-L4940 Datasheet
129Kb / 13P
   VERY LOW DROP 1.5 A REGULATORS
L4940D2T10 STMICROELECTRONICS-L4940D2T10 Datasheet
129Kb / 13P
   VERY LOW DROP 1.5 A REGULATORS
L4940D2T10-TR STMICROELECTRONICS-L4940D2T10-TR Datasheet
1Mb / 23P
   Very low drop 1.5 A regulator
L4940D2T12 STMICROELECTRONICS-L4940D2T12 Datasheet
129Kb / 13P
   VERY LOW DROP 1.5 A REGULATORS
L4940D2T12-TR STMICROELECTRONICS-L4940D2T12-TR Datasheet
1Mb / 23P
   Very low drop 1.5 A regulator
More results

Similar Description - L4943

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4953 STMICROELECTRONICS-L4953 Datasheet
44Kb / 6P
   MULTIFUNCTION VOLTAGE REGULATOR FOR CAR RADIO
L4953K STMICROELECTRONICS-L4953K Datasheet
56Kb / 8P
   MULTIFUNCTION VOLTAGE REGULATOR FOR CAR RADIO
L5956 STMICROELECTRONICS-L5956_11 Datasheet
291Kb / 17P
   Multifunction voltage regulator for car radio
L5957 STMICROELECTRONICS-L5957 Datasheet
208Kb / 16P
   Multifunction voltage regulator for car radio
L5956 STMICROELECTRONICS-L5956 Datasheet
231Kb / 16P
   Multifunction voltage regulator for car radio
L5959 STMICROELECTRONICS-L5959 Datasheet
201Kb / 19P
   Multifunction voltage regulator for car radio
L4953G STMICROELECTRONICS-L4953G Datasheet
45Kb / 6P
   MULTIFUNCTION VOLTAGE REGULATOR FOR CAR RADIO
L5958 STMICROELECTRONICS-L5958 Datasheet
282Kb / 20P
   Multifunction voltage regulator for car radio
July 2010 Rev 1
L5955 STMICROELECTRONICS-L5955 Datasheet
203Kb / 17P
   Multiple multifunction voltage regulator for car radio
L4954 STMICROELECTRONICS-L4954 Datasheet
63Kb / 7P
   QUAD MULTIFUNCTION VOLTAGE REGULATOR FOR CAR RADIO
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com