Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RS9360AQNP Datasheet(PDF) 5 Page - Orister Corporation

Part # RS9360AQNP
Description  Charge-Pump White LED Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORISTER [Orister Corporation]
Direct Link  http://www.orister.com
Logo ORISTER - Orister Corporation

RS9360AQNP Datasheet(HTML) 5 Page - Orister Corporation

  RS9360AQNP Datasheet HTML 1Page - Orister Corporation RS9360AQNP Datasheet HTML 2Page - Orister Corporation RS9360AQNP Datasheet HTML 3Page - Orister Corporation RS9360AQNP Datasheet HTML 4Page - Orister Corporation RS9360AQNP Datasheet HTML 5Page - Orister Corporation RS9360AQNP Datasheet HTML 6Page - Orister Corporation RS9360AQNP Datasheet HTML 7Page - Orister Corporation RS9360AQNP Datasheet HTML 8Page - Orister Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Page No. : 5/8
DS-RS9360-01 Aug, 2006
www.Orister.com
Table 1
Control Inputs
Output Status
CTRL 2
CTRL 1
CTRL 0
LED 4
LED 3
LED 2
LED 1
0
0
0
OFF
OFF
OFF
ON
0
0
1
OFF
OFF
ON
OFF
0
1
0
OFF
ON
OFF
OFF
0
1
1
ON
OFF
OFF
OFF
1
0
0
OFF
OFF
ON
ON
1
0
1
OFF
ON
ON
ON
1
1
0
ON
ON
ON
ON
1
1
1
OFF
OFF
OFF
OFF
Electrical Characteristics
(Ta=25°C, VIN =2.85-5.5V, C1=C2=1.0μF, ESR=0.03Ohms, unless otherwise noted.)
Parameter
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Input Supply Voltage
VIN
2.5
5.5
V
Undervoltage Lockout Threshold
VIN rising
1.8
2.2
2.4
V
Undervoltage Lockout Hysteresis
--
50
--
mV
RSET = 24k
Ω
18.5
20
21.5
mA
RSET = 91k
Ω
4.5
5
5.5
mA
2.7V < VIN < 5.5V
2
--
20
mA
Current into LEDs 1, 2, 3 and 4
ILED
3.1V < VIN < 5.5V
2
--
30
mA
RS9360A
FOSC=250KHz, EN = High, No Load
--
2.5
3.5
mA
RS9360B
FOSC=1MHz, EN = High, No Load
--
2.5
3.5
mA
Quiescent Current
RS9360A/B
IQ
VIN = 4.2V, EN = Low
--
1
10
μA
ILED Accuracy (Note 5)
ILED-ERR
2mA < ILED < 30mA
--
2
7.5
%
Current Matching (Note 6)
ILED-LED-ERR
2mA < ILED < 30mA
--
1
5
%
1x mode to 1.5x mode Transition
Voltage (VIN falling)
VTRANS1X
VLED= 3.5V, IOUT=80mA
ILED1 = ILED2 = ILED3 = ILED4 =
20mA
--
3.75
3.85
V
1.5x mode to 2x mode Transition
Voltage (VIN falling)
VTRANS1.5X
VLED= 3.5V, IOUT= 80mA
ILED1 = ILED2 = ILED3 = ILED4 =
20mA
--
2.85
2.95
V
RS9360A
200
250
300
kHz
Oscillator Frequency
FOSC
RS9360B
0.8
1.0
1.2
MHz
Input Current Limit
ILIMIT
Short Circuit applied from VOUT to
GND
250
400
650
mA
Output Over Voltage Protection
VOVP
Open circuit at any LED that is
programmed to be in the on state
--
5.5
6
V


Similar Part No. - RS9360AQNP

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
RS9113 SILABS-RS9113 Datasheet
3Mb / 56P
   RS9113 FIPS 140-2 802.11n Module
Version 1.1
RS9113-N00-D0F SILABS-RS9113-N00-D0F Datasheet
3Mb / 56P
   RS9113 FIPS 140-2 802.11n Module
Version 1.1
RS9113-N00-D1F SILABS-RS9113-N00-D1F Datasheet
3Mb / 56P
   RS9113 FIPS 140-2 802.11n Module
Version 1.1
RS9113DB SILABS-RS9113DB Datasheet
3Mb / 56P
   RS9113 FIPS 140-2 802.11n Module
Version 1.1
RS9116 SILABS-RS9116 Datasheet
3Mb / 82P
   RS9116 n-Link™ and WiSeConnect™ Wi-Fi® and Dual-Mode Bluetooth® 5 Wireless Connectivity B00 Module Solution
Rev 1.0.9
More results

Similar Description - RS9360AQNP

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM9156A CALMIRCO-CM9156A Datasheet
561Kb / 15P
   Charge Pump White LED Driver
CM9156B CALMIRCO-CM9156B Datasheet
545Kb / 13P
   Charge-Pump White LED Driver
logo
SG Micro Corp
SGM3144 SGMICRO-SGM3144 Datasheet
310Kb / 12P
   Charge Pump White LED Driver
logo
California Micro Device...
CM9153 CALMIRCO-CM9153 Datasheet
489Kb / 12P
   Charge Pump White LED Driver
logo
Allegro MicroSystems
A8435 ALLEGRO-A8435 Datasheet
387Kb / 9P
   High Efficiency Charge Pump White LED Driver
logo
Sipex Corporation
SP6687 SIPEX-SP6687 Datasheet
246Kb / 12P
   4 Channel Charge Pump White LED Driver
logo
YOBON TECHNOLOGIES,INC.
YB1315 YOBON-YB1315 Datasheet
786Kb / 10P
   High Efficiency Charge Pump White LED Driver
logo
Rohm
BD2606MVV ROHM-BD2606MVV Datasheet
1Mb / 20P
   6-Channel Charge Pump White LED Driver
logo
ON Semiconductor
CAT3604AHV4-T2 ONSEMI-CAT3604AHV4-T2 Datasheet
238Kb / 11P
   4-Channel Regulated Charge Pump White LED Driver
November, 2010 ??Rev. 0
CAT3604HV4-T2 ONSEMI-CAT3604HV4-T2 Datasheet
388Kb / 12P
   4-Channel Regulated Charge Pump White LED Driver
Doc. No. MD-5009 Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com