Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2196 Datasheet(PDF) 6 Page - RF Micro Devices

Part # RF2196
Description  3V PCS LINEAR POWER AMPLIFIER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2196 Datasheet(HTML) 6 Page - RF Micro Devices

Back Button RF2196 Datasheet HTML 2Page - RF Micro Devices RF2196 Datasheet HTML 3Page - RF Micro Devices RF2196 Datasheet HTML 4Page - RF Micro Devices RF2196 Datasheet HTML 5Page - RF Micro Devices RF2196 Datasheet HTML 6Page - RF Micro Devices RF2196 Datasheet HTML 7Page - RF Micro Devices RF2196 Datasheet HTML 8Page - RF Micro Devices RF2196 Datasheet HTML 9Page - RF Micro Devices RF2196 Datasheet HTML 10Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6 of 12
RF2196
Rev A3 DS070730
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Application Schematic
US - CDMA
15
16
1
2
3
4
12
11
10
9
8
7
6
5
14
13
3.6 pF
15 pF
RF IN
4.7 pF
2.2 pF
15 pF
RF OUT
2.5 nH
2.2 pF
15 pF
10 nF
Pins 1 and 9 are internally grounded to the die flag.
TL
1
TL
2
15 pF
Jumper
VREG
1 k
Ω
VMODE
12 nH
15 pF
Jumper
15 pF
VCC
11 pF
Ferrite
10
Ω
Bypassing for
V
REG1 and VREG2
Bias return
Matching network for
optimum load impedance
Interstage tuning for centering
frequency response
RF Choke - Bias inductor
for the amplifier interstage
TL
3
Matching network for
optimum input return loss
4.7
μF
Bypassing for V
CC
1
μF
+
10 nF
1
μF
+
TL4
CDMA (US)
Transmission
Line Length
15 mils
TL
3
200 mils
TL
4
140 mils
TL
2
30 mils
TL
1


Similar Part No. - RF2196

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2196 RFMD-RF2196 Datasheet
180Kb / 8P
   3V PCS LINEAR POWER AMPLIFIER
RF2196 RFMD-RF2196 Datasheet
213Kb / 10P
   3V PCS LINEAR POWER AMPLIFIER
RF2196PCBA RFMD-RF2196PCBA Datasheet
180Kb / 8P
   3V PCS LINEAR POWER AMPLIFIER
RF2196PCBA-41X RFMD-RF2196PCBA-41X Datasheet
213Kb / 10P
   3V PCS LINEAR POWER AMPLIFIER
RF2196 RFMD-RF2196_06 Datasheet
213Kb / 10P
   3V PCS LINEAR POWER AMPLIFIER
More results

Similar Description - RF2196

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2196 RFMD-RF2196 Datasheet
180Kb / 8P
   3V PCS LINEAR POWER AMPLIFIER
RF2196 RFMD-RF2196_06 Datasheet
213Kb / 10P
   3V PCS LINEAR POWER AMPLIFIER
RF2146 RFMD-RF2146 Datasheet
129Kb / 8P
   PCS LINEAR POWER AMPLIFIER
logo
Raytheon Company
RMPA1951-102 RAYTHEON-RMPA1951-102 Datasheet
200Kb / 17P
   3V PCS CDMA Power Amplifier Module
logo
RF Micro Devices
RF2157 RFMD-RF2157 Datasheet
192Kb / 10P
   PCS CDMA/TDMA 3V POWER AMPLIFIER
RF2189 RFMD-RF2189 Datasheet
102Kb / 6P
   3V, 2.5GHZ LINEAR POWER AMPLIFIER
RF5189 RFMD-RF5189_06 Datasheet
203Kb / 10P
   3V, 2.45GHz LINEAR POWER AMPLIFIER
RF5300 RFMD-RF5300_1 Datasheet
237Kb / 10P
   3V, 5GHz LINEAR POWER AMPLIFIER
RF2129 RFMD-RF2129 Datasheet
83Kb / 6P
   3V, 2.5GHZ LINEAR POWER AMPLIFIER
RF2163 RFMD-RF2163 Datasheet
96Kb / 6P
   3V, 2.5GHZ LINEAR POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com