Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF3809PCK-414 Datasheet(PDF) 10 Page - RF Micro Devices

Part # RF3809PCK-414
Description  GaAs HBT PRE-DRIVER AMPLIFIER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3809PCK-414 Datasheet(HTML) 10 Page - RF Micro Devices

Back Button RF3809PCK-414 Datasheet HTML 6Page - RF Micro Devices RF3809PCK-414 Datasheet HTML 7Page - RF Micro Devices RF3809PCK-414 Datasheet HTML 8Page - RF Micro Devices RF3809PCK-414 Datasheet HTML 9Page - RF Micro Devices RF3809PCK-414 Datasheet HTML 10Page - RF Micro Devices RF3809PCK-414 Datasheet HTML 11Page - RF Micro Devices RF3809PCK-414 Datasheet HTML 12Page - RF Micro Devices RF3809PCK-414 Datasheet HTML 13Page - RF Micro Devices RF3809PCK-414 Datasheet HTML 14Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
10 of 22
RF3809
Rev A4 DS080221
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Evaluation Board Schematic
869MHz to 894MHz (GSM800) (RF3809411)
Evaluation Board Schematic
920MHz to 960MHz (GSM900) (RF3809412)
C5
Open
C6
3.9 pF
L3
47 nH
C12
33 pF
C3
6.2 pF
C1
Open
J1
RF IN
R1
750
Ω
C26
36 pF
50
Ω μstrip
1
2
3
4
8
7
6
5
PACKAGE BASE
GND
Bias
Circuit
C2
22 pF
C4
1 pF
J2
RF OUT
50
Ω μstrip
C9
Open
C8
Open
C10
Open
C7
Open
C24
100 pF
C25
0.1
μF
R2
750
Ω
R3
Open
R4
Open
R5
Open
C13
1000 pF
C14
10
μF
C15
0.1
μF
VREF
C11
6.2 pF
VCC
C18
10
μF
C17
1000 pF
C19
0.1
μF
C16
33 pF
C22
10
μF
C21
1000 pF
C23
0.1
μF
C20
33 pF
L2
2.2 nH
L1
2.7 nH
P1-1
VREF
P1
1
BANANA
JACK
P2-1
VCC
P2
1
BANANA
JACK
P3
1
BANANA
JACK
GND
3809401-
C5
Open
C6
3.3 pF
L3
47 nH
C12
33 pF
C3
5.1 pF
C1
1 pF
J1
RF IN
R1
750
Ω
C26
33 pF
50
Ω μstrip
1
2
3
4
8
7
6
5
PACKAGE BASE
GND
Bias
Circuit
C2
10 pF
C4
0.5 pF
J2
RF OUT
50
Ω μstrip
C9
Open
C8
Open
C10
Open
C7
Open
C24
100 pF
C25
0.1
μF
R2
750
Ω
R3
Open
R4
Open
R5
Open
C13
1000 pF
C14
10
μF
C15
0.1
μF
VREF
C11
10 pF
VCC
C18
10
μF
C17
1000 pF
C19
0.1
μF
C16
33 pF
C22
10
μF
C21
1000 pF
C23
0.1
μF
C20
33 pF
L2
1.8 nH
L1
2.2 nH
P1-1
VREF
P1
1
BANANA
JACK
P2-1
VCC
P2
1
BANANA
JACK
P3
1
BANANA
JACK
GND
3809402-


Similar Part No. - RF3809PCK-414

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3809PCK-414 RFMD-RF3809PCK-414 Datasheet
1Mb / 18P
   GaAs HBT PRE-DRIVER AMPLIFIER
More results

Similar Description - RF3809PCK-414

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3809 RFMD-RF3809 Datasheet
1Mb / 18P
   GaAs HBT PRE-DRIVER AMPLIFIER
RF3802 RFMD-RF3802_06 Datasheet
1Mb / 12P
   GaAs HBT PRE-DRIVER AMPLIFIER
RF3802 RFMD-RF3802 Datasheet
62Kb / 2P
   GaAs HBT PRE-DRIVER AMPLIFIER
RF3806 RFMD-RF3806 Datasheet
557Kb / 18P
   GaAs HBT PRE-DRIVER AMPLIFIER
RF3807 RFMD-RF3807 Datasheet
1Mb / 18P
   GaAs HBT PRE-DRIVER AMPLIFIER
RF3800 RFMD-RF3800 Datasheet
59Kb / 2P
   GaAs HBT PRE-DRIVER AMPLIFIER
RF3805 RFMD-RF3805 Datasheet
62Kb / 2P
   GaAs HBT PRE-DRIVER AMPLIFIER
RF3807 RFMD-RF3807_1 Datasheet
781Kb / 20P
   GaAs HBT PRE-DRIVER AMPLIFIER
RF3800 RFMD-RF3800_07 Datasheet
1Mb / 12P
   GaAs HBT PRE-DRIVER AMPLIFIER
RF3802 RFMD-RF3802_1 Datasheet
1Mb / 12P
   GaAs HBT PRE-DRIVER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com