Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2722 Datasheet(PDF) 6 Page - RF Micro Devices

Part # RF2722
Description  GSM/GPRS/EDGE RECEIVER
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2722 Datasheet(HTML) 6 Page - RF Micro Devices

Back Button RF2722 Datasheet HTML 2Page - RF Micro Devices RF2722 Datasheet HTML 3Page - RF Micro Devices RF2722 Datasheet HTML 4Page - RF Micro Devices RF2722 Datasheet HTML 5Page - RF Micro Devices RF2722 Datasheet HTML 6Page - RF Micro Devices RF2722 Datasheet HTML 7Page - RF Micro Devices RF2722 Datasheet HTML 8Page - RF Micro Devices RF2722 Datasheet HTML 9Page - RF Micro Devices RF2722 Datasheet HTML 10Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
6 of 26
RF2722
Proposed
Rev A4 DS050919
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
VCO+LO Chain
Buffers, divide-by-2, divide-by-4, divide-by-8
LO Frequency
869
960
MHz
VCOHL=0
1805
1990
MHz
VCOHL=1
Output Level to Synth
-18.6
-17.4
-16.2
dBm
2k
Ω//5pF load
Output Frequency to Synth
434.5
497.5
MHz
VCO_OUT=VCO/8
Tuning Voltage
0.5
2.0
V
Tuning Line Input Impedance
12
M
Ω
DC measurement
KVCO*
-27
-107
MHz/V
LO Phase Noise, Low Band
GSM850/EGSM
0.6MHz
-129.2
-127.2
dBc/Hz
1.6MHz
-138.4
-136.4
dBc/Hz
3.0MHz
-142.8
-140.8
dBc/Hz
10.0MHz
-145.0
-143.0
dBc/Hz
LO Phase Noise, High Band
DCS/PCS
0.6MHz
-123.0
-121.0
dBc/Hz
1.6MHz
-133.1
-131.1
dBc/Hz
3.0MHz
-137.9
-135.9
dBc/Hz
10.0MHz
-140.0
-138.0
dBc/Hz
* When used with an RF600X, the product of KVCOxCharge Pump Current is calibrated to be within 5% of nominal value.


Similar Part No. - RF2722

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2722 RFMD-RF2722 Datasheet
39Kb / 2P
   GSM/GPRS/EDGE RECEIVER Part of the POLARISTM TOTAL RADIOTM Solution
RF2722PCBA-41X RFMD-RF2722PCBA-41X Datasheet
39Kb / 2P
   GSM/GPRS/EDGE RECEIVER Part of the POLARISTM TOTAL RADIOTM Solution
More results

Similar Description - RF2722

ManufacturerPart #DatasheetDescription
logo
Telit loT Solutions
GL865-QUADV4 TELIT-GL865-QUADV4 Datasheet
551Kb / 2P
   GSM | GPRS Embedded
GL865-QUADV3 TELIT-GL865-QUADV3 Datasheet
164Kb / 2P
   GSM | GPRS Embedded
GE910-QUADV3 TELIT-GE910-QUADV3 Datasheet
174Kb / 2P
   GSM | GPRS Embedded
GE310-GNSS TELIT-GE310-GNSS Datasheet
645Kb / 2P
   GSM | GPRS Embedded
GL865-DUALV3 TELIT-GL865-DUALV3 Datasheet
164Kb / 2P
   GSM | GPRS Embedded
GL865V3.1 TELIT-GL865V3.1 Datasheet
284Kb / 2P
   GSM | GPRS Embedded
logo
rfsolutions.ltd
GSM100LITE RFSOLUTIONS-GSM100LITE Datasheet
315Kb / 26P
   GSM & GPRS MODEM
logo
Telit loT Solutions
GE910-QUAD TELIT-GE910-QUAD Datasheet
480Kb / 2P
   GSM | GPRS Embedded
GE866-QUAD TELIT-GE866-QUAD Datasheet
440Kb / 2P
   GSM | GPRS Embedded
logo
RF Micro Devices
RF2722 RFMD-RF2722 Datasheet
39Kb / 2P
   GSM/GPRS/EDGE RECEIVER Part of the POLARISTM TOTAL RADIOTM Solution
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com