Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2713 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF2713
Description  QUADRATURE MODULATOR/DEMODULATOR
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2713 Datasheet(HTML) 3 Page - RF Micro Devices

  RF2713 Datasheet HTML 1Page - RF Micro Devices RF2713 Datasheet HTML 2Page - RF Micro Devices RF2713 Datasheet HTML 3Page - RF Micro Devices RF2713 Datasheet HTML 4Page - RF Micro Devices RF2713 Datasheet HTML 5Page - RF Micro Devices RF2713 Datasheet HTML 6Page - RF Micro Devices RF2713 Datasheet HTML 7Page - RF Micro Devices RF2713 Datasheet HTML 8Page - RF Micro Devices RF2713 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3 of 16
RF2713
Rev A5 DS061016
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Demodulator Configuration,
cont.
IFIN=28mVPP, LO=200mVPP, ZLOAD=10kΩ
Input 1dB Compression Point
-21
-18.5
dBm
V
CC =5.0 V, 50 Ω shunt at IF Input
I/Q Amplitude Balance
0.1
0.5
dB
Quadrature Phase Error
1
°
DC Output
800
mV
V
CC =3.0 V, I
OUT and QOUT to GND
2.0
2.4
2.8
V
V
CC =5.0 V, I
OUT and QOUT to GND
DC Offset
<10
100
mV
IOUT to QOUT
Modulator Configuration
IFIN=28mVPP, LO=200mVPP, ZLOAD=1200Ω
Maximum Output
-23
dBm
Saturated
Input Voltage
90
mVPP
Single Sideband, 1dB Gain Compression.
Voltage Gain
6
dB
Single Sideband
I/Q Amplitude Balance
0.1
dB
Quadrature Phase Error
1
°
Carrier Suppression
25
dBc
Unadjusted. Carrier Suppression may be opti-
mized further by adjusting the DC offset level
between the A and B inputs.
Sideband Suppression
30
dBc
Power Supply
Voltage
3.0
6.0
V
Operating limits
Current
8
mA
VCC=3.0V
810
12
mA
VCC=5.0V


Similar Part No. - RF2713

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2713 RFMD-RF2713 Datasheet
135Kb / 12P
   QUADRATURE MODULATOR/DEMODULATOR
RF2713 RFMD-RF2713 Datasheet
177Kb / 14P
   QUADRATURE MODULATOR/DEMODULATOR
RF2713PCBA-D RFMD-RF2713PCBA-D Datasheet
177Kb / 14P
   QUADRATURE MODULATOR/DEMODULATOR
RF2713PCBA-M RFMD-RF2713PCBA-M Datasheet
177Kb / 14P
   QUADRATURE MODULATOR/DEMODULATOR
RF2713 RFMD-RF2713_06 Datasheet
177Kb / 14P
   QUADRATURE MODULATOR/DEMODULATOR
More results

Similar Description - RF2713

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2713 RFMD-RF2713 Datasheet
135Kb / 12P
   QUADRATURE MODULATOR/DEMODULATOR
RF2713 RFMD-RF2713_06 Datasheet
177Kb / 14P
   QUADRATURE MODULATOR/DEMODULATOR
logo
Intersil Corporation
HFA3724 INTERSIL-HFA3724 Datasheet
186Kb / 24P
   400MHz Quadrature IF Modulator/Demodulator
November 1999
HFA3726 INTERSIL-HFA3726 Datasheet
162Kb / 21P
   400MHz Quadrature IF Modulator/Demodulator
November 1999
HFA3766 INTERSIL-HFA3766 Datasheet
79Kb / 11P
   400MHz AGC Quadrature IF Modulator/Demodulator
January 1999
logo
Maxim Integrated Produc...
MAX2450 MAXIM-MAX2450 Datasheet
107Kb / 8P
   3V, Ultra-Low-Power Quadrature Modulator/Demodulator
19-0455; Rev 1; 9/98
logo
Analog Devices
ADL5542 AD-ADL5542_15 Datasheet
238Kb / 12P
   Quadrature Demodulator
ADL5387 AD-ADL5387_15 Datasheet
668Kb / 28P
   Quadrature Demodulator
REV. B
logo
NXP Semiconductors
TDA8040T PHILIPS-TDA8040T Datasheet
88Kb / 16P
   Quadrature demodulator
1996 Oct 08
TDA8042M PHILIPS-TDA8042M Datasheet
108Kb / 16P
   Quadrature demodulator
1997 Apr 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com