Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY2SSTV857ZC-27 Datasheet(PDF) 7 Page - SpectraLinear Inc

Part # CY2SSTV857ZC-27
Description  Differential Clock Buffer/Driver DDR333/PC2700-Compliant
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

CY2SSTV857ZC-27 Datasheet(HTML) 7 Page - SpectraLinear Inc

  CY2SSTV857ZC-27 Datasheet HTML 1Page - SpectraLinear Inc CY2SSTV857ZC-27 Datasheet HTML 2Page - SpectraLinear Inc CY2SSTV857ZC-27 Datasheet HTML 3Page - SpectraLinear Inc CY2SSTV857ZC-27 Datasheet HTML 4Page - SpectraLinear Inc CY2SSTV857ZC-27 Datasheet HTML 5Page - SpectraLinear Inc CY2SSTV857ZC-27 Datasheet HTML 6Page - SpectraLinear Inc CY2SSTV857ZC-27 Datasheet HTML 7Page - SpectraLinear Inc CY2SSTV857ZC-27 Datasheet HTML 8Page - SpectraLinear Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
CY2SSTV857-27
Rev 1.0, November 21, 2006
Page 7 of 8
tPZL, tPZH
Output Enable Time[12]
(all outputs)
325
ns
tPLZ, tPHZ
Output Disable Time[12]
(all outputs)
38
ns
tCCJ
Cycle to Cycle Jitter [10]
f > 66 MHz
–75
75
ps
tjit(h-per)
Half-period jitter[10, 13]
f > 66 MHz
–100
100
ps
tPLH(tPD)
Low-to-High Propagation Delay, CLK to Y
Test Mode only
1.5
3.5
7.5
ns
tPHL(tPD)
High-to-Low Propagation Delay, CLK to Y
1.5
3.5
7.5
ns
tSK(O)
Any Output to Any Output Skew[14]
100
ps
tPHASE
Phase Error[14]
–50
50
ps
Notes:
12. Refers to transition of non-inverting output.
13. Period jitter and half-period jitter specifications are separate specifications that must be met independently of each other.
14. All differential input and output terminals are terminated with 120 /16 pF, as shown in Figure 5.
AC Electrical Specifications (AVDD = VDDQ = 2.5V±5%, TA = 0°C to +85°C)(continued)
[9, 10]
Parameter
Description
Condition
Min.
Typ.
Max.
Unit


Similar Part No. - CY2SSTV857ZC-27

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2SSTV857ZC-27 CYPRESS-CY2SSTV857ZC-27 Datasheet
150Kb / 9P
   Differential Clock Buffer/Driver DDR333/PC2700-Compliant
CY2SSTV857ZC-27T CYPRESS-CY2SSTV857ZC-27T Datasheet
150Kb / 9P
   Differential Clock Buffer/Driver DDR333/PC2700-Compliant
More results

Similar Description - CY2SSTV857ZC-27

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2SSTV857-27 CYPRESS-CY2SSTV857-27 Datasheet
150Kb / 9P
   Differential Clock Buffer/Driver DDR333/PC2700-Compliant
CY28352 CYPRESS-CY28352 Datasheet
172Kb / 8P
   Differential Clock Buffer/Driver DDR400- and DDR333-Compliant
logo
SpectraLinear Inc
CY28352 SPECTRALINEAR-CY28352 Datasheet
118Kb / 7P
   Differential Clock Buffer/Driver DDR400- and DDR333-Compliant
logo
Cypress Semiconductor
CY28351 CYPRESS-CY28351 Datasheet
73Kb / 8P
   Differential Clock Buffer/Driver DDR400- and DDR333-Compliant
logo
SpectraLinear Inc
CY2SSTV857-32 SPECTRALINEAR-CY2SSTV857-32 Datasheet
108Kb / 8P
   Differential Clock Buffer/Driver DDR400/PC3200-Compliant
logo
Cypress Semiconductor
CY2SSTV857-32 CYPRESS-CY2SSTV857-32 Datasheet
166Kb / 9P
   Differential Clock Buffer/Driver DDR400/PC3200-Compliant
logo
Silicon Laboratories
CY2SSTV857ZXC-32 SILABS-CY2SSTV857ZXC-32 Datasheet
96Kb / 8P
   Differential Clock Buffer/Driver DDR400/PC3200-Compliant
logo
SpectraLinear Inc
CY28351 SPECTRALINEAR-CY28351 Datasheet
145Kb / 7P
   Differential Clock Buffer/Driver
logo
Silicon Laboratories
CY28353-2 SILABS-CY28353-2 Datasheet
111Kb / 9P
   Differential Clock Buffer/Driver
logo
Cypress Semiconductor
CY2SSTV855 CYPRESS-CY2SSTV855 Datasheet
162Kb / 7P
   Differential Clock Buffer/Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com