Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY2SSTV8575ACT Datasheet(PDF) 2 Page - SpectraLinear Inc

Part # CY2SSTV8575ACT
Description  Differential Clock Buffer/Driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

CY2SSTV8575ACT Datasheet(HTML) 2 Page - SpectraLinear Inc

  CY2SSTV8575ACT Datasheet HTML 1Page - SpectraLinear Inc CY2SSTV8575ACT Datasheet HTML 2Page - SpectraLinear Inc CY2SSTV8575ACT Datasheet HTML 3Page - SpectraLinear Inc CY2SSTV8575ACT Datasheet HTML 4Page - SpectraLinear Inc CY2SSTV8575ACT Datasheet HTML 5Page - SpectraLinear Inc CY2SSTV8575ACT Datasheet HTML 6Page - SpectraLinear Inc CY2SSTV8575ACT Datasheet HTML 7Page - SpectraLinear Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
CY2SSTV8575
Rev 1.0, November 25, 2006
Page Page 2 of
Pin Description
Pin
Name
I/O
Type
Description
5,6
CLK, CLK#
I
LV Differential Input
Differential Clock Input
21
FBIN#
I
Differential Input
Feedback Clock Input. Connect to FBOUT# for accessing the
PLL.
22
FBIN
I
Feedback Clock Input. Connect to FBOUT for accessing the
PLL.
2,12,15,27,30
Y(0:4)
O
Differential Outputs
Clock + Outputs
1,11,16,28,31
Y(0:4)#
O
Clock – Outputs
18
FBOUT
O
Differential Outputs
Feedback Clock Output. Connect to FBIN for normal
operation. A bypass delay capacitor at this output will control
Input Reference/Output Clocks phase relationships.
19
FBOUT#
O
Feedback Clock Output. Connect to FBIN# for normal
operation. A bypass delay capacitor at this output will control
Input Reference/Output Clocks phase relationships.
23
OE
I
Output Enable Input. When OE is set HIGH, all Q and Q#
outputs are enabled and switch at the same frequency as CLK.
When set LOW, all Q and Q# outputs are disabled (Hi-Z) and
the PLL is powered down.
3,4,7,13,20,26,
29
VDDQ
2.5V Nominal
2.5V Power Supply for Output Clock Buffers
8
AVDD
2.5V Nominal
2.5V Power Supply for PLL. When AVDD is at GND, PLL is
bypassed and CLK is buffered directly to the device outputs.
During disable (OE = 0), the PLL is powered down.
10,14,17,24,25,
32
VSS
0.0V Ground
Common Ground
9
AVSS
0.0V Analog Ground
Analog Ground
Table 1. Function Table
INPUTS
OUTPUTS
PLL
AVDD
OE
CLK
CLK#
Y
Y#
FBOUT
FBOUT#
GND
H
L
H
L
H
L
H
BYPASSED/OFF
GND
H
H
L
H
L
H
L
BYPASSED/OFF
XL
L
H
Z
Z
Z
Z
Off
XL
H
L
Z
Z
Z
Z
OFF
2.5V
H
L
H
L
H
L
H
On
2.5V
H
H
L
H
L
H
L
On
2.5V
H
< 20 MHz
< 20 MHz
Hi-Z
Hi-Z
Hi-Z
HI-Z
Off


Similar Part No. - CY2SSTV8575ACT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2SSTV8575ACT CYPRESS-CY2SSTV8575ACT Datasheet
122Kb / 8P
   Differential Clock Buffer/Driver
More results

Similar Description - CY2SSTV8575ACT

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY28351 SPECTRALINEAR-CY28351 Datasheet
145Kb / 7P
   Differential Clock Buffer/Driver
logo
Silicon Laboratories
CY28353-2 SILABS-CY28353-2 Datasheet
111Kb / 9P
   Differential Clock Buffer/Driver
logo
Cypress Semiconductor
CY2SSTV855 CYPRESS-CY2SSTV855 Datasheet
162Kb / 7P
   Differential Clock Buffer/Driver
CY2SSTV8575 CYPRESS-CY2SSTV8575 Datasheet
122Kb / 8P
   Differential Clock Buffer/Driver
logo
SpectraLinear Inc
CY2SSTV855 SPECTRALINEAR-CY2SSTV855 Datasheet
93Kb / 6P
   Differential Clock Buffer/Driver
logo
Cypress Semiconductor
CY2SSTV850 CYPRESS-CY2SSTV850 Datasheet
115Kb / 11P
   Differential Clock Buffer/Driver
CY2SSTV855 CYPRESS-CY2SSTV855_06 Datasheet
133Kb / 7P
   Differential Clock Buffer/Driver
logo
Silicon Laboratories
CY2SSTV855 SILABS-CY2SSTV855 Datasheet
78Kb / 6P
   Differential Clock Buffer/Driver
logo
SpectraLinear Inc
CY28358 SPECTRALINEAR-CY28358 Datasheet
135Kb / 10P
   200-MHz Differential Clock Buffer/Driver
logo
Cypress Semiconductor
CY28358 CYPRESS-CY28358 Datasheet
76Kb / 11P
   200-MHz Differential Clock Buffer/Driver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com