Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY28RS480OXCT Datasheet(PDF) 8 Page - SpectraLinear Inc

Part # CY28RS480OXCT
Description  Clock Generator for ATI RS480 Chipset
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

CY28RS480OXCT Datasheet(HTML) 8 Page - SpectraLinear Inc

Back Button CY28RS480OXCT Datasheet HTML 4Page - SpectraLinear Inc CY28RS480OXCT Datasheet HTML 5Page - SpectraLinear Inc CY28RS480OXCT Datasheet HTML 6Page - SpectraLinear Inc CY28RS480OXCT Datasheet HTML 7Page - SpectraLinear Inc CY28RS480OXCT Datasheet HTML 8Page - SpectraLinear Inc CY28RS480OXCT Datasheet HTML 9Page - SpectraLinear Inc CY28RS480OXCT Datasheet HTML 10Page - SpectraLinear Inc CY28RS480OXCT Datasheet HTML 11Page - SpectraLinear Inc CY28RS480OXCT Datasheet HTML 12Page - SpectraLinear Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
CY28RS480
Rev 1.0, November 22, 2006
Page 8 of 14
CLK_REQ[0:1]# Description
The CLKREQ#[1:0] signals are active low input used for clean
stopping and starting selected SRC outputs. The outputs
controlled by CLKREQ#[1:0] are determined by the settings in
register bytes 4 and 5. The CLKREQ# signal is a debounced
signal in that its state must remain unchanged during two
consecutive rising edges of DIFC to be recognized as a valid
assertion or deassertion. (The assertion and deassertion of
this signal is absolutely asynchronous.)
CLK_REQ[0:1]# Deassertion [Low to High Transition]
The impact of deasserting the CLKREQ#[1:0] pins is all DIF
outputs that are set in the control registers to stoppable via
assertion of CLKREQ#[1:0] are to be stopped after their next
transition. When the control register CLKREQ# drive mode bit
is programmed to ‘0’, the final state of all stopped SRC signals
is SRCT clock = High and SRCC = Low. There is to be no
change to the output drive current values, SRCT will be driven
high with a current value equal 6 x Iref,. When the control
register CLKREQ# drive mode bit is programmed to ‘1’, the
final state of all stopped DIF signals is low, both SRCT clock
and SRCC clock outputs will not be driven.
CLK_REQ[0:1]# Assertion [High to Low Transition]
All differential outputs that were stopped are to resume normal
operation in a glitch free manner. The maximum latency from
the Assertion to active outputs is between 2–6 SRC clock
periods (2 clocks are shown) with all SRC outputs resuming
simultaneously.
If
the
CLKREQ#
drive
mode
bit
is
programmed to ‘1’ three-state), the all stopped SRC outputs
must be driven high within 10 ns of CLKREQ#[1:0] Assertion
to a voltage greater than 200 mV.
Figure 3. CLK_REQ#[0:1] Assertion/Deassertion Waveform
SRCT(stoppable)
SRCT(stoppable)
SRCC(free running)
SRCT(free running)
CLKREQ#X


Similar Part No. - CY28RS480OXCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY28RS480OXCT CYPRESS-CY28RS480OXCT Datasheet
217Kb / 15P
   Clock Generator for ATI RS480 Chipset
More results

Similar Description - CY28RS480OXCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY28RS480 CYPRESS-CY28RS480 Datasheet
217Kb / 15P
   Clock Generator for ATI RS480 Chipset
CY28RS480-1 CYPRESS-CY28RS480-1 Datasheet
231Kb / 16P
   Clock Generator for ATI RS480 Chipset
CY28RS400 CYPRESS-CY28RS400 Datasheet
256Kb / 19P
   Clock Generator for ATI RS400 Chipset
logo
SpectraLinear Inc
CY28RS400 SPECTRALINEAR-CY28RS400 Datasheet
179Kb / 18P
   Clock Generator for ATI RS400 Chipset
logo
Renesas Technology Corp
ICS951416 RENESAS-ICS951416 Datasheet
435Kb / 26P
   System Clock Chip for ATI RS480
2019
ICS951412B RENESAS-ICS951412B Datasheet
395Kb / 22P
   System Clock Chip for ATI RS480 K8-based Systems
2019
logo
Integrated Circuit Syst...
ICS951412 ICST-ICS951412 Datasheet
283Kb / 10P
   System Clock Chip for ATI RS480 K8-based Systems
logo
Renesas Technology Corp
IDTCV137 RENESAS-IDTCV137 Datasheet
323Kb / 18P
   PROGRAMMABLE FLEXPC™ CLOCK FOR AMD K8 PROCESSOR ATI RS480
MARCH 2005
IDTCV149 RENESAS-IDTCV149 Datasheet
595Kb / 18P
   PROGRAMMABLE FLEXPC™ CLOCK FOR AMD K8 PROCESSOR ATI RS480
MAY 2004
logo
Silicon Laboratories
SL28541 SILABS-SL28541 Datasheet
307Kb / 31P
   Clock Generator for Intel짰Mobile Chipset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com