Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HWS420 Datasheet(PDF) 2 Page - Hexawave, Inc

Part # HWS420
Description  GaAs DC-6 GHz DPDT Switch
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HW [Hexawave, Inc]
Direct Link  http://www.hw.com.tw
Logo HW - Hexawave, Inc

HWS420 Datasheet(HTML) 2 Page - Hexawave, Inc

  HWS420 Datasheet HTML 1Page - Hexawave, Inc HWS420 Datasheet HTML 2Page - Hexawave, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
HWS420
GaAs DC-6 GHz DPDT Switch
Sptember 2006
V2
Hexawave Inc.
2 Prosperity Road II, Science Park, Hsinchu, Taiwan.
TEL 886-3-578-5100 FAX 886-3-577-0512
http://www.hw.com.tw
All specifications are subject to change without notice.
Typical Performance Data with 8pF
Capacitors @ +25°C
Absolute Maximum Ratings
Parameter
Absolute Maximum
RF Input Power
+34 dBm @ +3V
Control Voltage
+6V
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
Pin Out (Top View)
Note:
1.
DC blocking capacitors CB=8pF are required on all
RF ports.
2.
Exposed pad in the bottom must be connected to
ground by via holes.
3.
TX and RX ports can be used interchangeably.
Logic Table for Switch On-Path
VC1
VC2
VC3
VC4
On-Path
1
0
0
0
ANT2-RX
0
1
0
0
ANT1-TX
0
0
1
0
ANT1-RX
0
0
0
1
ANT2-TX
‘1’ = +3V to +5V
‘0’ = 0V to +0.2V
VC2
GND
3
2
1
4
5
6
7
8
9
10
11
12
GND
VC3
VC1
VC4
Insertion Loss vs Frequency
-1.2
-1.0
-0.8
-0.6
-0.4
-0.2
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Frequency(GHz)
Isolation vs Frequency
-35
-30
-25
-20
-15
-10
-5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Frequency(GHz)
ISO1
ISO2
Note: ISO1 for ANT1-ANT2 and TX-RX
ISO2 for ANT1-TX, ANT1-RX, ANT2-TX, and ANT2-RX
Return Loss vs Frequency
-35
-30
-25
-20
-15
-10
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Frequency(GHz)


Similar Part No. - HWS420

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
HWS420_V3 VITESSE-HWS420_V3_15 Datasheet
53Kb / 2P
   GaAs DC-6 GHz DPDT Switch
More results

Similar Description - HWS420

ManufacturerPart #DatasheetDescription
logo
Hexawave, Inc
HWS410 HW-HWS410 Datasheet
73Kb / 2P
   GaAs DC-6 GHz DPDT Switch
HWS415_V5 HW-HWS415_V5_15 Datasheet
59Kb / 2P
   GaAs DC-6 GHz DPDT Switch
logo
Vitesse Semiconductor C...
HWS420_V3 VITESSE-HWS420_V3_15 Datasheet
53Kb / 2P
   GaAs DC-6 GHz DPDT Switch
logo
Hexawave, Inc
HWS453_V3 HW-HWS453_V3_15 Datasheet
61Kb / 2P
   GaAs DC-6 GHz DPDT Switch
HWS436_V3 HW-HWS436_V3_15 Datasheet
73Kb / 3P
   GaAs DC-6 GHz DPDT Switch
HWS410_V4 HW-HWS410_V4_15 Datasheet
59Kb / 2P
   GaAs DC-6 GHz DPDT Switch
HWS415 HW-HWS415 Datasheet
77Kb / 2P
   GaAs DC-6 GHz DPDT Switch
HWS383 HW-HWS383 Datasheet
121Kb / 2P
   GaAs DC-6 GHz DPDT Switch
HWS465_V4 HW-HWS465_V4_15 Datasheet
61Kb / 2P
   GaAs DC-6 GHz DPDT Switch
HWS436 HW-HWS436 Datasheet
84Kb / 3P
   GaAs DC-6 GHz DPDT Switch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com