Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2461 Datasheet(PDF) 6 Page - RF Micro Devices

Part # RF2461
Description  CDMA/FM LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2461 Datasheet(HTML) 6 Page - RF Micro Devices

Back Button RF2461_1 Datasheet HTML 2Page - RF Micro Devices RF2461_1 Datasheet HTML 3Page - RF Micro Devices RF2461_1 Datasheet HTML 4Page - RF Micro Devices RF2461_1 Datasheet HTML 5Page - RF Micro Devices RF2461_1 Datasheet HTML 6Page - RF Micro Devices RF2461_1 Datasheet HTML 7Page - RF Micro Devices RF2461_1 Datasheet HTML 8Page - RF Micro Devices RF2461_1 Datasheet HTML 9Page - RF Micro Devices RF2461_1 Datasheet HTML 10Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6 of 14
RF2461
Rev B6 DS060925
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Package Drawing
QFN, 20-PIN, 4x4
Pin
Function
Description
Interface Schematic
15
IF2+
First differential output pin for the second mixer. Open collector. A current
combiner external network performs a differential to single-ended conver-
sion and sets the output impedance. A DC blocking cap must be present if
the IF filter input has a DC path to ground. Mixer (IF2+ and IF2-) needs to
“see” a differential impedance between 2k
Ω to 4kΩ.
16
VCC2
VCC pin for the LO buffer/bias circuitry.
17
LO IN
LO limiter input pin.
18
ENABLE
This pin is used to enable or disable the RF2461. A logic high (>2.0V)
enables the circuitry. A logic low (<1.0V) disables the circuitry.
19
IP SET
Controls the setting of the LNA current. A logic low (<1.0V) selects the
internal resistance (49.5k
Ω), resulting in an LNA current of 5mA. A logic
high (>2.0V) selects the external resistance at pin 8.
20
IF SEL
Determines which IF port is active. A logic low (<1.0V) activates IF1 and
deactivates IF2. A logic high (>2.0V) activates IF2 and deactivates IF1.
Mixers are identical. Either IF output may be used for CDMA or AMPS appli-
cations.
Pkg
Base
GND
Ground connection. The backside of the package should be soldered to a
top side ground pad which is connected to the ground plane with multiple
vias.
IF2-
IF2+
LO IN
ENABLE
IP SET
IF SEL
Dimensions in mm.
Note orientation of package.
12°
MAX
-C-
0.05
1.00
0.90
0.05 C
0.60
0.24 TYP
0.20
0.10
C AB
M
2
0.65
0.30
4 PLCS
2.10 SQ.
0.23
0.13
4 PLCS
0.50
0.75
0.50
NOTES:
Shaded lead is Pin 1.
1
Dimension applies to plated terminal:
to be measured between 0.02 mm and
0.25 mm from terminal end.
2
0.15 C A
2 PLCS
-A-
4.00
3.75
2 PLCS
0.15 C
4.00
0.15 C B
2 PLCS
-B-
3.75
2 PLCS
0.15 C


Similar Part No. - RF2461_1

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2461PCBA-41X RFMD-RF2461PCBA-41X Datasheet
355Kb / 12P
   CDMA/FM LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
RF2461 RFMD-RF2461_06 Datasheet
355Kb / 12P
   CDMA/FM LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
More results

Similar Description - RF2461_1

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2461 RFMD-RF2461 Datasheet
365Kb / 14P
   CDMA/FM LOW NOISE AMPLIFIER/MIXER 900MHZ DOWNCONVERTER
RF2449 RFMD-RF2449 Datasheet
288Kb / 14P
   CDMA/FM LOW NOISE AMPLIFIER/MIXER 900MHZ DOWNCONVERTER
RF2461 RFMD-RF2461_06 Datasheet
355Kb / 12P
   CDMA/FM LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
RF2870 RFMD-RF2870 Datasheet
400Kb / 14P
   CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
RF2861 RFMD-RF2861_06 Datasheet
124Kb / 14P
   CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
RF2861 RFMD-RF2861_1 Datasheet
318Kb / 16P
   CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
RF2861 RFMD-RF2861 Datasheet
173Kb / 14P
   CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
RF2861 RFMD-RF2861_12 Datasheet
773Kb / 15P
   CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
logo
Maxim Integrated Produc...
MAX2685 MAXIM-MAX2685 Datasheet
188Kb / 10P
   Low-Cost, 900MHz, Low-Noise Amplifier and Downconverter Mixer
19-1493; Rev 0; 7/99
MAX2685 MAXIM-MAX2685_00 Datasheet
174Kb / 10P
   Low-Cost, 900MHz, Low-Noise Amplifier and Downconverter Mixer
Rev 1; 12/00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com