Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY28510OC Datasheet(PDF) 10 Page - SpectraLinear Inc

Part # CY28510OC
Description  Peripheral I/O Clock Generator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

CY28510OC Datasheet(HTML) 10 Page - SpectraLinear Inc

Back Button CY28510OC Datasheet HTML 4Page - SpectraLinear Inc CY28510OC Datasheet HTML 5Page - SpectraLinear Inc CY28510OC Datasheet HTML 6Page - SpectraLinear Inc CY28510OC Datasheet HTML 7Page - SpectraLinear Inc CY28510OC Datasheet HTML 8Page - SpectraLinear Inc CY28510OC Datasheet HTML 9Page - SpectraLinear Inc CY28510OC Datasheet HTML 10Page - SpectraLinear Inc CY28510OC Datasheet HTML 11Page - SpectraLinear Inc CY28510OC Datasheet HTML 12Page - SpectraLinear Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
CY28510
Rev 1.0, November 20, 2006
Page 10 of 12
Absolute Maximum Conditions
Parameter
Description
Condition
Min.
Max.
Unit
VDD, VDDC,
VDDA
3.3V Supply Voltage
Maximum functional voltage
–0.5
5.5
V
VDDQ
Output Buffer Supply Voltage
Maximum functional voltage
–0.5
5.5
V
VIN
Input Voltage
Relative to VSS
–0.5
VDD + 0.5
V
TS
Temperature, Storage
Non Functional
–65
150
°C
TA
Temperature, Operating Ambient
Functional
0
70
°C
TJ
Temperature, Junction
Functional
150
°C
ØJC
Dissipation, Junction to Case
Mil-Spec 883E Method 1012.1
15
°C/W
ØJA
Dissipation, Junction to Ambient
JEDEC (JESD 51)
45
°C/W
ESDHBM
ESD Protection (Human Body Model) MIL-STD-883, Method 3015
2000
V
UL–94
Flammability Rating
@1/8 in.
V–0
MSL
Moisture Sensitivity Level
1
DC Electrical Specifications
Parameter
Description
Conditions
Min.
Typ.
Max.
Unit
VDD, VDDC,
VDDA
3.3V Supply Voltage
Maximum operating voltage
3.135
3.3
3.465
V
VDDQ
Output Buffer Supply Voltage
Maximum operating voltage
3.135
3.3
3.465
V
VIL
Input Low Voltage
0.8
Vdc
VIH
Input High Voltage
2.0
Vdc
IILC
Input Leakage Current
Except for internal pull-up or
pull-down resistors
–5
5
µA
IIL
Input Low Current (@VIL = VSS)
For internal pull-up resistors
9
µA
IIH
Input High Current (@VIL =VDD)
For internal pull-down resistors
–9
µA
VOL
Output Low Voltage
0.4
Vdc
VOH
Output High Voltage
2.4
Vdc
Ioz
Tri-State leakage Current
10
µA
CIN
Input pin capacitance
5
pF
COUT
Output pin capacitance
6
pF
LIN
Input pin Inductance
7
pF
CXTAL
Crystal pin capacitance
Measured from the Xin or Xout
to VSS
––
5
pF
IDD1
3.3V Core Supply Current
All outputs disabled running at
the default frequency
61.80
mA
IDD2
3.3V REF Supply Current
REF buffer with load from Table
7, running at the default
frequency
–4.15
mA
IDD3
3.3V CPU Supply Current
1 CLK buffer with load from
Table 7, running at the default
frequency
11.81
mA
IDD4
3.3V VDDA Supply Current
Running at the default
frequency
–12
mA


Similar Part No. - CY28510OC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY28510OC CYPRESS-CY28510OC Datasheet
99Kb / 13P
   Peripheral I/O Clock Generator
CY28510OCT CYPRESS-CY28510OCT Datasheet
99Kb / 13P
   Peripheral I/O Clock Generator
More results

Similar Description - CY28510OC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY28510 CYPRESS-CY28510 Datasheet
99Kb / 13P
   Peripheral I/O Clock Generator
logo
Silicon Laboratories
EFM32GG990 SILABS-EFM32GG990 Datasheet
2Mb / 81P
   Configurable peripheral I/O locations
EFM32GG895 SILABS-EFM32GG895 Datasheet
2Mb / 81P
   Configurable peripheral I/O locations
EFM32WG232 SILABS-EFM32WG232 Datasheet
1Mb / 75P
   Configurable peripheral I/O locations
EFM32TG822 SILABS-EFM32TG822 Datasheet
2Mb / 68P
   Configurable peripheral I/O locations
EFM32ZG108 SILABS-EFM32ZG108 Datasheet
1Mb / 54P
   Configurable peripheral I/O locations
EFM32TG222 SILABS-EFM32TG222 Datasheet
2Mb / 66P
   Configurable peripheral I/O locations
EFM32GG980 SILABS-EFM32GG980 Datasheet
2Mb / 81P
   Configurable peripheral I/O locations
EFM32LG295 SILABS-EFM32LG295 Datasheet
2Mb / 82P
   Configurable peripheral I/O locations
EFM32GG940 SILABS-EFM32GG940 Datasheet
1Mb / 73P
   Configurable peripheral I/O locations
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com