Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY28447LFXC Datasheet(PDF) 1 Page - SpectraLinear Inc

Part # CY28447LFXC
Description  Clock Generator for Intel짰 Calistoga Chipset
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

CY28447LFXC Datasheet(HTML) 1 Page - SpectraLinear Inc

  CY28447LFXC Datasheet HTML 1Page - SpectraLinear Inc CY28447LFXC Datasheet HTML 2Page - SpectraLinear Inc CY28447LFXC Datasheet HTML 3Page - SpectraLinear Inc CY28447LFXC Datasheet HTML 4Page - SpectraLinear Inc CY28447LFXC Datasheet HTML 5Page - SpectraLinear Inc CY28447LFXC Datasheet HTML 6Page - SpectraLinear Inc CY28447LFXC Datasheet HTML 7Page - SpectraLinear Inc CY28447LFXC Datasheet HTML 8Page - SpectraLinear Inc CY28447LFXC Datasheet HTML 9Page - SpectraLinear Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
PRELIMINARY
Clock Generator for Intel Calistoga Chipset
CY28447
Rev 1.0, November 20, 2006
Page 1 of 21
2200 Laurelwood Road, Santa Clara, CA 95054
Tel:(408) 855-0555
Fax:(408) 855-0550
www.SpectraLinear.com
Features
• Compliant to Intel® CK410M
• Selectable CPU frequencies
• Differential CPU clock pairs
• 100 MHz differential SRC clocks
• 96 MHz differential dot clock
• 27 MHz Spread and Non-spread video clock
• 48 MHz USB clock
• SRC clocks independently stoppable through
CLKREQ#[1:9]
• 96/100 MHz spreadable differential video clock
• 33 MHz PCI clocks
• Buffered Reference Clock 14.318MHz
• Low-voltage frequency select inputs
•I2C support with readback capabilities
• Ideal Lexmark Spread Spectrum profile for maximum
electromagnetic interference (EMI) reduction
• 3.3V power supply
• 72-pin QFN package
CPU
SRC
PCI
REF
DOT96
USB_48M
LCD
27M
x2 / x3
x9/11
x5
x 2
x 1
x 1
x1
x2
Pin Configuration
Block Diagram
72 71 70 69 68 67 66 65 64 63 62 61 60 59 58 57 56 55
VDD_SRC
154
VDD_SRC
SRCC_9
253
SRCC_2
SRCT_9
352
SRCT_2
VSS_SRC
451
SRCC_1
CPUC2_ITP / SRCC_10
550
SRCT_1
CPUT2_ITP / SRCT_10
649
VDD_SRC
VDDA
748
SRCC_0 / LCD100MC
VSSA
847
SRCT_0 / LCD100MT
IREF
946
CLKREQ1#
CPUC1
10
45
FSB/TEST_MODE
CPUT1
11
44
DOT96C / 27M_SS
VDD_CPU
12
43
DOT96T / 27M_NSS
CPUC0
13
42
VSS_48
CPUT0
14
41
48M / FSA
VSS_CPU
15
40
VDD_48
SCLK
16
39
VTT_PWRGD# / PD
SDATA
17
38
CLKREQ7#
VDD_REF
18
37
PCIF0/ITP_SEL
19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36
CY28447
IREF
VDD
REF[1:0]
VDD
CPUT2_ITP/SRCT10
CPUC2_ITP/SRCC10
VDD
Divider
Divider
Divider
14.318MHz
Crystal
CPU
PLL
LVDS
PLL
Fixed
PLL
PLLReference
XIN
XOUT
PCI_STP#
FS[C:A]
VTT_PWRGD#/PD
CPUT[0:1]
CPUC[0:1]
SRCT(1:9])
VDD
PCI[1:4]
VDD
PCIF0
VDD_PCI
CPU_STP#
CLKREQ[1:9]#
VDD
FCTSEL1
SEL_CLKREQ
ITP_SEL
SRCC(1:9])
48M
VDD48
SRCT0/100MT_SST
SRCC0/100MC_SST
I2C
Logic
SDATA
SCLK
27MNon-spread
VDD48
Divider
27M
PLL
27MSpread
VDD48
VDD48
DOT96T
DOT96C


Similar Part No. - CY28447LFXC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CY28447LFXC ETC2-CY28447LFXC Datasheet
198Kb / 21P
   Clock Generator for Intel짰 Calistoga Chipset
logo
Cypress Semiconductor
CY28447LFXC CYPRESS-CY28447LFXC Datasheet
284Kb / 22P
   Clock Generator for Intel Calistoga Chipset
logo
Silicon Laboratories
CY28447LFXC SILABS-CY28447LFXC Datasheet
1Mb / 23P
   Clock Generator for Intel짰Calistoga Chipset
logo
List of Unclassifed Man...
CY28447LFXCT ETC2-CY28447LFXCT Datasheet
198Kb / 21P
   Clock Generator for Intel짰 Calistoga Chipset
logo
Cypress Semiconductor
CY28447LFXCT CYPRESS-CY28447LFXCT Datasheet
284Kb / 22P
   Clock Generator for Intel Calistoga Chipset
More results

Similar Description - CY28447LFXC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CY28447 ETC2-CY28447 Datasheet
198Kb / 21P
   Clock Generator for Intel짰 Calistoga Chipset
logo
SpectraLinear Inc
CY28443-3 SPECTRALINEAR-CY28443-3 Datasheet
242Kb / 23P
   Clock Generator for Intel짰 Calistoga Chipset
CY28446 SPECTRALINEAR-CY28446 Datasheet
179Kb / 19P
   Clock Generator for Intel짰 Calistoga Chipset
logo
Cypress Semiconductor
CY28443 CYPRESS-CY28443 Datasheet
665Kb / 25P
   Clock Generator for Intel짰 Calistoga Chipset
CY28443-2 CYPRESS-CY28443-2 Datasheet
459Kb / 24P
   Clock Generator for Intel짰 Calistoga Chipset
CY28446 CYPRESS-CY28446 Datasheet
349Kb / 21P
   Clock Generator for Intel짰 Calistoga Chipset
CY28447 CYPRESS-CY28447 Datasheet
284Kb / 22P
   Clock Generator for Intel Calistoga Chipset
logo
SpectraLinear Inc
CY28412 SPECTRALINEAR-CY28412 Datasheet
205Kb / 16P
   Clock Generator for Intel짰 Grantsdale Chipset
logo
Silicon Laboratories
SL28506-2 SILABS-SL28506-2 Datasheet
283Kb / 27P
   Clock Generator for Intel짰 Eaglelake Chipset
logo
Cypress Semiconductor
CY28412 CYPRESS-CY28412 Datasheet
302Kb / 17P
   Clock Generator for Intel짰 Grantsdale Chipset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com