Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY28447LFXC Datasheet(PDF) 11 Page - SpectraLinear Inc

Part # CY28447LFXC
Description  Clock Generator for Intel짰 Calistoga Chipset
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

CY28447LFXC Datasheet(HTML) 11 Page - SpectraLinear Inc

Back Button CY28447LFXC Datasheet HTML 7Page - SpectraLinear Inc CY28447LFXC Datasheet HTML 8Page - SpectraLinear Inc CY28447LFXC Datasheet HTML 9Page - SpectraLinear Inc CY28447LFXC Datasheet HTML 10Page - SpectraLinear Inc CY28447LFXC Datasheet HTML 11Page - SpectraLinear Inc CY28447LFXC Datasheet HTML 12Page - SpectraLinear Inc CY28447LFXC Datasheet HTML 13Page - SpectraLinear Inc CY28447LFXC Datasheet HTML 14Page - SpectraLinear Inc CY28447LFXC Datasheet HTML 15Page - SpectraLinear Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
CY28447
Rev 1.0, November 20, 2006
Page 11 of 21
PD (Power-down) Clarification
The VTT_PWRGD# /PD pin is a dual-function pin. During
initial power-up, the pin functions as VTT_PWRGD#. Once
VTT_PWRGD# has been sampled LOW by the clock chip, the
pin assumes PD functionality. The PD pin is an asynchronous
active HIGH input used to shut off all clocks cleanly prior to
shutting off power to the device. This signal is synchronized
internal to the device prior to powering down the clock synthe-
sizer. PD is also an asynchronous input for powering up the
system. When PD is asserted HIGH, all clocks need to be
driven to a LOW value and held prior to turning off the VCOs
and the crystal oscillator.
PD (Power-down) Assertion
When PD is sampled HIGH by two consecutive rising edges
of CPUC, all single-ended outputs will be held LOW on their
next HIGH-to-LOW transition and differential clocks must be
held HIGH or tri-stated (depending on the state of the control
register drive mode bit) on the next diff clock# HIGH-to-LOW
transition within 4 clock periods. When the SMBus PD drive
mode bit corresponding to the differential (CPU, SRC, and
DOT) clock output of interest is programmed to ‘0’, the clock
outputs are held with “Diff clock” pin driven HIGH at 2 x Iref,
and “Diff clock#” tri-state. If the control register PD drive mode
bit corresponding to the output of interest is programmed to
“1”, then both the “Diff clock” and the “Diff clock#” are tri-state.
Note that Figure 4 shows CPUT = 133 MHz and PD drive
mode = ‘1’ for all differential outputs. This diagram and
description is applicable to valid CPU frequencies 100, 133,
166, and 200 MHz. In the event that PD mode is desired as
the initial power-on state, PD must be asserted HIGH in less
than 10 s after asserting Vtt_PwrGd#. It should be noted that
96_100_SSC will follow the DOT waveform is selected for
96 MHz and the SRC waveform when in 100-MHz mode.
PD Deassertion
The power-up latency is less than 1.8 ms. This is the time from
the deassertion of the PD pin or the ramping of the power
supply until the time that stable clocks are output from the
clock chip. All differential outputs stopped in a three-state
condition resulting from power down will be driven high in less
than 300 s of PD deassertion to a voltage greater than
200 mV. After the clock chip’s internal PLL is powered up and
locked, all outputs will be enabled within a few clock cycles of
each other. Figure 5 is an example showing the relationship of
clocks coming up. It should be noted that 96_100_SSC will
follow the DOT waveform is selected for 96 MHz and the SRC
waveform when in 100-MHz mode.
Figure 4. Power-down Assertion Timing Waveform
PD
USB, 48MHz
DOT96T
DOT96C
SRCT 100MHz
SRCC 100MHz
CPUT, 133MHz
PCI, 33 MHz
REF
CPUC, 133MHz
Figure 5. Power-down Deassertion Timing Waveform
DOT96C
PD
CPUC, 133MHz
CPUT, 133MHz
SRCC 100MHz
USB, 48MHz
DOT96T
SRCT 100MHz
Tstable
<1.8 ms
PCI, 33MHz
REF
Tdrive_PWRDN#
<300 s, >200 mV


Similar Part No. - CY28447LFXC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CY28447LFXC ETC2-CY28447LFXC Datasheet
198Kb / 21P
   Clock Generator for Intel짰 Calistoga Chipset
logo
Cypress Semiconductor
CY28447LFXC CYPRESS-CY28447LFXC Datasheet
284Kb / 22P
   Clock Generator for Intel Calistoga Chipset
logo
Silicon Laboratories
CY28447LFXC SILABS-CY28447LFXC Datasheet
1Mb / 23P
   Clock Generator for Intel짰Calistoga Chipset
logo
List of Unclassifed Man...
CY28447LFXCT ETC2-CY28447LFXCT Datasheet
198Kb / 21P
   Clock Generator for Intel짰 Calistoga Chipset
logo
Cypress Semiconductor
CY28447LFXCT CYPRESS-CY28447LFXCT Datasheet
284Kb / 22P
   Clock Generator for Intel Calistoga Chipset
More results

Similar Description - CY28447LFXC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CY28447 ETC2-CY28447 Datasheet
198Kb / 21P
   Clock Generator for Intel짰 Calistoga Chipset
logo
SpectraLinear Inc
CY28443-3 SPECTRALINEAR-CY28443-3 Datasheet
242Kb / 23P
   Clock Generator for Intel짰 Calistoga Chipset
CY28446 SPECTRALINEAR-CY28446 Datasheet
179Kb / 19P
   Clock Generator for Intel짰 Calistoga Chipset
logo
Cypress Semiconductor
CY28443 CYPRESS-CY28443 Datasheet
665Kb / 25P
   Clock Generator for Intel짰 Calistoga Chipset
CY28443-2 CYPRESS-CY28443-2 Datasheet
459Kb / 24P
   Clock Generator for Intel짰 Calistoga Chipset
CY28446 CYPRESS-CY28446 Datasheet
349Kb / 21P
   Clock Generator for Intel짰 Calistoga Chipset
CY28447 CYPRESS-CY28447 Datasheet
284Kb / 22P
   Clock Generator for Intel Calistoga Chipset
logo
SpectraLinear Inc
CY28412 SPECTRALINEAR-CY28412 Datasheet
205Kb / 16P
   Clock Generator for Intel짰 Grantsdale Chipset
logo
Silicon Laboratories
SL28506-2 SILABS-SL28506-2 Datasheet
283Kb / 27P
   Clock Generator for Intel짰 Eaglelake Chipset
logo
Cypress Semiconductor
CY28412 CYPRESS-CY28412 Datasheet
302Kb / 17P
   Clock Generator for Intel짰 Grantsdale Chipset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com