Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BYW100-200 Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part # BYW100-200
Description  SUPER FAST RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

BYW100-200 Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  BYW100-200 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited BYW100-200 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Low cost
Diffvsed junction
Low leakage
and sim ilar solvents
MECHANICAL DATA
Case: JEDEC DO-15, molded plastic
MIL-STD-202,Method 208
Mounting: Any
Ratings at 25
am bient tem perature unless otherwise s pecified.
Single phase,half wave,50Hz,resistive or inductive load. For capacitive load,derate by 20%.
Maximum peak repetitive reverse voltage
VRRM
V
Maximum RMS voltage
VRMS
V
Maximum DC blocking voltage
VDC
V
Maximum average forw ard rectified current
9.5mm lead length,
@T
A=95
Peak f orw ard surge urrent
8.3ms single half-sine-w ave
superimposed on rated load
@T
J =125
Maximum instantaneous
@ 4.5A,TJ=25
forw ard voltage
@ 1.5 A,TJ=100
VF
V
Maximum reverse current
@T
A=25
at rated DC blocking voltage
@T
A=100
Maximum reverse recovery time
(Note1)
trr
ns
Typical junction capacitance
(Note2)
CJ
pF
Typical thermal resistance
(Note3)
RθJA
/
W
Operating junction temperature range
TJ
Storage temperature range
TSTG
NOTE: 1. Measured with I
F=1A, VR=30V, dI
F /dt=-50A/ µ S.
2. Measured at 1.0MH
Z and applied rev erse v oltage of 4. 0V DC .
3. Thermal resistance f rom junction to ambient.
500.0
0.85
- 55 ----- + 150
Easily cleaned with freon,alcohol, lsopropand
Polarity: Color band denotes cathode
Weight: 0.014 ounces, 0.39 gram s
IR
35
62
45
- 55 ----- + 150
SUPER FAST RECTIFIERS
VOLTAGE RANGE: 200 V
CURRENT: 1.5 A
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
DO - 15
Low forward voltage drop
High crrent capability
IF(AV)
A
10.0
IFSM
Term inals: Axial leads,solderable per
1.5
50.0
200
A
A
BYW100---200
BYW100-200
200
140
UNITS
BL
Document Number 0264020
1.
δ=0.5
1.2
GALAXY ELECTRICAL
www.galaxycn.com
BL
GALAXY ELECTRICAL


Similar Part No. - BYW100-200

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BYW100-200 STMICROELECTRONICS-BYW100-200 Datasheet
48Kb / 5P
   HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODE
logo
Shenzhen Taychipst Elec...
BYW100-200 TAYCHIPST-BYW100-200 Datasheet
978Kb / 2P
   HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
logo
Diode Semiconductor Kor...
BYW100-200 DSK-BYW100-200 Datasheet
296Kb / 2P
   SUPER FAST RECTIFIERS
logo
New Jersey Semi-Conduct...
BYW100-200 NJSEMI-BYW100-200 Datasheet
84Kb / 1P
   RECTIFIER DIODES
More results

Similar Description - BYW100-200

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
31DF1 BILIN-31DF1 Datasheet
55Kb / 2P
   SUPER FAST RECTIFIERS
BYV26A BILIN-BYV26A Datasheet
54Kb / 2P
   SUPER FAST RECTIFIERS
RL4A BILIN-RL4A Datasheet
55Kb / 2P
   SUPER FAST RECTIFIERS
logo
HY ELECTRONIC CORP.
SF801 HY-SF801 Datasheet
94Kb / 2P
   SUPER FAST RECTIFIERS
logo
Bruckewell Technology L...
SF3060PT BWTECH-SF3060PT Datasheet
171Kb / 3P
   Super Fast Rectifiers
logo
Leshan Radio Company
SF14 LRC-SF14_15 Datasheet
201Kb / 7P
   Super Fast Rectifiers
SF21 LRC-SF21_15 Datasheet
207Kb / 7P
   Super Fast Rectifiers
SF27 LRC-SF27_15 Datasheet
208Kb / 7P
   Super Fast Rectifiers
logo
Shenzhen Luguang Electr...
USF1610C LUGUANG-USF1610C Datasheet
178Kb / 2P
   Super Fast Rectifiers
logo
SeCoS Halbleitertechnol...
SF11 SECOS-SF11_15 Datasheet
151Kb / 2P
   Super Fast Rectifiers
SF31 SECOS-SF31_15 Datasheet
151Kb / 2P
   Super Fast Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com