Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UGP10G Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part # UGP10G
Description  SUPER FAST RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

UGP10G Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  UGP10G Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited UGP10G Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Low cost
Diffusde junction
Low leakage
low leakage current
MECHANICAL DATA
Case:JEDEC DO--41,molded plastic
Terminals: Axial lead ,solderable per
MIL- STD-202,Method 208
Polarity: Color band denotes cathode
Weight: 0.012 ounces,0.34 grams
Mounting position: Any
Ratings at 25
ambient temperature unless otherwise specified.
Single phase,half wave,60Hz,resistive or inductive load. For capacitive load,derate by 20%.
UGP
10B
UGP
10D
UGP
10F
UGP
10G
UGP
10J
UGP
10K
UNITS
Maximumrecurrent peak reverse voltage
VRRM
100
200
300
400
600
800
V
MaximumRMS voltage
VRMS
70
140
210
280
420
560
V
MaximumDC blocking voltage
VDC
100
200
300
400
600
800
V
Maximumaverage forw ard rectified current
9.5mmlead length,
@T
A=75
Peak forw ard surge current
8.3ms single half-sine-w ave
superimposed on rated load
@T
J=125
Maximuminstantaneous forw ard voltage
@ 1.0A
VF
1.7
2.2
V
Maximumreverse current
@T
A=25
at rated DC blocking voltage
@T
A=100
Maximumreverse recovery time (Note1)
trr
ns
Typical junction capacitance
(Note2)
CJ
pF
Typical thermal resistance
(Note3)
RθJA
/W
Operating junction temperature range
TJ
Storage temperature range
TSTG
- 55 ----- + 150
Easily cleaned with alcohol,Isopropanol
UGP10A --- UGP10K
A
and similar solvents
IF(AV)
SUPER FAST RECTIFIER
VOLTAGE RANGE: 50 --- 800 V
CURRENT: 1.0 A
DO - 41
Plastic package has underwriters laboratory
z
flammability classification 94v-0
50.0
3.Thermal resistance junction to ambient.
A
IR
IFSM
NOTE: 1. Measured with I
F=0.5A, IR=1A, Irr=0.25A.
2. Measured at 1.0MHz and applied rev erse v oltage of 4.0V DC.
A
50
35
- 55 ----- + 150
UGP
10A
35
50
1.0
0.95
1.25
50
17
GALAXY ELECTRICAL
5.0
30.0
25.0
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
www.galaxycn.com
BL
Document Number 0264027
1.
BLGALAXY ELECTRICAL


Similar Part No. - UGP10G

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
UGP10G ZOWIE-UGP10G Datasheet
61Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION ULTRAFAST EFFICIENT RECTIFIER
logo
TAITRON Components Inco...
UGP10G TAITRON-UGP10G Datasheet
147Kb / 4P
   1.0A Sintered Glass Passivated Ultra Fast Recovery Rectifier
logo
Shenzhen Luguang Electr...
UGP10G LUGUANG-UGP10G Datasheet
184Kb / 2P
   Super Fast Rectifiers
logo
Leshan Radio Company
UGP10G LRC-UGP10G Datasheet
183Kb / 7P
   Glass Passivated Junction Uitra Fast Rectifiers Reverse Voltage 50 to 800V Forward Current 1.0A
logo
Galaxy Semi-Conductor H...
UGP10G BILIN-UGP10G Datasheet
273Kb / 2P
   SUPER FAST RECTIFIERS
More results

Similar Description - UGP10G

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
SF11 YANGJIE-SF11 Datasheet
145Kb / 2P
   Super Fast Rectifier
logo
Galaxy Semi-Conductor H...
SF11 BILIN-SF11 Datasheet
52Kb / 2P
   SUPER FAST RECTIFIER
SF31 BILIN-SF31 Datasheet
102Kb / 2P
   SUPER FAST RECTIFIER
SF51 BILIN-SF51 Datasheet
54Kb / 2P
   SUPER FAST RECTIFIER
BYM26A BILIN-BYM26A Datasheet
49Kb / 2P
   SUPER FAST RECTIFIER
SF17 BILIN-SF17 Datasheet
144Kb / 2P
   SUPER FAST RECTIFIER
logo
Jinan Jingheng (Group) ...
SF101 JINANJINGHENG-SF101 Datasheet
88Kb / 2P
   SUPER FAST RECTIFIER
SF201 JINANJINGHENG-SF201 Datasheet
89Kb / 2P
   SUPER FAST RECTIFIER
logo
CHENG-YI ELECTRONIC CO....
SF31 CHENG-YI-SF31 Datasheet
109Kb / 2P
   SUPER FAST RECTIFIER
SF51 CHENG-YI-SF51 Datasheet
109Kb / 2P
   SUPER FAST RECTIFIER
logo
Galaxy Semi-Conductor H...
BYV27-50 BILIN-BYV27-50 Datasheet
124Kb / 2P
   SUPER FAST RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com