Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N60P Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part # 1N60P
Description  SMALL SIGNAL SCHOTTKY DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

1N60P Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  1N60P Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited 1N60P Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Metal s illicon junction m ajority carrier conduction
High current capability,Low forward voltage drop
Extrem ely low revers e current IR
Ultra s peed s witching characteris tics
MECHANICAL DATA
Cas e:JEDEC DO--35,glas s cas e
Weight: Approx. 0.13 gram
VRRM
V
Forw ard continuous current
IF
mA
IFSM
mA
TSTG/TJ
TL
Min.
Typ.
Max.
1N60P
Sm all tem perature coefficient of forward
ffffff characteris tics
SMALL SIGNAL SCHOTTKY DIODES
VOLTAGE RANGE:
45 V
CURRENT: 0.1 A
DO - 35(GLASS)
GALAXY ELECTRICAL
pF
%
ns
/W
60.0
RθJA
Reverse recovery time
Thermal resistance junction to ambient
ELECTRICAL CHARACTERISTICS
Parameters
UNITS
A
0.5
1.0
1.0
VR=15V
Detection ef f iciency (See FIG. 4)
trr
Reverse current
Junction capacitance
IR
CJ
For us e in RECORDER. TV. RADIO. TELEPHONE
Satis factory wave detection efficiency
s m all current rectifier
Symbols
Parameters
ABSOLUTE RATINGS(LIMITING VALUES)
UNITS
Value
Polarity: Color band denotes cathode end
as detectors ,s uper high s peed s witching circuits ,
V
Forward voltage
I F=1m A
VF
0.24
45
Test Conditions
Value
Repetitive peak reverse voltage
Peak f orw ard surge current (t=1s)
T
A =25
Storage and junction temperature range
I
F=IR =1 m A Irr =1 m A R
C=100
I
F=200m A
1N60P
500
XX- 55 ---- + 125
230
Maximum lead temperature f or soldering during 10s at 4mm f rom case
Symbols
50
0.65
0.5
VR=10V f=1MHz
Vl=3V f=30MHz
CL=10pF RL=3.8K
1.0
6.0
400
www.galaxycn.com
BL
Document Number 0265007
1.
BLGALAXY ELECTRICAL


Similar Part No. - 1N60P

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N60P SEMTECH-1N60P Datasheet
88Kb / 2P
   POINT CONTACT GERMANIUM DIODE
logo
Unisonic Technologies
1N60P UTC-1N60P Datasheet
274Kb / 6P
   1.2A, 600V N-CHANNEL POWER MOSFET
logo
Formosa MS
1N60P FORMOSA-1N60P Datasheet
80Kb / 2P
   Schottky Barrier Diode
logo
Shenzhen Luguang Electr...
1N60P LUGUANG-1N60P Datasheet
184Kb / 2P
   Small Signal Schottky Diodes
logo
DAESAN ELECTRONIC CORP.
1N60P DAESAN-1N60P Datasheet
310Kb / 2P
   GERMANIUM DIODES
More results

Similar Description - 1N60P

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TMMBAT47 STMICROELECTRONICS-TMMBAT47 Datasheet
63Kb / 5P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Micro Commercial Compon...
BAT86 MCC-BAT86 Datasheet
159Kb / 1P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Vishay Siliconix
SD101AW VISHAY-SD101AW Datasheet
99Kb / 6P
   Small Signal Schottky Diodes
Rev. 1.4, 16-Dec-05
logo
Micro Commercial Compon...
SD103A MCC-SD103A Datasheet
121Kb / 3P
   Small Signal Schottky Diodes
logo
STMicroelectronics
BAR18 STMICROELECTRONICS-BAR18 Datasheet
224Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODES
BAR42 STMICROELECTRONICS-BAR42 Datasheet
54Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Galaxy Semi-Conductor H...
LL5712 BILIN-LL5712 Datasheet
61Kb / 3P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Vishay Siliconix
BAS281 VISHAY-BAS281_12 Datasheet
175Kb / 4P
   Small Signal Schottky Diodes
Rev. 1.8, 23-Jul-10
BAT81S VISHAY-BAT81S_12 Datasheet
106Kb / 4P
   Small Signal Schottky Diodes
Rev. 1.8, 23-Jul-10
logo
Comchip Technology
CDBV3-54 COMCHIP-CDBV3-54_12 Datasheet
103Kb / 4P
   Small Signal Schottky Diodes
CDBH3-00340C-G COMCHIP-CDBH3-00340C-G Datasheet
67Kb / 2P
   Small Signal Schottky Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com