Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L4957A Datasheet(PDF) 4 Page - STMicroelectronics

Part # L4957A
Description  UP TO 5A ULDO LINEAR REGULATOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4957A Datasheet(HTML) 4 Page - STMicroelectronics

  L4957A Datasheet HTML 1Page - STMicroelectronics L4957A Datasheet HTML 2Page - STMicroelectronics L4957A Datasheet HTML 3Page - STMicroelectronics L4957A Datasheet HTML 4Page - STMicroelectronics L4957A Datasheet HTML 5Page - STMicroelectronics L4957A Datasheet HTML 6Page - STMicroelectronics L4957A Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
*P ulsed te cniq ue h as been used
-40
-2 0
0
204 06080
10 0 12 0 1 40 16 0
0
1
2
3
4
5
6
7
8
9
10
Tj [
°C]
O u tpu t C urre nt [A]
(Vin-Vou t) > 2V
pin 2 = G ND
Figure 3: Maximum Output Current vs. Junction
Temperature
Vin >2. 8 V
Tj=1 25 C
Tc =2 5
°C
Pd m a x = 40 W
Rd s o n
lim it
D C Operat ing A rea
P o w e r D is s ip at ion L im it
C urrent Lim it a t io n
Tc = 7 0
°C
Pd m a x = 22 W
0
12345
678
0
1
2
3
4
5
6
7
8
(V in - Vou t) [V ]
O u t put C ur r e n t [ A ]
Figure 4: DC Operating Area
0
10
20
30
40
50
60
70
80
90
10 0
F r eq u ency [ H z ]
Ripp le Re j e c t i o n [ d B ]
1k
1 0
10 0
1 0k
1 00k
V r ip pl e= 3V p- p V r ipple = 0.5 V p- p
C in = 22 uF
Co u t= 2 2 u F
Vo u t= 1 .5 V
Vin m in = 3 V
Io ut= 5 A
Figure 5: Ripple Rejection vs. Frequency
6.3
IOUT(A)
VOUT
(V)
D00IN1109
Figure 6: Output Voltage vs. Output Current.
(VOUT = 1.5V)
0
0 .2 0.4
0 .6 0.8
1
1.2 1 .4
1.6 1 .8
2
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
∆ V= V in - Vo
Io
[A ]
m a x i mu m R o n li mi ts
Tj = 1 0 0
°C
Tj = 1 2 5
°C
Tj = 2 5
°C
Figure 7: Maximum Output Current vs. Drop-Out
Voltage
L4957A
4/7


Similar Part No. - L4957A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4957A STMICROELECTRONICS-L4957A Datasheet
120Kb / 12P
   Up to 5A ULDO linear regulator
L4957AD-3.3 STMICROELECTRONICS-L4957AD-3.3 Datasheet
134Kb / 12P
   Up to 5A ULDO linear regulator
L4957AD1.5 STMICROELECTRONICS-L4957AD1.5 Datasheet
120Kb / 12P
   Up to 5A ULDO linear regulator
L4957AD1.5TR STMICROELECTRONICS-L4957AD1.5TR Datasheet
120Kb / 12P
   Up to 5A ULDO linear regulator
L4957AD1.8 STMICROELECTRONICS-L4957AD1.8 Datasheet
120Kb / 12P
   Up to 5A ULDO linear regulator
More results

Similar Description - L4957A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4957A STMICROELECTRONICS-L4957A_06 Datasheet
120Kb / 12P
   Up to 5A ULDO linear regulator
L4957AD-3.3 STMICROELECTRONICS-L4957AD-3.3 Datasheet
134Kb / 12P
   Up to 5A ULDO linear regulator
L4957 STMICROELECTRONICS-L4957 Datasheet
63Kb / 7P
   UP TO 4A ULDO LINEAR REGULATOR
L4955 STMICROELECTRONICS-L4955 Datasheet
142Kb / 14P
   5A ULDO LINEAR REGULATORS FAMILY
logo
Micrel Semiconductor
MIC47053 MICREL-MIC47053 Datasheet
596Kb / 14P
   500mA Micropower ULDO??Linear Regulator
logo
STMicroelectronics
L6932 STMICROELECTRONICS-L6932 Datasheet
355Kb / 10P
   HIGH PERFORMANCE 2A ULDO LINEAR REGULATOR
L6932 STMICROELECTRONICS-L6932_05 Datasheet
353Kb / 11P
   HIGH PERFORMANCE 2A ULDO LINEAR REGULATOR
L6932H12 STMICROELECTRONICS-L6932H12 Datasheet
259Kb / 13P
   High performance 2A ULDO linear regulator
logo
Monolithic Power System...
MP2005 MPS-MP2005 Datasheet
385Kb / 10P
   800mA High PSRR, ULDO Linear Regulator
logo
SHANGHAI BELLING CO., L...
BL1084 BELLING-BL1084 Datasheet
677Kb / 13P
   5A Bipolar Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com