Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY2254ASC-2 Datasheet(PDF) 5 Page - SpectraLinear Inc

Part # CY2254ASC-2
Description  Pentium짰 Processor Compatible Clock Synthesizer/Driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

CY2254ASC-2 Datasheet(HTML) 5 Page - SpectraLinear Inc

  CY2254ASC-2 Datasheet HTML 1Page - SpectraLinear Inc CY2254ASC-2 Datasheet HTML 2Page - SpectraLinear Inc CY2254ASC-2 Datasheet HTML 3Page - SpectraLinear Inc CY2254ASC-2 Datasheet HTML 4Page - SpectraLinear Inc CY2254ASC-2 Datasheet HTML 5Page - SpectraLinear Inc CY2254ASC-2 Datasheet HTML 6Page - SpectraLinear Inc CY2254ASC-2 Datasheet HTML 7Page - SpectraLinear Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
CY2254A
Rev 1.0, November 25, 2006
Page 5 of 7
Note:
5. All parameters specified with outputs fully loaded.
6. Duty cycle is measured at 1.5V.
Switching Waveforms (continued)
Clock Skew
CPUCLK/
PCICLK
1.5V
1.5V
t5
t6


Similar Part No. - CY2254ASC-2

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2254ASC-2 CYPRESS-CY2254ASC-2 Datasheet
94Kb / 8P
   Pentium Processor Compatible Clock Synthesizer/Driver
More results

Similar Description - CY2254ASC-2

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2254A CYPRESS-CY2254A Datasheet
94Kb / 8P
   Pentium Processor Compatible Clock Synthesizer/Driver
C9870G CYPRESS-C9870G Datasheet
175Kb / 25P
   High Performance Pentium짰 4 Clock Synthesizer
logo
SpectraLinear Inc
CY28342 SPECTRALINEAR-CY28342 Datasheet
258Kb / 21P
   High-performance SiS645/650 Pentium짰 4-Clock Synthesizer
logo
Texas Instruments
CDC922 TI1-CDC922_06 Datasheet
254Kb / 18P
[Old version datasheet]   133MHz CLOCK SYNTHESIZER/DRIVER
CDC924 TI1-CDC924_08 Datasheet
462Kb / 21P
[Old version datasheet]   133Mhz Clock Synthesizer/Driver
logo
SpectraLinear Inc
CY2280 SPECTRALINEAR-CY2280 Datasheet
170Kb / 11P
   100 MHz Pentium짰 II Clock Synthesizer/Driver with Spread Spectrum for Mobile or Desktop PCs
logo
Texas Instruments
CDC9842 TI1-CDC9842 Datasheet
105Kb / 7P
[Old version datasheet]   PC MOTHERBOARD CLOCK SYNTHESIZER/DRIVER
logo
Axiomtek Co., Ltd.
CEM313 AXIOMTEK-CEM313 Datasheet
269Kb / 1P
   Intel짰 Pentium짰 processor N4200 & Celeron짰 processor
logo
Intel Corporation
BX80547PG3200FSL8Q6 INTEL-BX80547PG3200FSL8Q6 Datasheet
2Mb / 105P
   Intel짰 Pentium짰 4 Processor 6xx? Sequence and Intel짰 Pentium짰 4 Processor Extreme Edition
logo
Cypress Semiconductor
W320-03 CYPRESS-W320-03_05 Datasheet
302Kb / 18P
   200-MHz Spread Spectrum Clock Synthesizer/Driver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com