Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY2277APAC-1M Datasheet(PDF) 1 Page - SpectraLinear Inc

Part # CY2277APAC-1M
Description  Pentium짰/II, 6x86, K6 Clock Synthesizer/Driver for Desktop/ Mobile PCs with Intel짰 82430TX and 2 DIMMs or 3 SO-DIMMs
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

CY2277APAC-1M Datasheet(HTML) 1 Page - SpectraLinear Inc

  CY2277APAC-1M Datasheet HTML 1Page - SpectraLinear Inc CY2277APAC-1M Datasheet HTML 2Page - SpectraLinear Inc CY2277APAC-1M Datasheet HTML 3Page - SpectraLinear Inc CY2277APAC-1M Datasheet HTML 4Page - SpectraLinear Inc CY2277APAC-1M Datasheet HTML 5Page - SpectraLinear Inc CY2277APAC-1M Datasheet HTML 6Page - SpectraLinear Inc CY2277APAC-1M Datasheet HTML 7Page - SpectraLinear Inc CY2277APAC-1M Datasheet HTML 8Page - SpectraLinear Inc CY2277APAC-1M Datasheet HTML 9Page - SpectraLinear Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Pentium®/II, 6x86, K6 Clock Synthesizer/Driver for Desktop/
Mobile PCs with Intel® 82430TX and 2 DIMMs or 3 SO-DIMMs
CY2277A
Rev 1.0, November 25, 2006
Page 1 of 18
2200 Laurelwood Road, Santa Clara, CA 95054
Tel:(408) 855-0555
Fax:(408) 855-0550
www.SpectraLinear.com
Y2277A
Features
• Mixed 2.5V and 3.3V operation
• Complete clock solution to meet requirements of
Pentium®, Pentium® II, 6x86, or K6 motherboards
— Four CPU clocks at 2.5V or 3.3V
— Up to eight 3.3V SDRAM clocks
— Seven 3.3V synchronous PCI clocks, one free
running
— Two 3.3V USB/IO clocks at 48 or 24 MHz, selectable
by serial interface
— One 2.5V IOAPIC clock at 14.318 MHz
— Two 3.3V Ref. clocks at 14.318 MHz
• Factory-EPROM programmable CPU, PCI, and USB/IO
clock frequencies for custom configuration
• Factory-EPROM programmable output drive and slew
rate for EMI customization
• MODE Enable pin for CPU_STOP and PCI_STOP
• SMBus serial configuration interface
• Available in space-saving 48-pin SSOP and TSSOP
packages.
Functional Description
The CY2277A is a Clock Synthesizer/Driver for Pentium,
Pentium II, 6X86, and K6 portable PCs designed with the Intel®
82430TX or similar chipsets. There are three available options
as shown in the selector guide
The CY2277A outputs four CPU clocks at 2.5V or 3.3V with up
to nine selectable frequencies. There are up to eight 3.3V
SDRAM clocks and seven PCI clocks, running at one half the
CPU clock frequency. One of the PCI clocks is free-running.
Additionally, the part outputs two 3.3V USB/IO clocks at 48
MHz or 24 MHz, one 2.5V IOAPIC clock at 14.318 MHz, and
two 3.3V reference clocks at 14.318 MHz. The CPU, PCI,
USB, and IO clock frequencies are factory-EPROM program-
mable for easy customization with fast turnaround times.
The CY2277A has power-down, CPU stop and PCI stop pins
for power management control. The CPU stop and PCI stop
are controlled by the MODE pin. They are multiplexed with
SDRAM clock outputs, and are selected when the MODE pin
is driven LOW. Additionally, these inputs are synchronized
on-chip,
enabling
glitch-free
transitions.
When
the
CPU_STOP input is asserted, the CPU outputs are driven
LOW. When the PCI_STOP input is asserted, the PCI outputs
(except the free-running PCI clock) are driven LOW. Finally,
when the PWR_DWN pin is asserted, the reference oscillator
and PLLs are shut down, and all outputs are driven LOW.
The CY2277A outputs are designed for low EMI emission.
Controlled rise and fall times, unique output driver circuits and
factory-EPROM programmable output drive and slew-rate
enable optimal configurations for EMI control.
.
EPROM
Pin Configuration
Logic Block Diagram
XTALOUT
XTALIN
IOAPIC (14.318 MHz)
14.318
MHz
OSC.
SDRAM[0–5]
SEL
SDRAM7/PCI_STOP
VDDQ2
CPU
PLL
MODE
SYS
PLL
/2
Delay
1
2
3
4
5
6
7
8
9
10
11
12
33
32
31
30
29
25
26
27
28
36
35
REF1
34
Top View
13
14
15
16
17
18
19
20
21
22
23
24
45
44
43
42
41
37
38
39
40
48
47
46
REF0
VSS
XTALIN
XTALOUT
MODE
VDDQ3
PCICLK_F
PCICLK0
VSS
PCICLK1
PCICLK2
PCICLK3
PCICLK4
VDDQ3
PCICLK5
VSS
SEL
SDATA
SCLK
VDDQ3
USBCLK/IOCLK
USBCLK/IOCLK
VSS
AVDD
PWR_SEL
VDDQ2
IOAPIC
PWR_DWN
VSS
CPUCLK0
CPUCLK1
VDDCPU
CPUCLK2
CPUCLK3
VSS
SDRAM0
SDRAM1
VDDQ3
SDRAM2
SDRAM3
VSS
SDRAM4
SDRAM5
VDDQ3
SDRAM6/CPU_STOP
SDRAM7/PCI_STOP
AVDD
SCLK
SDATA
REF [0–1]
(14.318)
CPUCLK[0–3]
VDDCPU
SDRAM6/CPU_STOP
PCI[0–5]
PCICLK_F
USBCLK/IOCLK[0:1]
STOP
STOP
INTERFACE
CONTROL
LOGIC
SERIAL
LOGIC
LOGIC
Divide and
Mux Logic
PWR_DWN


Similar Part No. - CY2277APAC-1M

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2277APAC-1M CYPRESS-CY2277APAC-1M Datasheet
206Kb / 19P
   6x86, K6 Clock Synthesizer/Driver for Desktop Mobile PCs with Intel 82430TX and 2 DIMMs or 3 SO-DIMMs
More results

Similar Description - CY2277APAC-1M

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2277A CYPRESS-CY2277A Datasheet
206Kb / 19P
   6x86, K6 Clock Synthesizer/Driver for Desktop Mobile PCs with Intel 82430TX and 2 DIMMs or 3 SO-DIMMs
CY2273A CYPRESS-CY2273A Datasheet
168Kb / 14P
   Pentium짰/II, 6x86, K6 Clock Synthesizer/Driver for Desktop PCs with Intel 82430TX, 82440LX or ALI IV/IV, AGP and 3 DIMMs
CY2283 CYPRESS-CY2283 Datasheet
219Kb / 12P
   PentiumII, K6, 6x86 100-MHz Clock Synthesizer/Driver for Desktop PCs with ALI or VIA Chipsets, AGP and 3 DIMMs
logo
SpectraLinear Inc
CY2280 SPECTRALINEAR-CY2280 Datasheet
170Kb / 11P
   100 MHz Pentium짰 II Clock Synthesizer/Driver with Spread Spectrum for Mobile or Desktop PCs
logo
Cypress Semiconductor
CY2310ANZ CYPRESS-CY2310ANZ_05 Datasheet
187Kb / 8P
   3.3V SDRAM Buffer for Mobile PCs with 4 SO-DIMMs
logo
Alliance Semiconductor ...
ASM2I2310ANZ ALSC-ASM2I2310ANZ Datasheet
501Kb / 12P
   3.3V SDRAM Buffer for Mobile PCs with 4 SO-DIMMs
logo
Cypress Semiconductor
CY2310ANZ CYPRESS-CY2310ANZ_09 Datasheet
264Kb / 9P
   3.3V SDRAM Buffer for Mobile PCs with 4 SO-DIMMs
CY2310ANZ CYPRESS-CY2310ANZ Datasheet
300Kb / 15P
   3.3V SDRAM Buffer for Mobile PCs with 4 SO-DIMMs
CY2280 CYPRESS-CY2280 Datasheet
152Kb / 12P
   100-MHz Pentium II Clock Synthesizer/Driver with Spread Spectrum for Mobile or Desktop PCs
logo
ON Semiconductor
PCS2I2310ANZ ONSEMI-PCS2I2310ANZ Datasheet
153Kb / 11P
   3.3 V SDRAM Buffer for Mobile PCS with 4 SO-DIMMs
August, 2011 ??Rev. P2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com